Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS62UV2006DCP10 Datasheet(PDF) 4 Page - Brilliance Semiconductor

Part # BS62UV2006DCP10
Description  Ultra Low Power/Voltage CMOS SRAM 256K X 8 bit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS62UV2006DCP10 Datasheet(HTML) 4 Page - Brilliance Semiconductor

  BS62UV2006DCP10 Datasheet HTML 1Page - Brilliance Semiconductor BS62UV2006DCP10 Datasheet HTML 2Page - Brilliance Semiconductor BS62UV2006DCP10 Datasheet HTML 3Page - Brilliance Semiconductor BS62UV2006DCP10 Datasheet HTML 4Page - Brilliance Semiconductor BS62UV2006DCP10 Datasheet HTML 5Page - Brilliance Semiconductor BS62UV2006DCP10 Datasheet HTML 6Page - Brilliance Semiconductor BS62UV2006DCP10 Datasheet HTML 7Page - Brilliance Semiconductor BS62UV2006DCP10 Datasheet HTML 8Page - Brilliance Semiconductor BS62UV2006DCP10 Datasheet HTML 9Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
R0201-BS62UV2006
Revision 1.1
Jan.
2004
4
AC ELECTRICAL CHARACTERISTICS ( TA = -40oC to + 85oC)
READ CYCLE
KEY TO SWITCHING WAVEFORMS
WAVEFORM
INPUTS
OUTPUTS
MUST BE
STEADY
MAY CHANGE
FROM H TO L
DON T CARE:
ANY CHANGE
PERMITTED
DOES NOT
APPLY
MUST BE
STEADY
WILL BE
CHANGE
FROM H TO L
CHANGE :
STATE
UNKNOWN
CENTER
LINE IS HIGH
IMPEDANCE
”OFF ”STATE
MAY CHANGE
FROM L TO H
WILL BE
CHANGE
FROM L TO H
,
BSI
BS62UV2006
AC TEST CONDITIONS
(Test Load and Input/Output Reference)
Input Pulse Levels
Vcc / 0V
Input Rise and Fall Times
1V/ns
Input and Output
Timing Reference Level
0.5Vcc
Output Load
CL = 100pF+1TTL
CL = 30pF+1TTL
JEDEC
PARAMETER
NAME
PARAMETER
NAME
DESCRIPTION
CYCLE TIME : 100ns
(Vcc = 1.9~3.6V)
(Vcc = 1.9~3.6V)
UNIT
t
AVAX
t
RC
Read Cycle Time
100
----
85
----
ns
t
AVQV
t
AA
Address Access Time
--
--
100
--
--
85
ns
t
E1LQV
t
ACS1
Chip Select Access Time
--
--
100
--
--
85
ns
t
E2HOV
t
ACS2
--
--
100
--
--
85
ns
t
GLQV
t
OE
Output Enable to Output Valid
--
--
45
--
--
40
ns
t
E1LQX
t
CLZ1
Chip Select to Output Low Z
15
--
--
15
--
--
ns
t
E2HOX
t
CLZ2
15
--
--
15
--
--
ns
t
GLQX
t
OLZ
Output Enable to Output in Low Z
15
--
--
10
--
--
ns
t
E1HQZ
t
CHZ1
Chip Deselect to Output in High Z
--
--
40
--
--
35
ns
t
E2HQZ
t
CHZ2
--
--
40
--
--
35
ns
t
GHQZ
t
OHZ
Output Disable to Output in High Z
--
--
35
--
--
30
ns
t
AXOX
t
OH
Data Hold from Address Change
15
--
--
15
--
--
ns
MIN. TYP. MAX.
MIN. TYP. MAX.
Chip Select Access Time
(CE2)
(CE1)
Chip Select to Output Low Z
(CE1)
(CE2)
Chip Deselect to Output in High Z
(CE1)
(CE2)
CYCLE TIME : 85ns


Similar Part No. - BS62UV2006DCP10

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62UV2001 BSI-BS62UV2001 Datasheet
282Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62UV2001SC BSI-BS62UV2001SC Datasheet
282Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62UV2001SI BSI-BS62UV2001SI Datasheet
282Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62UV2001STC BSI-BS62UV2001STC Datasheet
282Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62UV2001STI BSI-BS62UV2001STI Datasheet
282Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 256K X 8 bit
More results

Similar Description - BS62UV2006DCP10

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62UV2001 BSI-BS62UV2001 Datasheet
282Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 256K X 8 bit
logo
AMIC Technology
LP62S2048-I AMICC-LP62S2048-I Datasheet
190Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S2048-T AMICC-LP62S2048-T Datasheet
190Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S2048A-T AMICC-LP62S2048A-T Datasheet
190Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S2048A-I AMICC-LP62S2048A-I_15 Datasheet
202Kb / 18P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S2048A-T AMICC-LP62S2048A-T_15 Datasheet
250Kb / 18P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
A62S8308 AMICC-A62S8308 Datasheet
278Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S2048A-I AMICC-LP62S2048A-I Datasheet
190Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
logo
Mosel Vitelic, Corp
V62C2802048L MOSEL-V62C2802048L Datasheet
94Kb / 10P
   Ultra Low Power 256K x 8 CMOS SRAM
V62C1802048L MOSEL-V62C1802048L Datasheet
84Kb / 9P
   Ultra Low Power 256K x 8 CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com