Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70914S25PI Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT70914S25PI
Description  HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70914S25PI Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT70914S25PI Datasheet HTML 3Page - Integrated Device Technology IDT70914S25PI Datasheet HTML 4Page - Integrated Device Technology IDT70914S25PI Datasheet HTML 5Page - Integrated Device Technology IDT70914S25PI Datasheet HTML 6Page - Integrated Device Technology IDT70914S25PI Datasheet HTML 7Page - Integrated Device Technology IDT70914S25PI Datasheet HTML 8Page - Integrated Device Technology IDT70914S25PI Datasheet HTML 9Page - Integrated Device Technology IDT70914S25PI Datasheet HTML 10Page - Integrated Device Technology IDT70914S25PI Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
6.42
IDT70914S
High-Speed 36K (4K x 9) Synchronous Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
8
Timing Waveform of Read Cycle, Either Side
NOTES:
1. Transition is measured ±200mV from Low or High-impedance voltage with the Output Test Load (Figure 2).
2.
CEL = CER = VIL, CLKENL = CLKENR = VIL.
3.
OE = VIL for the reading port, port 'B'.
4. All timing is the same for left and right ports. Ports "A" may be either the left or right port. Port "B" is opposite from port "A".
5. If tCCS < maximum specified, then data from right port READ is not valid until the maximum specified for tCWDD.
If tCCS > maximum specified, then data from right port READ is not valid until tCCS + tCD. tCWDD does not apply in this case.
Timing Waveform of Write with Port-to-Port Read(2,3,4)
DATA IN "A"
CLK "B"
R/
W "B"
ADDR "A"
R/
W "A"
CLK "A"
ADDR "B"
NO
MATCH
MATCH
NO
MATCH
MATCH
VALID
tCWDD
tCD
tDC
DATA OUT "B"
3490 drw 09
VALID
VALID
tCCS
(5)
tCD
An
An + 1
An + 2
An + 3
tCYC
tCH
tCL
tSCK
tHCK
tSCK
R/
W
ADDRESS
DATAOUT
CE
CLKEN
CLK
OE
tS
tH
tCD
tDC
tCKLZ
Qn
Qn + 1
Qn + 1
tOHZ
tOLZ
tOE
tCKHZ
3490 drw 08
(1)
(1)
(1)
(1)


Similar Part No. - IDT70914S25PI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70914S IDT-IDT70914S Datasheet
664Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT70914S IDT-IDT70914S Datasheet
133Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT70914S IDT-IDT70914S_16 Datasheet
664Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT70914S IDT-IDT70914S_18 Datasheet
133Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
More results

Similar Description - IDT70914S25PI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70914S RENESAS-70914S Datasheet
413Kb / 13P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
JULY 2019
logo
Integrated Device Techn...
IDT70914S IDT-IDT70914S_18 Datasheet
133Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT70914S IDT-IDT70914S_16 Datasheet
664Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT7099S IDT-IDT7099S Datasheet
131Kb / 9P
   HIGH-SPEED 4K x 9 SYNCHRONOUS DUAL-PORT RAM
IDT709149S IDT-IDT709149S Datasheet
134Kb / 10P
   HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
logo
Renesas Technology Corp
IDT709149S RENESAS-IDT709149S Datasheet
267Kb / 11P
   HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
FEBRUARY 2018
logo
Integrated Device Techn...
IDT709149S IDT-IDT709149S_15 Datasheet
618Kb / 10P
   HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
logo
Renesas Technology Corp
IDT70V914S RENESAS-IDT70V914S Datasheet
610Kb / 10P
   HIGH SPEED 3.3V (4K X 9) SYNCHRONOUS DUAL-PORT RAM
JANUARY 2009
logo
Integrated Device Techn...
IDT709359 IDT-IDT709359 Datasheet
302Kb / 16P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT709359 RENESAS-IDT709359 Datasheet
320Kb / 16P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com