Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70914S15PI Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT70914S15PI
Description  HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70914S15PI Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT70914S15PI Datasheet HTML 1Page - Integrated Device Technology IDT70914S15PI Datasheet HTML 2Page - Integrated Device Technology IDT70914S15PI Datasheet HTML 3Page - Integrated Device Technology IDT70914S15PI Datasheet HTML 4Page - Integrated Device Technology IDT70914S15PI Datasheet HTML 5Page - Integrated Device Technology IDT70914S15PI Datasheet HTML 6Page - Integrated Device Technology IDT70914S15PI Datasheet HTML 7Page - Integrated Device Technology IDT70914S15PI Datasheet HTML 8Page - Integrated Device Technology IDT70914S15PI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
6.42
IDT70914S
High-Speed 36K (4K x 9) Synchronous Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
4
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range (VCC = 5.0V ± 10%)
Recommended DC Operating
Conditions
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated
in the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
2. VTERM must not exceed VCC + 10% for more than 25% of the cycle time or 10ns
maximum, and is limited to < 20mA for the period of VTERM > Vcc + 10%.
Absolute Maximum Ratings(1)
Maximum Operating Temperature
and Supply Voltage(1,2)
NOTES:
1. These parameters are determined by device characterization, but are not
production tested.
2. 3dV references the interpolated capacitance when the input and output switch
from 0V to 3V or from 3V to 0V.
Capacitance
(TA = +25°C, f = 1.0MHz) TQFP Only
NOTES:
1. This is the parameter TA. This is the "instant on" casae temperature.
2. Industrial temperature: for specific speeds, packages and powers contact your
NOTES:
1. VIL > -1.5V for pulse width less than 10ns.
2. VTERM must not exceed VCC + 10%.
NOTE:
1. At VCC < 2.0V, input leakages are undefined
Symbol
Rating
Commercial
& Industrial
Military
Unit
VTERM
(2)
Terminal Voltage
with Respect
to GND
-0.5 to +7.0
-0.5 to +7.0
V
VTERM
(2)
Terminal Voltage
-0.5 to VCC
-0.5 to VCC
V
TBIAS
Temperature
Under Bias
-55 to +125
-65 to +135
oC
TSTG
Storage
Temperature
-65 to +150
-65 to +150
oC
IOUT
DC Output
Current
50
50
mA
3490 tbl 01
Grade
Ambient
Temperature
GND
VCC
Military
-55OC to+125OC0V
5.0V
+ 10%
Commercial
0OC to +70OC0V
5.0V
+ 10%
Industrial
-40OC to +85OC0V
5.0V
+ 10%
3490 tbl 02
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
4.5
5.0
5.5
V
GND
Ground
0
0
0
V
VIH
Input High Voltage
2.2
____
6.0
(2)
V
VIL
Input Low Voltage
-0.5
(1)
____
0.8
V
3490 tbl 03
Symbol
Parameter
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
8
pF
COUT
Output Capacitance
VOUT = 3dV
9
pF
3490 tbl 04
Symbol
Parameter
Test Conditions
70914S
Unit
Min.
Max.
|ILI|
Input Leakage Current(1)
VCC = 5.5V, VIN = 0V to VCC
___
10
µ A
|ILO|
Output Leakage Current
CE = VIH, VOUT = 0V to VCC
___
10
µ A
VOL
Output Low Voltage
IOL = +4mA
___
0.4
V
VOH
Output High Voltage
IOH = -4mA
2.4
___
V
3490 tbl 05


Similar Part No. - IDT70914S15PI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70914S IDT-IDT70914S Datasheet
664Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT70914S IDT-IDT70914S Datasheet
133Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT70914S IDT-IDT70914S_16 Datasheet
664Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT70914S IDT-IDT70914S_18 Datasheet
133Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
More results

Similar Description - IDT70914S15PI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70914S RENESAS-70914S Datasheet
413Kb / 13P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
JULY 2019
logo
Integrated Device Techn...
IDT70914S IDT-IDT70914S_18 Datasheet
133Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT70914S IDT-IDT70914S_16 Datasheet
664Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT7099S IDT-IDT7099S Datasheet
131Kb / 9P
   HIGH-SPEED 4K x 9 SYNCHRONOUS DUAL-PORT RAM
IDT709149S IDT-IDT709149S Datasheet
134Kb / 10P
   HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
logo
Renesas Technology Corp
IDT709149S RENESAS-IDT709149S Datasheet
267Kb / 11P
   HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
FEBRUARY 2018
logo
Integrated Device Techn...
IDT709149S IDT-IDT709149S_15 Datasheet
618Kb / 10P
   HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
logo
Renesas Technology Corp
IDT70V914S RENESAS-IDT70V914S Datasheet
610Kb / 10P
   HIGH SPEED 3.3V (4K X 9) SYNCHRONOUS DUAL-PORT RAM
JANUARY 2009
logo
Integrated Device Techn...
IDT709359 IDT-IDT709359 Datasheet
302Kb / 16P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT709359 RENESAS-IDT709359 Datasheet
320Kb / 16P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com