Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3465A Datasheet(PDF) 5 Page - Linear Technology

Part # LT3465A
Description  1.2MHz/2.4MHz White LED Step-Up Converters with Built-In Schottky in ThinSOT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3465A Datasheet(HTML) 5 Page - Linear Technology

  LT3465A Datasheet HTML 1Page - Linear Technology LT3465A Datasheet HTML 2Page - Linear Technology LT3465A Datasheet HTML 3Page - Linear Technology LT3465A Datasheet HTML 4Page - Linear Technology LT3465A Datasheet HTML 5Page - Linear Technology LT3465A Datasheet HTML 6Page - Linear Technology LT3465A Datasheet HTML 7Page - Linear Technology LT3465A Datasheet HTML 8Page - Linear Technology LT3465A Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LT3465/LT3465A
5
3465af
BLOCK DIAGRA
+
+
RQ
S
0.2
SW
DRIVER
COMPARATOR
2
CTRL
4
6
VOUT
VIN
3
FB
200mV
5
+
Σ
RAMP
GENERATOR
OVERVOLTAGE
PROTECT
RC
10k
40k
CC
1.2MHz*
OSCILLATOR
*2.4MHz FOR LT3465A
GND
3465A F02
Q1
A2
A1
VREF
1.25V
1
Figure 2. LT3465 Block Diagram
APPLICATIO S I FOR ATIO
Operation
The LT3465 uses a constant frequency, current mode
control scheme to provide excellent line and load regula-
tion. Operation can be best understood by referring to the
block diagram in Figure 2. At the start of each oscillator
cycle, the SR latch is set, which turns on the power switch
Q1. A voltage proportional to the switch current is added
to a stabilizing ramp and the resulting sum is fed into the
positive terminal of the PWM comparator A2. When this
voltage exceeds the level at the negative input of A2, the
SR latch is reset turning off the power switch. The level at
the negative input of A2 is set by the error amplifier A1,
and is simply an amplified version of the difference
between the feedback voltage and the reference voltage of
200mV. In this manner, the error amplifier sets the
correct peak current level to keep the output in regulation.
If the error amplifier’s output increases, more current is
delivered to the output; if it decreases, less current is
delivered. The CTRL pin voltage is used to adjust the
reference voltage. The block diagram for the LT3465A (not
shown) is identical except that the oscillator frequency is
2.4MHz.
Minimum Output Current
The LT3465 can drive a 3-LED string at 1.5mA LED
current without pulse skipping. As current is further
reduced, the device will begin skipping pulses. This will
result in some low frequency ripple, although the LED
current remains regulated on an average basis down to
zero. The photo in Figure 3a details circuit operation
driving three white LEDs at a 1.5mA load. Peak inductor
current is less than 40mA and the regulator operates in
discontinuous mode, meaning the inductor current
VSW
5V/DIV
IL
20mA/DIV
VOUT
10mV/DIV
VIN = 4.2V
0.2
µs/DIV
3465A F03a
ILED = 1.5mA
3 LEDs
Figure 3b. Switching Waveforms (LT3465A)
VSW
5V/DIV
IL
20mA/DIV
VOUT
10mV/DIV
VIN = 4.2V
0.1
µs/DIV
3465A F03b
ILED = 0.2mA
3 LEDs
Figure 3a. Switching Waveforms (LT3465)


Similar Part No. - LT3465A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3465A LINER-LT3465A Datasheet
454Kb / 24P
   20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
LT3465A LINER-LT3465A Datasheet
2Mb / 20P
   Dual 1.3A White LED Step-Up Converters with Wide Dimming
LT3465A LINER-LT3465A Datasheet
344Kb / 16P
   1.2MHz/2.4MHz White LED Drivers with Built-in Schottky in ThinSOT
LT3465A LINER-LT3465A_15 Datasheet
344Kb / 16P
   1.2MHz/2.4MHz White LED Drivers with Built-in Schottky in ThinSOT
More results

Similar Description - LT3465A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3465 LINER-LT3465_15 Datasheet
344Kb / 16P
   1.2MHz/2.4MHz White LED Drivers with Built-in Schottky in ThinSOT
LT3465A LINER-LT3465A_15 Datasheet
344Kb / 16P
   1.2MHz/2.4MHz White LED Drivers with Built-in Schottky in ThinSOT
LT1930 LINER-LT1930_15 Datasheet
202Kb / 12P
   1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
LT1930A LINER-LT1930A_15 Datasheet
202Kb / 12P
   1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
LT1937 LINER-LT1937 Datasheet
362Kb / 12P
   White LED Step-Up Converter in SC70 and ThinSOT
LT1937 LINER-LT1937_15 Datasheet
368Kb / 12P
   White LED Step-Up Converter in SC70 and ThinSOT
logo
Analog Intergrations Co...
AIC1648 AIC-AIC1648 Datasheet
375Kb / 10P
   Built-in OVP White LED Step-Up Converter
AIC3643 AIC-AIC3643 Datasheet
260Kb / 13P
   Built-in OVP White LED Step-Up Converter
logo
Holtek Semiconductor In...
HT7937 HOLTEK-HT7937_16 Datasheet
1Mb / 13P
   Built-in OVP White LED Step-up Converter
logo
Linear Technology
LT3462 LINER-LT3462_15 Datasheet
233Kb / 8P
   Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com