Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3465A Datasheet(PDF) 8 Page - Linear Technology

Part # LT3465A
Description  1.2MHz/2.4MHz White LED Step-Up Converters with Built-In Schottky in ThinSOT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3465A Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3465A Datasheet HTML 4Page - Linear Technology LT3465A Datasheet HTML 5Page - Linear Technology LT3465A Datasheet HTML 6Page - Linear Technology LT3465A Datasheet HTML 7Page - Linear Technology LT3465A Datasheet HTML 8Page - Linear Technology LT3465A Datasheet HTML 9Page - Linear Technology LT3465A Datasheet HTML 10Page - Linear Technology LT3465A Datasheet HTML 11Page - Linear Technology LT3465A Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LT3465/LT3465A
8
3465af
APPLICATIO S I FOR ATIO
Figure 8. Recommended Component Placement
Dimming Using Direct PWM (LT3465A)
Unlike the LT3465, the LT3465A does not have internal
soft-start. Although the input current is higher during start-
up, the absence of soft-start allows the CTRL pin to be
directly driven with a PWM signal for dimming. A zero
percent duty cycle sets the LED current to zero, while 100%
duty cycle sets it to full current. Average LED current
increases proportionally with the duty cycle of the PWM
signal. PWM frequency should be between 1kHz and 10kHz
for best performance. The PWM signal should be at least
1.8V in magnitude; lower voltage will lower the feedback
voltage as shown in Equation 1. Waveforms are shown for
a 1kHz PWM and 10kHz PWM signal in Figures 7a and 7b
respectively.
1
COUT
L
RFB
2
3
6
5
4
CIN
GND
3465A F08
VIN
CTRL
minimize the input current. VOUT and input current during
output open circuit are shown in the Typical Performance
Characteristics.
Board Layout Consideration
As with all switching regulators, careful attention must be
paid to the PCB board layout and component placement.
To maximize efficiency, switch rise and fall times are made
as short as possible. To prevent electromagnetic interfer-
ence (EMI) problems, proper layout of the high frequency
switching path is essential. Place COUT next to the VOUT
pin. Always use a ground plane under the switching
regulator to minimize interplane coupling. In addition, the
ground connection for the feedback resistor R1 should be
tied directly to the GND pin and not shared with any other
component, ensuring a clean, noise-free connection. Rec-
ommended component placement is shown in Figure 8.
Figure 7a.
Figure 7b.
FB
100mV/DIV
CTRL
2V/DIV
200
µs/DIV (1kHz)
3465A F07a
FB
100mV/DIV
CTRL
2V/DIV
20
µs/DIV (10kHz)
3465A F07b
LT3465A
CTRL
PWM
Start-Up Input Current (LT3465A)
As previously mentioned, the LT3465A does not have an
internal soft-start circuit. Inrush current can therefore rise
to approximately 400mA as shown in Figure 9 when
driving 4 LEDs. The LT3465 has an internal soft-start
circuit and is recommended if inrush current must be
minimized.
Open-Circuit Protection
The LT3465 and LT3465A have an internal open-circuit
protection circuit. In the cases of output open circuit,
when the LEDs are disconnected from the circuit or the
LEDs fail, the VOUT is clamped at 30V. The LT3465 and
LT3465A will then switch at a very low frequency to
Figure 9.
FB
200mV/DIV
CTRL
2V/DIV
50
µs/DIV
3465A F09
IIN
200mV/DIV


Similar Part No. - LT3465A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3465A LINER-LT3465A Datasheet
454Kb / 24P
   20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
LT3465A LINER-LT3465A Datasheet
2Mb / 20P
   Dual 1.3A White LED Step-Up Converters with Wide Dimming
LT3465A LINER-LT3465A Datasheet
344Kb / 16P
   1.2MHz/2.4MHz White LED Drivers with Built-in Schottky in ThinSOT
LT3465A LINER-LT3465A_15 Datasheet
344Kb / 16P
   1.2MHz/2.4MHz White LED Drivers with Built-in Schottky in ThinSOT
More results

Similar Description - LT3465A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3465 LINER-LT3465_15 Datasheet
344Kb / 16P
   1.2MHz/2.4MHz White LED Drivers with Built-in Schottky in ThinSOT
LT3465A LINER-LT3465A_15 Datasheet
344Kb / 16P
   1.2MHz/2.4MHz White LED Drivers with Built-in Schottky in ThinSOT
LT1930 LINER-LT1930_15 Datasheet
202Kb / 12P
   1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
LT1930A LINER-LT1930A_15 Datasheet
202Kb / 12P
   1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
LT1937 LINER-LT1937 Datasheet
362Kb / 12P
   White LED Step-Up Converter in SC70 and ThinSOT
LT1937 LINER-LT1937_15 Datasheet
368Kb / 12P
   White LED Step-Up Converter in SC70 and ThinSOT
logo
Analog Intergrations Co...
AIC1648 AIC-AIC1648 Datasheet
375Kb / 10P
   Built-in OVP White LED Step-Up Converter
AIC3643 AIC-AIC3643 Datasheet
260Kb / 13P
   Built-in OVP White LED Step-Up Converter
logo
Holtek Semiconductor In...
HT7937 HOLTEK-HT7937_16 Datasheet
1Mb / 13P
   Built-in OVP White LED Step-up Converter
logo
Linear Technology
LT3462 LINER-LT3462_15 Datasheet
233Kb / 8P
   Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com