Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

75P42100 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 75P42100
Description  NETWORK SEARCH ENGINE 32K x 72 Entries
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

75P42100 Datasheet(HTML) 1 Page - Integrated Device Technology

  75P42100 Datasheet HTML 1Page - Integrated Device Technology 75P42100 Datasheet HTML 2Page - Integrated Device Technology 75P42100 Datasheet HTML 3Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JUNE 2003
DSC-5346/02
1
© 2003 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice.
NETWORK SEARCH ENGINE
32K x 72 Entries
Datasheet
Brief
75P42100
Device Description
IDT provides proven, industry-leading network search engines
(NSEs)andacomprehensivesuiteofsoftwarethatenableandaccelerate
the intelligent processing of network services in communications equip-
ment.AsapartofthecompleteIDTclassificationsubsystemthatincludes
content inspection engines, the IDT family of NSEs delivers high-
performance, feature-rich, easy-to-use, integrated search accelerators.
TheIDT 75P42100NSEisahighperformancepipelinedlow-power,
synchronous full-ternary 32K x 72 entry device. Each entry location in
the NSE has both a Data entry and an associated Mask entry. The NSE
devices integrate content addressable memory (CAM) technology with
high-performancelogic. ThedevicecanperformLookupandLearnNSE
operations plus Read, Write, Burst Write, and Dual Write maintenance
operations.
The IDT 75P42100 NSE device has a bi-directional bus that is a
multiplexed address and data bus that can support 100 million sustained
searches per second. This device provides array segments which can
be configured to enable multiple width lookups from 36 to 576 bits wide.
The IDT 75P42100 requires a 1.8-volt VDD supply, a user selectable 1.8
or 2.5-volt VDDQ supply, and a 2.5-volt VBIAS supply. This NSE device
provides the user with flexibility and control in determining the device
power. Only the array segments that will be used for a specific NSE
operation are powered up while the unused segments are not.
The IDT 75P42100 NSE utilizes the latest high-performance 1.8V
CMOS processing technology and is packaged in a JEDEC Standard,
thermally enhanced, low profile Ball Grid Array. The options include a
304 BGA, satisfying smaller footprint requirements and a 372 BGA
package that is compatible with the IDT 64K x 72 Entry (75P52100) and
128K x 72 Entry (75K62100) NSE devices.
To request the full IDT75P42100 datasheet, please contact your local
IDT Sales Representative or call 1-831-754-4555
5346 drw02
Optional
Figure 1.0 ASIC / Compatible NSE / SRAM configuration
ASIC
or
FPGA
ZBT
or
Sync SRAM
IDT75P42100
or
75P52100
or
75K62100
Network Search
Engine
Configuration Registers
and
Ram Control Circuits
CLOCK
CCLK
÷2
PHASE
SRAM CONTROL
P
R
I
O
R
I
T
Y
E
N
C
O
D
E
R
S
I
Z
E
L
O
G
I
C
D
E
C
O
D
E
Address
MMOUT
MATCHOUT
REQSTB
R/W
534 6 d rw 01
RESET
Command
Bus
Request
Data
Bus
Index
Bus
Counter
BURST
NSE
REQUEST
BUS
NSE
RESPONSE
BUS
LAST NSE
LAST SRAM
ASIC FEEDBACK
Bypass
DATA
ARRAY
Comparand Registers
Instruction
Global Mask Registers
Result Register
Block Diagram
System Configurations
The IDT NSEs are designed to fulfill the needs of various types of
networking systems. In solutions requiring data searching such as
routers, a system configuration as shown in Figure 1.0 may be realized.
Maximum flexibility is provided by allowing one board design to be
populatedtodayusingeithertheIDT75P42100or75P52100NSEsand
later upgraded to use IDT’s 75K62100 NSE. Applications note AN-279
discusseshowtoaccommodateoneboarddesignforanyoftheseNSEs.
In this compatible configuration, the NSE interfaces directly to an
ASIC/ FPGA for lookups and routes an Index to an associated SRAM
device, which supplies the next hop address via an SRAM Data Bus to
the ASIC. The NSE provides the required control signals to directly
hookuptoZBT™orSynchronousPipelineBurstSRAM. Lookupresults
canalsobefeddirectlybacktotheASIC/FPGAwithouttheuseofexternal
SRAM. Control of the associated handshake signals is provided by all
NSEs to adapt to either configuration.


Similar Part No. - 75P42100

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75P42100_0509 IDT-75P42100_0509 Datasheet
441Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
More results

Similar Description - 75P42100

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75P42100_0509 IDT-75P42100_0509 Datasheet
441Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
   Network Search Engine 256K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
   NETWORK SEARCH ENGINE 64K x 72 Entries
IDT75K62100 IDT-IDT75K62100 Datasheet
67Kb / 3P
   NETWORK SEARCH ENGINE 128K x 72 Entries
logo
STMicroelectronics
M7020R STMICROELECTRONICS-M7020R Datasheet
996Kb / 150P
   32K x 68-bit Entry NETWORK SEARCH ENGINE
M7040N STMICROELECTRONICS-M7040N Datasheet
1Mb / 159P
   64K x 72-bit Entry NETWORK PACKET SEARCH ENGINE
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
   NETWORK SEARCH ENGINE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com