Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSAV450 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FSAV450
Description  800MHz Quad SPDT LCD/Plasma Video Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSAV450 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FSAV450 Datasheet HTML 3Page - Fairchild Semiconductor FSAV450 Datasheet HTML 4Page - Fairchild Semiconductor FSAV450 Datasheet HTML 5Page - Fairchild Semiconductor FSAV450 Datasheet HTML 6Page - Fairchild Semiconductor FSAV450 Datasheet HTML 7Page - Fairchild Semiconductor FSAV450 Datasheet HTML 8Page - Fairchild Semiconductor FSAV450 Datasheet HTML 9Page - Fairchild Semiconductor FSAV450 Datasheet HTML 10Page - Fairchild Semiconductor FSAV450 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
www.fairchildsemi.com
Physical Dimensions inches (millimeters) unless otherwise noted
Pb-Free 16-Terminal Depopulated Quad Very-Thin Flat Pack No Leads (DQFN), JEDEC MO-241, 2.5 x 3.5mm
Package Number MLP016E


Similar Part No. - FSAV450

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSAV450 FAIRCHILD-FSAV450 Datasheet
529Kb / 12P
   800MHz 4 Channel 2:1 Video Switch
FSAV450 FAIRCHILD-FSAV450 Datasheet
535Kb / 12P
   800MHz 4 Channel 2:1 Video Switch
FSAV450BQX FAIRCHILD-FSAV450BQX Datasheet
529Kb / 12P
   800MHz 4 Channel 2:1 Video Switch
FSAV450BQX FAIRCHILD-FSAV450BQX Datasheet
535Kb / 12P
   800MHz 4 Channel 2:1 Video Switch
FSAV450BQX FAIRCHILD-FSAV450BQX_11 Datasheet
998Kb / 9P
   800MHz, 4-Channel, 2:1 Video Switch
More results

Similar Description - FSAV450

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM330 UNIONSEMI-UM330_14 Datasheet
359Kb / 8P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
SG Micro Corp
SGM330A SGMICRO-SGM330A Datasheet
491Kb / 13P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
Union Semiconductor, In...
UM330 UNIONSEMI-UM330 Datasheet
221Kb / 8P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
SG Micro Corp
SGM330A SGMICRO-SGM330A_15 Datasheet
342Kb / 15P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
Analog Devices
ADG333A AD-ADG333A_15 Datasheet
317Kb / 12P
   Quad SPDT Switch
REV. A
ADG333A AD-ADG333A_05 Datasheet
317Kb / 12P
   Quad SPDT Switch
REV. A
ADG333A AD-ADG333A Datasheet
124Kb / 8P
   Quad SPDT Switch
REV. 0
ADG333A AD-ADG333A_V01 Datasheet
247Kb / 13P
   Quad SPDT Switch
Rev. B
logo
Fairchild Semiconductor
FSAV330 FAIRCHILD-FSAV330 Datasheet
303Kb / 8P
   Low On Resistance Quad SPDT Wide Bandwidth Video Switch
logo
STMicroelectronics
STMAV340 STMICROELECTRONICS-STMAV340 Datasheet
1Mb / 21P
   Low ON Resistance Quad, SPDT, Wide-Bandwidth Video Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com