Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS58C1001DCJ-20883C Datasheet(PDF) 6 Page - Austin Semiconductor

Part # AS58C1001DCJ-20883C
Description  EEPROM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS58C1001DCJ-20883C Datasheet(HTML) 6 Page - Austin Semiconductor

Back Button AS58C1001DCJ-20883C Datasheet HTML 2Page - Austin Semiconductor AS58C1001DCJ-20883C Datasheet HTML 3Page - Austin Semiconductor AS58C1001DCJ-20883C Datasheet HTML 4Page - Austin Semiconductor AS58C1001DCJ-20883C Datasheet HTML 5Page - Austin Semiconductor AS58C1001DCJ-20883C Datasheet HTML 6Page - Austin Semiconductor AS58C1001DCJ-20883C Datasheet HTML 7Page - Austin Semiconductor AS58C1001DCJ-20883C Datasheet HTML 8Page - Austin Semiconductor AS58C1001DCJ-20883C Datasheet HTML 9Page - Austin Semiconductor AS58C1001DCJ-20883C Datasheet HTML 10Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
EEPROM
AS58C1001
Austin Semiconductor, Inc.
AS58C1001
Rev. 4.0 3/01
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
6
AC ELECTRICAL CHARACTERISTICS FOR READ OPERATION
(-55oC < T
C < 125
oC; Vcc = 5V +10%)
Test Conditions
l Input Pulse Levels:
0.0V to 3.0V
l Input rise and fall times:
< 20ns
l Output Load:
1 TTL Gate +100pF (including scope and jig)
l Reference levels for measuring timing:
1.5V,1.5V
     
  
  








   
  








   
 








 ! !  "
  








 








  


#

#

#

$ % !  &'
  








  
 & ! ")


  



AC ELECTRICAL CHARACTERISTICS FOR SOFTWARE DATA
PROTECTION CYCLE OPERATION
AC ELECTRICAL CHARACTERISTICS FOR DATA\ POLLING OPERATION
SYMBOL
MIN
MAX
UNITS
tBLC
0.55
30
µS
tWC
10
---
mS
Byte Load Cycle Time
Write Cycle Time
PARAMETER
SYMBOL
MIN
MAX
UNITS
tOEH
0
---
ns
tOES
0
---
ns
tDW
150
---
ns
tWC
---
10
ms
Output Enable Hold Time
Output Enable to Write Setup Time
Write Start Time
Write Cycle Time
PARAMETER


Similar Part No. - AS58C1001DCJ-20883C

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS58C1001DCJ-20/883C AUSTIN-AS58C1001DCJ-20/883C Datasheet
294Kb / 22P
   128K x 8 EEPROM EEPROM Memory
AS58C1001DCJ-20/883C AUSTIN-AS58C1001DCJ-20/883C Datasheet
351Kb / 21P
   128K x 8 EEPROM EEPROM Memory
AS58C1001DCJ-20/IT AUSTIN-AS58C1001DCJ-20/IT Datasheet
294Kb / 22P
   128K x 8 EEPROM EEPROM Memory
AS58C1001DCJ-20/IT AUSTIN-AS58C1001DCJ-20/IT Datasheet
351Kb / 21P
   128K x 8 EEPROM EEPROM Memory
AS58C1001DCJ-20/XT AUSTIN-AS58C1001DCJ-20/XT Datasheet
294Kb / 22P
   128K x 8 EEPROM EEPROM Memory
More results

Similar Description - AS58C1001DCJ-20883C

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93H56RF-2LB ROHM-BR93H56RF-2LB Datasheet
927Kb / 28P
   Serial EEPROM Series Industrial EEPROM Serial EEPROM Series Industrial EEPROM
BRCA016GWZ-W ROHM-BRCA016GWZ-W_13 Datasheet
757Kb / 25P
   Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BU99901GUZ-W ROHM-BU99901GUZ-W_12 Datasheet
711Kb / 26P
   Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BRCC064GWZ-3 ROHM-BRCC064GWZ-3 Datasheet
468Kb / 28P
   Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BRCB008GWZ-3 ROHM-BRCB008GWZ-3 Datasheet
406Kb / 28P
   Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BRCG064GWZ-3 ROHM-BRCG064GWZ-3 Datasheet
614Kb / 29P
   Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BRCE064GWZ-3 ROHM-BRCE064GWZ-3 Datasheet
614Kb / 29P
   Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BR34E02-3 ROHM-BR34E02-3 Datasheet
791Kb / 33P
   Serial EEPROM Series Standard EEPROM Plug & Play EEPROM
logo
ON Semiconductor
NV24C64WF ONSEMI-NV24C64WF Datasheet
186Kb / 11P
   EEPROM
May, 2018 ??Rev. 1
NV24M01WF ONSEMI-NV24M01WF Datasheet
195Kb / 12P
   EEPROM
May, 2018 ??Rev. 1
NV24C128WF ONSEMI-NV24C128WF Datasheet
193Kb / 13P
   EEPROM
May, 2018 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com