Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS58C1001SF-20XT Datasheet(PDF) 4 Page - Austin Semiconductor

Part # AS58C1001SF-20XT
Description  EEPROM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS58C1001SF-20XT Datasheet(HTML) 4 Page - Austin Semiconductor

  AS58C1001SF-20XT Datasheet HTML 1Page - Austin Semiconductor AS58C1001SF-20XT Datasheet HTML 2Page - Austin Semiconductor AS58C1001SF-20XT Datasheet HTML 3Page - Austin Semiconductor AS58C1001SF-20XT Datasheet HTML 4Page - Austin Semiconductor AS58C1001SF-20XT Datasheet HTML 5Page - Austin Semiconductor AS58C1001SF-20XT Datasheet HTML 6Page - Austin Semiconductor AS58C1001SF-20XT Datasheet HTML 7Page - Austin Semiconductor AS58C1001SF-20XT Datasheet HTML 8Page - Austin Semiconductor AS58C1001SF-20XT Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
EEPROM
AS58C1001
Austin Semiconductor, Inc.
AS58C1001
Rev. 4.0 3/01
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
4
(EXAMPLE)
Vcc
RES\
*unprogrammable
*unprogrammable
FUNCTIONAL DESCRIPTION (continued)
DATA PROTECTION (continued)
2. Data protection at Vcc on/off.
When RES\ is low, the EEPROM cannot be erased and
programmed. Therefore, data can be protected by keeping
RES\ low when Vcc is switched. RES\ should be high during
programming because it does not provide a latch function.
When Vcc is turned on or off, noise on the control pins
generated by external circuits (CPU, etc.) may turn the
EEPROM to programming mode by mistake. To prevent this
unintentional programming, the EEPROM must be kept in an
unprogrammable, standby or readout state by using a CPU
reset signal to RES\ pin.
In addition, when RES\ is kept high at Vcc on/off timing,
the input level of control pins (CE\, OE\, WE\) must be held
as CE\=Vcc or OE\=LOW or WE\=Vcc level.
3. Software Data Protection
To protect against unintentional programming caused by
noise generated by external circuits, AS58C1001 has a
Software data protection function.
To initate Software data
protection mode, 3 bytes of data must be input, followed by a
dummy write cycle of any address and any data byte. This
exact sequence switches the device into protection mode. This
4th cycle during write is required to initiate the SDP and
physically writes the address and data. While in SDP the
entire array is protected in which writes can only occur if the
exact SDP sequence is re-executed or the unprotect sequence
is executed.
The Software data protection mode can be cancelled by
inputting the following 6 Bytes. This changes the AS58C1001
to the Non-Protection mode, for normal operation.
Address
Data
5555
AA
2AAA
55
5555
80
5555
AA
2AAA
55
5555
20
Write Data
Write Address
(Normal Data Input)
5555
AA
2AAA
55
5555
A0


Similar Part No. - AS58C1001SF-20XT

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS58C1001SF-20/883C AUSTIN-AS58C1001SF-20/883C Datasheet
294Kb / 22P
   128K x 8 EEPROM EEPROM Memory
AS58C1001SF-20/883C AUSTIN-AS58C1001SF-20/883C Datasheet
351Kb / 21P
   128K x 8 EEPROM EEPROM Memory
AS58C1001SF-20/IT AUSTIN-AS58C1001SF-20/IT Datasheet
294Kb / 22P
   128K x 8 EEPROM EEPROM Memory
AS58C1001SF-20/IT AUSTIN-AS58C1001SF-20/IT Datasheet
351Kb / 21P
   128K x 8 EEPROM EEPROM Memory
AS58C1001SF-20/XT AUSTIN-AS58C1001SF-20/XT Datasheet
294Kb / 22P
   128K x 8 EEPROM EEPROM Memory
More results

Similar Description - AS58C1001SF-20XT

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93H56RF-2LB ROHM-BR93H56RF-2LB Datasheet
927Kb / 28P
   Serial EEPROM Series Industrial EEPROM Serial EEPROM Series Industrial EEPROM
BRCA016GWZ-W ROHM-BRCA016GWZ-W_13 Datasheet
757Kb / 25P
   Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BU99901GUZ-W ROHM-BU99901GUZ-W_12 Datasheet
711Kb / 26P
   Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BRCC064GWZ-3 ROHM-BRCC064GWZ-3 Datasheet
468Kb / 28P
   Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BRCB008GWZ-3 ROHM-BRCB008GWZ-3 Datasheet
406Kb / 28P
   Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BRCG064GWZ-3 ROHM-BRCG064GWZ-3 Datasheet
614Kb / 29P
   Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BRCE064GWZ-3 ROHM-BRCE064GWZ-3 Datasheet
614Kb / 29P
   Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BR34E02-3 ROHM-BR34E02-3 Datasheet
791Kb / 33P
   Serial EEPROM Series Standard EEPROM Plug & Play EEPROM
logo
ON Semiconductor
NV24C64WF ONSEMI-NV24C64WF Datasheet
186Kb / 11P
   EEPROM
May, 2018 ??Rev. 1
NV24M01WF ONSEMI-NV24M01WF Datasheet
195Kb / 12P
   EEPROM
May, 2018 ??Rev. 1
NV24C128WF ONSEMI-NV24C128WF Datasheet
193Kb / 13P
   EEPROM
May, 2018 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com