Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A8450KLB Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # A8450KLB
Description  Automotive Multioutput Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8450KLB Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button A8450KLB Datasheet HTML 5Page - Allegro MicroSystems A8450KLB Datasheet HTML 6Page - Allegro MicroSystems A8450KLB Datasheet HTML 7Page - Allegro MicroSystems A8450KLB Datasheet HTML 8Page - Allegro MicroSystems A8450KLB Datasheet HTML 9Page - Allegro MicroSystems A8450KLB Datasheet HTML 10Page - Allegro MicroSystems A8450KLB Datasheet HTML 11Page - Allegro MicroSystems A8450KLB Datasheet HTML 12Page - Allegro MicroSystems A8450KLB Datasheet HTML 13Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
A8450KLB-DS, Rev. 1
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
A8450
Automotive Multioutput Voltage Regulator
ENBAT is an edge-triggered enable (logic 1 ≥ 2.7 V), which
is used to enable the A8450 in response to a high-voltage
signal, such as from an automobile ignition or battery switch.
In this capacity, ENBAT is used only as a momentary switch
to wake up the device. If there is no need for a high-voltage
signal, ENBAT can be pulled low continuously.
ENB is used to initiate the reset of the device. If ENBAT is
pulled low, ENB acts as a single reset control.
Diagnostics. An open drain output, through the NFAULT
pin, is pulled low to signal to a DSP or microcontroller any of
the following fault conditions:
• V5A, the 5 V analog regulator output, is shorted to supply
• Either or both of the V5A and the V5D regulator outputs
are below their UVLO threshold, VUVLOV5
• Device junction temperature, TJ, exceeds the Thermal
Warning threshold, TJTW
Charge Pump. The charge pump generates a voltage above
VBB in order to provide adequate gate drive for the N-channel
buck switch.A0.1 µF ceramic monolithic capacitor, C7, should
be connected between the VCP pin and the VBB pin, to act as
a reservoir to run the buck converter switching regulator.
VCP is internally monitored to ensure that the charge pump is
disabled in the case of a fault condition. In addition, a 0.1 µF
ceramic monolithic capacitor, C8, should be connected between
CP1 and CP2.
Power On Reset Delay. The POR block monitors the sup-
ply voltages and provides a signal that can be used to reset a
DSP or microcontroller. A POR event is triggered by any of
the following conditions:
• Either V33 or VADJ is pulled below its UVLO threshold,
VUVLOV33 or VUVLOVADJ. This occurs if the current limit
on either regulator, VOC, is exceeded. It also occurs if
the VREG voltage falls below VREGMON, due to current
exceeding IDSLIM.
• Both input signal pins, ENB and ENBAT, are pulled low.
This immediately pulls the NPOR pin low, indicating that
the device is beginning a power-off sequence. In addition,
the buck converter switching regulator is disabled, and
the VREG supply begins to ramp down. The rate at which
VREG decays is dependent on the total current draw, ILOAD,
and value of the output capacitors (C1, C2, C3, and C4).
• VREG drops below its UVLO threshold, VUVLOVREG.
• During any normal power-on, VOUTVADJ falls below
VUVLOVADJ, triggering a POR.
An open drain output, through the NPOR pin, is provided to
signal a POR event to the DSP or microcontroller. The reset
occurs after an adjustable delay, tPOR, set by an external capaci-
tor, C9, connected to the CPOR pin. The value of tPOR (ms) is
calculated using the following formula
tPOR = 2.13
×105× CCPOR
where CCPOR (µF) is the value of the C9 capacitor.
A POR can be forced without a significant drop in the supply
voltage, VREG, by pulsing low both the ENB and the ENBAT
pins. However, pulse duration should be short enough so that
VREG does not drop significantly.
Thermal Shutdown. When the device junction temperature,
TJ, is sensed to be at TJTSD (≈15°C higher than the thermal
warning temperature, TJTW), a fault is indicated at the NFAULT
pin. At the same time, a thermal shutdown circuit disables the
buck converter, protecting the A8450 from damage.


Similar Part No. - A8450KLB

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8450 ALLEGRO-A8450 Datasheet
554Kb / 17P
   Automotive Multioutput Voltage Regulator
More results

Similar Description - A8450KLB

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8450 ALLEGRO-A8450 Datasheet
554Kb / 17P
   Automotive Multioutput Voltage Regulator
logo
Motorola, Inc
MC3325 MOTOROLA-MC3325 Datasheet
121Kb / 3P
   Automotive Voltage Regulator
logo
STMicroelectronics
L9914 STMICROELECTRONICS-L9914 Datasheet
389Kb / 13P
   All silicon automotive voltage regulator
March 2021 Rev 7
logo
Seiko Instruments Inc
S19212BXXH SII-S19212BXXH Datasheet
3Mb / 58P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW DROPOUT CMOS VOLTAGE REGULATOR
S19212BXXA SII-S19212BXXA Datasheet
3Mb / 58P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
Diodes Incorporated
AP7387Q DIODES-AP7387Q Datasheet
1Mb / 15P
   AUTOMOTIVE COMPLIANT WIDE INPUT VOLTAGE RANGE 150mA ULDO REGULATOR
Rev. 2 - 2 October 2022
AP7375Q DIODES-AP7375Q Datasheet
1Mb / 15P
   AUTOMOTIVE COMPLIANT WIDE INPUT VOLTAGE RANGE 300mA ULDO REGULATOR
Rev. 4 - 2 September 2022
logo
ON Semiconductor
NCV890203 ONSEMI-NCV890203 Datasheet
162Kb / 18P
   Automotive Buck Switching Regulator
November, 2014 ??Rev. 0
NCV890103 ONSEMI-NCV890103 Datasheet
163Kb / 19P
   Automotive Buck Switching Regulator
November, 2014 ??Rev. 0
logo
STMicroelectronics
L5050S STMICROELECTRONICS-L5050S Datasheet
919Kb / 20P
   5 V low drop linear voltage regulator for automotive application
April 2019 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com