Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A8450KLB Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A8450KLB
Description  Automotive Multioutput Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8450KLB Datasheet(HTML) 5 Page - Allegro MicroSystems

  A8450KLB Datasheet HTML 1Page - Allegro MicroSystems A8450KLB Datasheet HTML 2Page - Allegro MicroSystems A8450KLB Datasheet HTML 3Page - Allegro MicroSystems A8450KLB Datasheet HTML 4Page - Allegro MicroSystems A8450KLB Datasheet HTML 5Page - Allegro MicroSystems A8450KLB Datasheet HTML 6Page - Allegro MicroSystems A8450KLB Datasheet HTML 7Page - Allegro MicroSystems A8450KLB Datasheet HTML 8Page - Allegro MicroSystems A8450KLB Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
A8450KLB-DS, Rev. 1
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
A8450
Automotive Multioutput Voltage Regulator
VREG
VOUTV33
VOUTVADJ
VOUTVADJ
VENBAT
VENBAT
VENB
VENB
VNPOR
VNPOR
VNPOR
VBB
VREG
VOUTV33
VOUTV5A/V5D
VREG Monitor
VCP
VREG
VOUTV33
VOUTVADJ
VUVLOV33
tPOR
tPOR
tPOR
tPOR
VHYSV33
VUVLOV33
VBB >6V
VREG = 1.8 V
VUVLOVREG
VUVLOVADJ
VHYSVADJ
AB
POR event initiates
+7 V
Slope of VOUTV33 and VOUTVADJ from A to B determined by ILOAD and output capacitor (C3, C4).
ENBAT signals power-on
Charge pump ramping
Charge pump OK flag set
VUVLOV33 exceeded; VADJ enabled
VUVLO(33)
ENB signals power-off
V33 can sustain regulation with normal load by bulk capacitor (COUT) on VREG.
Slope of VREG (which controls VOUTV5A/V5D,VOUTV33, and VOUTVADJ) from A to B determined by ILOAD and COUT.
A
B
tPOR
tSS
Timing Diagrams
Figure 1a. NPOR fault due to undervoltage lockout on the V33 or FB pins
Figure 1b. Power-off using VBB
Figure 1c. Power-on using ENBAT, followed by power-off using ENB


Similar Part No. - A8450KLB

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8450 ALLEGRO-A8450 Datasheet
554Kb / 17P
   Automotive Multioutput Voltage Regulator
More results

Similar Description - A8450KLB

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8450 ALLEGRO-A8450 Datasheet
554Kb / 17P
   Automotive Multioutput Voltage Regulator
logo
Motorola, Inc
MC3325 MOTOROLA-MC3325 Datasheet
121Kb / 3P
   Automotive Voltage Regulator
logo
STMicroelectronics
L9914 STMICROELECTRONICS-L9914 Datasheet
389Kb / 13P
   All silicon automotive voltage regulator
March 2021 Rev 7
logo
Seiko Instruments Inc
S19212BXXH SII-S19212BXXH Datasheet
3Mb / 58P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW DROPOUT CMOS VOLTAGE REGULATOR
S19212BXXA SII-S19212BXXA Datasheet
3Mb / 58P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
Diodes Incorporated
AP7387Q DIODES-AP7387Q Datasheet
1Mb / 15P
   AUTOMOTIVE COMPLIANT WIDE INPUT VOLTAGE RANGE 150mA ULDO REGULATOR
Rev. 2 - 2 October 2022
AP7375Q DIODES-AP7375Q Datasheet
1Mb / 15P
   AUTOMOTIVE COMPLIANT WIDE INPUT VOLTAGE RANGE 300mA ULDO REGULATOR
Rev. 4 - 2 September 2022
logo
ON Semiconductor
NCV890203 ONSEMI-NCV890203 Datasheet
162Kb / 18P
   Automotive Buck Switching Regulator
November, 2014 ??Rev. 0
NCV890103 ONSEMI-NCV890103 Datasheet
163Kb / 19P
   Automotive Buck Switching Regulator
November, 2014 ??Rev. 0
logo
STMicroelectronics
L5050S STMICROELECTRONICS-L5050S Datasheet
919Kb / 20P
   5 V low drop linear voltage regulator for automotive application
April 2019 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com