Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL40167 Datasheet(PDF) 11 Page - Zarlink Semiconductor Inc

Part # ZL40167
Description  High Output Current High Speed Dual Operational Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL40167 Datasheet(HTML) 11 Page - Zarlink Semiconductor Inc

Back Button ZL40167 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL40167 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL40167 Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL40167 Datasheet HTML 10Page - Zarlink Semiconductor Inc ZL40167 Datasheet HTML 11Page - Zarlink Semiconductor Inc ZL40167 Datasheet HTML 12Page - Zarlink Semiconductor Inc ZL40167 Datasheet HTML 13Page - Zarlink Semiconductor Inc ZL40167 Datasheet HTML 14Page - Zarlink Semiconductor Inc ZL40167 Datasheet HTML 15Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
ZL40167
Data Sheet
11
Zarlink Semiconductor Inc.
Typical Performance Characteristics At TA = 25
°C, RF = RG = 510, gain = +2, RL = 100, Vs = 6V. Unless
otherwise specified.
Figure 8 - Negative Output Swing into 1K
Figure 9 - Positive Output Swing into 25
Negative Output Sw ing into 1Kohm s
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.02.0
3.04.0
5.06.0
7.0
+/- Supply (V)
-4 0 C
25 C
85 C
Positive Output Sw ing into 25 ohms
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.02.0
3.04.0
5.06.0
7.0
+/- Supply (V)
-40 C
25 C
85 C


Similar Part No. - ZL40167

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL40162 ZARLINK-ZL40162 Datasheet
598Kb / 32P
   High Output Current High Speed Dual Operational Amplifier
ZL40162/DCA ZARLINK-ZL40162/DCA Datasheet
598Kb / 32P
   High Output Current High Speed Dual Operational Amplifier
ZL40162/DCB ZARLINK-ZL40162/DCB Datasheet
598Kb / 32P
   High Output Current High Speed Dual Operational Amplifier
ZL40166 ZARLINK-ZL40166 Datasheet
723Kb / 33P
   High Output Current High Speed Dual Operational Amplifier
ZL40166DCA ZARLINK-ZL40166DCA Datasheet
723Kb / 33P
   High Output Current High Speed Dual Operational Amplifier
More results

Similar Description - ZL40167

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM7372 TI1-LM7372 Datasheet
1Mb / 26P
[Old version datasheet]   High Speed, High Output Current, Dual Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40166 ZARLINK-ZL40166 Datasheet
723Kb / 33P
   High Output Current High Speed Dual Operational Amplifier
logo
National Semiconductor ...
LM7372 NSC-LM7372 Datasheet
417Kb / 15P
   High Speed, High Output Current, Dual Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40162 ZARLINK-ZL40162 Datasheet
598Kb / 32P
   High Output Current High Speed Dual Operational Amplifier
logo
National Semiconductor ...
LM7372 NSC-LM7372_14 Datasheet
1Mb / 26P
   LM7372 High Speed, High Output Current, Dual Operational Amplifier
logo
Texas Instruments
LM7372 TI1-LM7372_14 Datasheet
1Mb / 28P
[Old version datasheet]   LM7372 High Speed, High Output Current, Dual Operational Amplifier
logo
ON Semiconductor
MC33076 ONSEMI-MC33076 Datasheet
213Kb / 12P
   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
1996 REV 0
logo
Texas Instruments
TL3414A TI-TL3414A Datasheet
103Kb / 6P
[Old version datasheet]   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
TL3414A TI-TL3414A_07 Datasheet
420Kb / 12P
[Old version datasheet]   DUAL HIGH-OUTPUT-CURRENT OPERATIONAL AMPLIFIER
TL3414A TI-TL3414A_06 Datasheet
208Kb / 9P
[Old version datasheet]   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com