Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL40167 Datasheet(PDF) 6 Page - Zarlink Semiconductor Inc

Part # ZL40167
Description  High Output Current High Speed Dual Operational Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL40167 Datasheet(HTML) 6 Page - Zarlink Semiconductor Inc

Back Button ZL40167 Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL40167 Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL40167 Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL40167 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL40167 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL40167 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL40167 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL40167 Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL40167 Datasheet HTML 10Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
ZL40167
Data Sheet
6
Zarlink Semiconductor Inc.
Electrical Characteristics - TA = 25°C, G = +2, Vs = ± 6V, Rf = Rg = 510Ω, RL = 100Ω / 2pF; Unless
otherwise specified.
Symbol
Parameter
Conditions
Min
(Note 1)
Typ
(Note 2)
Max
(Note 3)
Units
Test
Type
Dynamic Performance
-3dB Bandwidth
Vo = 200mVp-p
192
MHz
C
-0.1dB Bandwidth
Vo = 200mVp-p
32
MHz
C
Slew Rate
4V Step O/P, 10-90%
240
V/
µsC
Rise and Fall Time
4V Step O/P, 10-90%
13.3
ns
C
Rise and Fall Time
200mV Step O/P,
10-90%
1.7
ns
C
Differential Gain
NTSC, RL = 150
0.005
%
C
Differential Phase
NTSC, RL = 150
-0.07
deg
C
Distortion and Noise Response
2nd Harmonic
Distortion
Vo = 8.4Vpp,
f =100KHz,RL= 25
Ω/2pF
-65.4
dBc
C
Vo = 8.4Vpp,
f =1MHz,RL = 100
Ω/2pF
-83.8
dBc
C
Vo = 2Vpp,
f =100kHz,RL= 25
Ω/2pF
-93.6
dBc
C
Vo = 2Vpp,
f =1MHz,RL =100
Ω/2pF
-86
dBc
C
3rd Harmonic
Distortion
Vo = 8.4Vpp,
f =100KHz,RL=25
Ω/2pF
-70
dBc
C
Vo = 8.4Vpp,
f =1MHz,RL =100
Ω/2pF
-77.7
dBc
C
Vo = 2Vpp,
f =100KHz,RL=25
Ω/2pF
-85
dBc
C
Vo = 2Vpp,
f =1MHz,RL=100
Ω/2pF
-73.5
dBc
C
MTPR
Multi-Tone Power
Ratio
47.4375 KHz
-75
dBc
C
69 KHz
-76.3
dBc
C
90.5625 KHz
-73.8
dBc
C
112.125 KHz
-71.5
dBc
C
Input Noise Voltage
f = 100KHz
3.85
nV/
√Hz
C
Input Noise Current
f = 100KHz
2.7
pA/
√Hz
C


Similar Part No. - ZL40167

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL40162 ZARLINK-ZL40162 Datasheet
598Kb / 32P
   High Output Current High Speed Dual Operational Amplifier
ZL40162/DCA ZARLINK-ZL40162/DCA Datasheet
598Kb / 32P
   High Output Current High Speed Dual Operational Amplifier
ZL40162/DCB ZARLINK-ZL40162/DCB Datasheet
598Kb / 32P
   High Output Current High Speed Dual Operational Amplifier
ZL40166 ZARLINK-ZL40166 Datasheet
723Kb / 33P
   High Output Current High Speed Dual Operational Amplifier
ZL40166DCA ZARLINK-ZL40166DCA Datasheet
723Kb / 33P
   High Output Current High Speed Dual Operational Amplifier
More results

Similar Description - ZL40167

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM7372 TI1-LM7372 Datasheet
1Mb / 26P
[Old version datasheet]   High Speed, High Output Current, Dual Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40166 ZARLINK-ZL40166 Datasheet
723Kb / 33P
   High Output Current High Speed Dual Operational Amplifier
logo
National Semiconductor ...
LM7372 NSC-LM7372 Datasheet
417Kb / 15P
   High Speed, High Output Current, Dual Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40162 ZARLINK-ZL40162 Datasheet
598Kb / 32P
   High Output Current High Speed Dual Operational Amplifier
logo
National Semiconductor ...
LM7372 NSC-LM7372_14 Datasheet
1Mb / 26P
   LM7372 High Speed, High Output Current, Dual Operational Amplifier
logo
Texas Instruments
LM7372 TI1-LM7372_14 Datasheet
1Mb / 28P
[Old version datasheet]   LM7372 High Speed, High Output Current, Dual Operational Amplifier
logo
ON Semiconductor
MC33076 ONSEMI-MC33076 Datasheet
213Kb / 12P
   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
1996 REV 0
logo
Texas Instruments
TL3414A TI-TL3414A Datasheet
103Kb / 6P
[Old version datasheet]   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
TL3414A TI-TL3414A_07 Datasheet
420Kb / 12P
[Old version datasheet]   DUAL HIGH-OUTPUT-CURRENT OPERATIONAL AMPLIFIER
TL3414A TI-TL3414A_06 Datasheet
208Kb / 9P
[Old version datasheet]   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com