Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDFM3A-1907E-11 Datasheet(PDF) 1 Page - TOKO, Inc

Part # TDFM3A-1907E-11
Description  SPECIFICATION OF DIELECTRIC FILTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TDFM3A-1907E-11 Datasheet(HTML) 1 Page - TOKO, Inc

  TDFM3A-1907E-11 Datasheet HTML 1Page - TOKO, Inc TDFM3A-1907E-11 Datasheet HTML 2Page - TOKO, Inc TDFM3A-1907E-11 Datasheet HTML 3Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TOKO, INC.
SPECIFICATION
OF
DIELECTRIC
FILTER
TOKO P/No:
TDFM3A-1907E-11
1. OUTLINE
DIMENSION
2. ELECTRICAL
CHARACTERISTICS
SPECIFICATION
Center Frequency(Fo)
:
1907.0MHz
Passband Width
:
Fo
F 12MHz
Input Output Impedance
:
50 ohm
Insertion Loss in Passband
:
1.6dB max.
Ripple in Passband
:
0.5dB max.
V.S.W.R in Passband
:
1.5 max.
Attenuation
:
35dB min.
at 1398
á1421MHz
:
40dB min.
at 1645
á1670MHz
:
20dB min.
at 2142
á2167MHz
:
25dB min.
at 3292
á3340MHz
:
25dB min.
at 3790
á3836MHz
:
15dB min.
at 4940
á5009MHz
 15dB min.
at 5685
á5754MHz
!LL SPECIFICATIONS ARE AN ABSOLUTE VALUE


Similar Part No. - TDFM3A-1907E-11

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TDFM3A-1907E-11A TOKO-TDFM3A-1907E-11A Datasheet
194Kb / 4P
   TDF series for Mobile & Cordless Phone
More results

Similar Description - TDFM3A-1907E-11

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TDF2A-1575B-12 TOKO-TDF2A-1575B-12 Datasheet
41Kb / 3P
   SPECIFICATION OF DIELECTRIC FILTER
logo
SIPAT Co,Ltd
BP65R765S112 SIPAT-BP65R765S112 Datasheet
403Kb / 3P
   DIELECTRIC FILTER SPECIFICATION
CMF33C813S15A SIPAT-CMF33C813S15A Datasheet
258Kb / 3P
   DIELECTRIC FILTER SPECIFICATION
CMF33C858S15A SIPAT-CMF33C858S15A Datasheet
250Kb / 3P
   DIELECTRIC FILTER SPECIFICATION
CMF33C1762S45A SIPAT-CMF33C1762S45A Datasheet
253Kb / 3P
   DIELECTRIC FILTER SPECIFICATION
CMF33C1897S35A SIPAT-CMF33C1897S35A Datasheet
251Kb / 3P
   DIELECTRIC FILTER SPECIFICATION
CMF58C2140P160B SIPAT-CMF58C2140P160B Datasheet
869Kb / 12P
   DIELECTRIC FILTER SPECIFICATION
DF1284S36B SIPAT-DF1284S36B Datasheet
339Kb / 3P
   DIELECTRIC FILTER SPECIFICATION
DF1284S36B SIPAT-DF1284S36B Datasheet
345Kb / 3P
   DIELECTRIC FILTER SPECIFICATION
BP65R2025S106 SIPAT-BP65R2025S106 Datasheet
363Kb / 3P
   DIELECTRIC FILTER SPECIFICATION
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com