Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

316-93-148-41-001000 Datasheet(PDF) 2 Page - Mill-Max Mfg. Corp.

Part # 316-93-148-41-001000
Description  Interconnect Socket Elevated Strip Socket
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MILL-MAX [Mill-Max Mfg. Corp.]
Direct Link  http://www.mill-max.com
Logo MILL-MAX - Mill-Max Mfg. Corp.

316-93-148-41-001000 Datasheet(HTML) 2 Page - Mill-Max Mfg. Corp.

  316-93-148-41-001000 Datasheet HTML 1Page - Mill-Max Mfg. Corp. 316-93-148-41-001000 Datasheet HTML 2Page - Mill-Max Mfg. Corp. 316-93-148-41-001000 Datasheet HTML 3Page - Mill-Max Mfg. Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BRASS ALLOY 360 per ASTM B 16, or 385 per ASTM B455
Properties of BRASS ALLOY 360 ASTM B 16:
Chemical composition: Cu 63% (max), Pb 3.7% (max)†, Fe .35% (max), Zn remainder
Temper as machined: H02/H04
Yield Strength: 25-45 ksi
Tensile strength: 57-80 ksi
Hardness as machined: 80-90 Rockwell B
Electrical conductivity: 26% IACS*
Melting point: 1000°C/840°C (liquidus/solidus)
Properties of BRASS ALLOY 385 ASTM B 455:
Chemical composition: Cu 60% (max), Pb 3.5% (max)†, Fe .35% (max), Zn remainder
Temper as machined: H02/H04
Yield Strength: 16 ksi(min)
Tensile strength: 48 ksi(min)
Hardness as machined: 80-90 Rockwell B
Electrical conductivity: 28% IACS*
Melting point: 1000°C/840°C (liquidus/solidus)
After machining, brass parts are often annealed (softened) for subsequent bending, swaging or crimping. A partial anneal
down to 60±10 RB is recommended for 90° bends, a full anneal down to 35±15 RB is recommended for pins or terminals
that are swaged (riveted) to a circuit board or crimped to a wire.
†RoHS-2 directive 2011/65/EU, exemption 6c allows up to 4% lead as an alloy agent in copper.
*International Annealed Copper Standard, i.e. as a % of pure copper.
 INSULATOR INFORMATION:
PCT Polyester, (Thermx CG933, black)
High Temperature
Properties of PCT Polyester:
Brand: Thermx
Grade: CG-933
Rated voltage: 100 VRMS/150 VDC
Insulation resistance: 10,000 Megaohms min.
Material Heat Deflection Temp (per ASTM D 648): 529°F (276°C) @ 66 psi
Dielectric strength: 1000 VRMS min. (700 VRMS min. for series 117 Shrink DIP)
Note: Materials above 446°F (230°C) are considered suitable for "eutectic" reflow soldering, above 500°F (260°C) for
"lead-free" reflow soldering.
Certificate of Compliance:
This is to Certify that the product described above is manufactured to Mill-Max quality standards in accordance with all
applicable specifications and drawing. Mill-Max certifies this product to be free from defects of materials and workmanship.
This Certificate of Compliance covers the following requirements:
Dimensional (all features verified to be within tolerances described on the applicable drawing).
Raw Material (materials and properties verified to be as described on the applicable drawing).
Plating (platings as required, thickness verified, and performance including solderability per mil-standard).
Performance (insertion extraction or other force requirements as described on the applicable drawing).
Compliance Statement for Registration, Evaluation, Authorization and Restriction of Chemicals (REACH) 
Reference:
1. Regulation EC No 1907/2006 of the European Parliament and of the Council of 18 December 2006, concerning the
Registration, Evaluation, Authorization and Restriction of Chemicals (REACH)
2. ECHA, Candidate list of Substances of Very High Concern (SVHC) http://echa.europa.eu/reach_en.asp
Mill-Max is aware of the regulation and the SVHC list the EU published (referenced above). Mill-Max does not produce or
sell any of the listed substances in their homogeneous form. These substances are not intentionally added during the
manufacturing of any Mill-Max products. To our knowledge, our products do not contain the substances described on the
ECHA SVHC list. Testing is not performed for materials and substances that were not intentionally added. No warranty,
liability of indemnification is expressed or implied with this information. Mill-Max maintains surveillance of the ECHA website
to obtain the latest information and periodically reviews the SVHC list for changes and additions.
Mill-Max Mfg. Corp. Datasheet — Last Modified 5/10/2018
Page 2 of 3


Similar Part No. - 316-93-148-41-001000

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
316-93-148-41-006000 MILL-MAX-316-93-148-41-006000 Datasheet
122Kb / 3P
   Interconnect Socket Elevated Strip Socket
316-93-148-41-008000 MILL-MAX-316-93-148-41-008000 Datasheet
123Kb / 3P
   Interconnect Socket Elevated Strip Socket
More results

Similar Description - 316-93-148-41-001000

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
316-47-147-41-001000 MILL-MAX-316-47-147-41-001000 Datasheet
124Kb / 3P
   Interconnect Socket Elevated Strip Socket
316-47-152-41-001000 MILL-MAX-316-47-152-41-001000 Datasheet
124Kb / 3P
   Interconnect Socket Elevated Strip Socket
316-47-162-41-001000 MILL-MAX-316-47-162-41-001000 Datasheet
124Kb / 3P
   Interconnect Socket Elevated Strip Socket
316-91-104-41-001000 MILL-MAX-316-91-104-41-001000 Datasheet
122Kb / 3P
   Interconnect Socket Elevated Strip Socket
316-93-149-41-001000 MILL-MAX-316-93-149-41-001000 Datasheet
122Kb / 3P
   Interconnect Socket Elevated Strip Socket
316-93-154-41-001000 MILL-MAX-316-93-154-41-001000 Datasheet
122Kb / 3P
   Interconnect Socket Elevated Strip Socket
316-93-161-41-001000 MILL-MAX-316-93-161-41-001000 Datasheet
122Kb / 3P
   Interconnect Socket Elevated Strip Socket
316-41-102-41-006000 MILL-MAX-316-41-102-41-006000 Datasheet
124Kb / 3P
   Interconnect Socket Elevated Strip Socket
316-41-105-41-006000 MILL-MAX-316-41-105-41-006000 Datasheet
124Kb / 3P
   Interconnect Socket Elevated Strip Socket
316-41-108-41-006000 MILL-MAX-316-41-108-41-006000 Datasheet
124Kb / 3P
   Interconnect Socket Elevated Strip Socket
316-41-109-41-006000 MILL-MAX-316-41-109-41-006000 Datasheet
124Kb / 3P
   Interconnect Socket Elevated Strip Socket
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com