Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962F0253601VXC Datasheet(PDF) 8 Page - STMicroelectronics

Part # 5962F0253601VXC
Description  RAD-HARD POSITIVE FIXED VOLTAGE REGULATORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

5962F0253601VXC Datasheet(HTML) 8 Page - STMicroelectronics

Back Button 5962F0253601VXC Datasheet HTML 3Page - STMicroelectronics 5962F0253601VXC Datasheet HTML 4Page - STMicroelectronics 5962F0253601VXC Datasheet HTML 5Page - STMicroelectronics 5962F0253601VXC Datasheet HTML 6Page - STMicroelectronics 5962F0253601VXC Datasheet HTML 7Page - STMicroelectronics 5962F0253601VXC Datasheet HTML 8Page - STMicroelectronics 5962F0253601VXC Datasheet HTML 9Page - STMicroelectronics 5962F0253601VXC Datasheet HTML 10Page - STMicroelectronics 5962F0253601VXC Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
RHFL4913 FIXED VERSION
8/11
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
3.00
0.118
A1
0.38
0.015
b
7.26
0.286
b1
5.72
0.225
b2
2.41
0.095
b3
3.05
0.120
D
10.16
0.400
D1
0.76
0.030
E
7.52
0.296
e
1.91
0.075
SMD.5 MECHANICAL DATA
7386434A


Similar Part No. - 5962F0253601VXC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
5962F0253601VXC STMICROELECTRONICS-5962F0253601VXC Datasheet
273Kb / 19P
   Rad-hard positive fixed voltage regulator
5962F0253601VXC STMICROELECTRONICS-5962F0253601VXC Datasheet
1Mb / 20P
   Rad-hard positive fixed voltage regulator
Rev 15 - February 2021
More results

Similar Description - 5962F0253601VXC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFL4913XX25 STMICROELECTRONICS-RHFL4913XX25_10 Datasheet
273Kb / 19P
   Rad-hard positive fixed voltage regulator
RHFL4913XX15 STMICROELECTRONICS-RHFL4913XX15 Datasheet
266Kb / 19P
   Rad-hard positive fixed voltage regulator
RHFL4913XX25 STMICROELECTRONICS-RHFL4913XX25_V01 Datasheet
1Mb / 20P
   Rad-hard positive fixed voltage regulator
Rev 15 - February 2021
RHFL4913XX15 STMICROELECTRONICS-RHFL4913XX15_V01 Datasheet
1Mb / 32P
   1.5 V rad-hard positive fixed voltage regulator
Rev 1 December 2015
RHFL4913 STMICROELECTRONICS-RHFL4913_07 Datasheet
418Kb / 16P
   Rad-Hard Adjustable positive voltage regulator
RHFL4913A STMICROELECTRONICS-RHFL4913A_12 Datasheet
302Kb / 20P
   Rad-hard adjustable positive voltage regulator
RHFL4913_0711 STMICROELECTRONICS-RHFL4913_0711 Datasheet
433Kb / 19P
   Rad-hard adjustable positive voltage regulator
RHFL4913A STMICROELECTRONICS-RHFL4913A Datasheet
426Kb / 20P
   Rad-hard adjustable positive voltage regulator
logo
Intersil Corporation
ISL75052SEH INTERSIL-ISL75052SEH Datasheet
657Kb / 16P
   1.5A, Rad Hard, Positive, High Voltage LDO
logo
Texas Instruments
UA7812CKCSE3 TI-UA7812CKCSE3 Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com