Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHFL4913ESY2506V Datasheet(PDF) 5 Page - STMicroelectronics

Part # RHFL4913ESY2506V
Description  RAD-HARD POSITIVE FIXED VOLTAGE REGULATORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL4913ESY2506V Datasheet(HTML) 5 Page - STMicroelectronics

  RHFL4913ESY2506V Datasheet HTML 1Page - STMicroelectronics RHFL4913ESY2506V Datasheet HTML 2Page - STMicroelectronics RHFL4913ESY2506V Datasheet HTML 3Page - STMicroelectronics RHFL4913ESY2506V Datasheet HTML 4Page - STMicroelectronics RHFL4913ESY2506V Datasheet HTML 5Page - STMicroelectronics RHFL4913ESY2506V Datasheet HTML 6Page - STMicroelectronics RHFL4913ESY2506V Datasheet HTML 7Page - STMicroelectronics RHFL4913ESY2506V Datasheet HTML 8Page - STMicroelectronics RHFL4913ESY2506V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
RHFL4913 FIXED VERSION
5/11
Figure 2: Application Diagram For Remote Sensins Operation
DEVICE DESCRIPTION
The RHFL4913 Fixed Voltage contains a PNP type power element controlled by a signal resulting from
amplified comparison between the internal temperature compensated Band-Gap cell and the fraction of
the desired Output Voltage value. This fractional value is obtained from an internal-to-die resistor divider
bridge set by STMicroelectronics. The device is protected by several functional blocks.
Low pin count Package limitations
Some functions (INHIBIT, OCM, SENSE) are not available due to lack of pins. Corresponding die pads
are by default connected inside silicon.
SENSE pin
The Load voltage is applied by a Kelvin line connected to SENSE pin: Voltage feed-back comes from the
internal divider resistor bridge. Therefore possible output voltages are set by manufacturer mask metal
options. SENSE pin is not available in 3pin packages.
INHIBIT ON-OFF Control
By setting INHIBIT pin TTL-High, the Device switches off the Output Current and Voltage. The Device is
ON when INHIBIT pin is set Low. Since INHIBIT pin is internally pulled down, it can be left floating in case
Inhibit function is not utilized. INHIBIT pin is not available in 3pin packages.
Overtemperature protection
A temperature detector internally monitors the power element junction temperature. The Device goes
OFF at approx. 175°C, returning to ON mode when back to approx. 40°C. It is worth noting that when the
internal temperature detector reaches 175°C, the active power element can be at 225°C: Device reliability
cannot be granted in case of extensive operation under these conditions.
Overcurrent protection
ISC pin. An internal non-fold back Short-Circuit limitation is set with ISHORT >3.8A (VO is 0V). This value
can be reduced by an external resistor connected between ISC pin and VI pin, with a typical value range
of 10k
Ω to 200kΩ. This adjustment feature is not available in 3pin packages. To keep excellent V
O
regulation, it is necessary to set ISHORT 1.6 times greater than the maximum desired application IO.When
IO reaches ISHORT – 300mA, the current limiter overrules Regulation and VO starts to drop and the OCM
flag is risen. When no current limitation adjustment is required, ISC pin must be left unbiased (as it is in 3
pin packages).
OCM pin
Goes Low when current limiter starts to be active, otherwise VOCM =VI. It is bufferized and can sink 10mA.
OCM pin is internally pulled-up by a 5 k
Ω resistor. Not available in 3pin packages.


Similar Part No. - RHFL4913ESY2506V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFL4913ESY2506V STMICROELECTRONICS-RHFL4913ESY2506V Datasheet
266Kb / 19P
   Rad-hard positive fixed voltage regulator
RHFL4913ESY2506V STMICROELECTRONICS-RHFL4913ESY2506V Datasheet
273Kb / 19P
   Rad-hard positive fixed voltage regulator
RHFL4913ESY2506V STMICROELECTRONICS-RHFL4913ESY2506V Datasheet
1Mb / 20P
   Rad-hard positive fixed voltage regulator
Rev 15 - February 2021
More results

Similar Description - RHFL4913ESY2506V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFL4913XX25 STMICROELECTRONICS-RHFL4913XX25_10 Datasheet
273Kb / 19P
   Rad-hard positive fixed voltage regulator
RHFL4913XX15 STMICROELECTRONICS-RHFL4913XX15 Datasheet
266Kb / 19P
   Rad-hard positive fixed voltage regulator
RHFL4913XX25 STMICROELECTRONICS-RHFL4913XX25_V01 Datasheet
1Mb / 20P
   Rad-hard positive fixed voltage regulator
Rev 15 - February 2021
RHFL4913XX15 STMICROELECTRONICS-RHFL4913XX15_V01 Datasheet
1Mb / 32P
   1.5 V rad-hard positive fixed voltage regulator
Rev 1 December 2015
RHFL4913 STMICROELECTRONICS-RHFL4913_07 Datasheet
418Kb / 16P
   Rad-Hard Adjustable positive voltage regulator
RHFL4913A STMICROELECTRONICS-RHFL4913A_12 Datasheet
302Kb / 20P
   Rad-hard adjustable positive voltage regulator
RHFL4913_0711 STMICROELECTRONICS-RHFL4913_0711 Datasheet
433Kb / 19P
   Rad-hard adjustable positive voltage regulator
RHFL4913A STMICROELECTRONICS-RHFL4913A Datasheet
426Kb / 20P
   Rad-hard adjustable positive voltage regulator
logo
Intersil Corporation
ISL75052SEH INTERSIL-ISL75052SEH Datasheet
657Kb / 16P
   1.5A, Rad Hard, Positive, High Voltage LDO
logo
Texas Instruments
UA7812CKCSE3 TI-UA7812CKCSE3 Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com