Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT4823 Datasheet(PDF) 9 Page - Texas Instruments

Part # PT4823
Description  35-W Triple Output Isolated DC/DC Converter for Logic Applications
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4823 Datasheet(HTML) 9 Page - Texas Instruments

Back Button PT4823 Datasheet HTML 5Page - Texas Instruments PT4823 Datasheet HTML 6Page - Texas Instruments PT4823 Datasheet HTML 7Page - Texas Instruments PT4823 Datasheet HTML 8Page - Texas Instruments PT4823 Datasheet HTML 9Page - Texas Instruments PT4823 Datasheet HTML 10Page - Texas Instruments PT4823 Datasheet HTML 11Page - Texas Instruments PT4823 Datasheet HTML 12Page - Texas Instruments PT4823 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
9
SLTS165E - FEBRUARY 2002 - REVISED MARCH 2003
PT4824—48V
35-W Triple Output Isolated DC/DC
Converter for Logic Applications
PT4824 Electrical Specifications
(Unless otherwise stated, the operating conditions are: Ta =25°C, Vin =48V, and Io =0.5Iomax)
PT4824
Characteristics
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
Each output
Io1 (3.3V)
0.25 (1)
—8
(2)
Io2 (1.8V)
0.1 (1)
—6
(2)
A
Io3 (1.2V)
0.1 (1)
—6
(2)
Total (Io1 + Io2 + Io3)
——12 (2)
A
Input Voltage Range
Vin
Continuous
36
75
V
Surge (1 minute)
80
Set-Point Voltage
Vo
Vo1
3.24
3.3
3.36
Vo2
1.76
1.8
1.84
V
Vo3
1.17
1.2
1.23
Temperature Variation
Regtemp
–40°C
≤Ta ≤+85°C, Io =Iomin
Vo1
±0.5
%Vo
Vo2/Vo3
±0.5
Line Regulation
Regline
All outputs, Over Vin range
±0.1
±0.5
%Vo
Load Regulation
Regload
All outputs, 0
≤Io≤Iomax
±0.1
±0.5
%Vo
Total Output Voltage Variation
∆Votol
Includes set-point, line, load,
Vo1
±3 (3)
%Vo
–40°C
≤Ta ≤+85°C
Vo2/Vo3
±3 (3)
Efficiency
η
Io1 =6A, Io2 =2A, Io3 =2A
85
%
Vo Ripple/Noise
Vn
Vo1
—30
(0 to 20MHz bandwidth)
Vo2
—25
mVpp
Vo3
—25
Transient Response
ttr
0.1A/µs load step, 50% to 75% Iomax
200
µSec
Vos
Vo over/undershoot
3
%Vo
Output Adjust Range
Voadj
Vo1/Vo2/Vo3
±10
%Vo
Over-Current Threshold
ITRIP
Total, all outputs. Reset with auto-recovery
14
A
Switching Frequency
ƒs
Over Vin and Io ranges
350
400
450
kHz
Under Voltage Lockout
Von
Vin increasing
35.5
V
Voff
Vin decreasing
34
Turn-On Time
ton
Vin =48V step
140 (4)
—ms
Enable Control (pins 1 & 2)
Referenced to –Vin (pin 4)
High-Level Input Voltage
VIH
4
15 (5)
V
Low-Level Input Voltage
VIL
–0.2
0.8
Low-Level Input Current
IIL
12mA
Standby Input Current
Iin standby
pins 1 & 2 open circuit
1
5
mA
Internal Input Capacitance
Cint
1.14
µF
External Output Capacitance
Co1
0
220
1,000 (6)
Co2
0
220
1,000 (6)
µF
Co3
0
220
1,000 (6)
Primary/Secondary Isolation
V iso
1500
V
C iso
2,200
pF
R iso
10
——M
Notes: (1) The converter will operate down to no load with reduced specifications.
(2) The sum-total current from outputs Vo1, Vo2, and Vo3 cannot exceed 12ADC.
(3) Limits are specified by design.
(4) Measured from the application of the input voltage to the instance that all outputs are in regulation.
(5) The Enable inputs (pins 1 & 2) have internal pull-ups. Leaving pin 1 open-circuit and connecting pin 2 to –Vin allows the the converter to operate when
input power is applied. The maximum open-circuit voltage is 4V.
(6) Ultra-low ESR capacitors, such as organic or polymer aluminum electrolytic types, may cause instability. Consult the factory before using.


Similar Part No. - PT4823

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4823 TI-PT4823 Datasheet
751Kb / 34P
[Old version datasheet]   Over-Temperature Shutdown Under-Voltage Lockout
PT4823C TI1-PT4823C Datasheet
760Kb / 33P
[Old version datasheet]   35-W Triple Output Isolated DC/DC Converter
More results

Similar Description - PT4823

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4833A TI1-PT4833A Datasheet
760Kb / 33P
[Old version datasheet]   35-W Triple Output Isolated DC/DC Converter
PT4827A TI-PT4827A Datasheet
766Kb / 34P
[Old version datasheet]   35-W Triple Output Isolated DC/DC
PT4850 TI-PT4850 Datasheet
233Kb / 13P
[Old version datasheet]   25-A Triple Output Isolated DC/DC Converter For Logic Applications
PT4840A TI-PT4840A Datasheet
221Kb / 14P
[Old version datasheet]   65-W TRIPLE OUTPUT ISOLATED DC/DC CONVERTER FOR DSL APPLICATIONS
logo
STMicroelectronics
GS1T5-5D15 STMICROELECTRONICS-GS1T5-5D15 Datasheet
39Kb / 2P
   1 W TRIPLE OUTPUT DC-DC CONVERTER
June 1994
GS2T5-5D15 STMICROELECTRONICS-GS2T5-5D15 Datasheet
33Kb / 2P
   2 W TRIPLE OUTPUT DC-DC CONVERTER
December 1993
logo
Texas Instruments
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PT3401C TI-PT3401C Datasheet
285Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PT4711 TI-PT4711 Datasheet
337Kb / 13P
[Old version datasheet]   45-W Dual-Output Isolated DC/DC Converter
logo
Bel Fuse Inc.
RFT-10Y BEL-RFT-10Y Datasheet
1Mb / 10P
   10 W Isolated DC-DC Converter
16 December 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com