Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT5C2564C-70 Datasheet(PDF) 1 Page - Austin Semiconductor

Part # MT5C2564C-70
Description  SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

MT5C2564C-70 Datasheet(HTML) 1 Page - Austin Semiconductor

  MT5C2564C-70 Datasheet HTML 1Page - Austin Semiconductor MT5C2564C-70 Datasheet HTML 2Page - Austin Semiconductor MT5C2564C-70 Datasheet HTML 3Page - Austin Semiconductor MT5C2564C-70 Datasheet HTML 4Page - Austin Semiconductor MT5C2564C-70 Datasheet HTML 5Page - Austin Semiconductor MT5C2564C-70 Datasheet HTML 6Page - Austin Semiconductor MT5C2564C-70 Datasheet HTML 7Page - Austin Semiconductor MT5C2564C-70 Datasheet HTML 8Page - Austin Semiconductor MT5C2564C-70 Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SRAM
MT5C2564
Austin Semiconductor, Inc.
MT5C2564
Rev. 2.0 11/00
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
1
FEATURES
• High Speed: 15, 20, 25, 35, 45, 55, and 70
• Battery Backup: 2V data retention
• Low power standby
• High-performance, low-power, CMOS double-metal
process
• Single +5V (+10%) Power Supply
• Easy memory expansion with CE\
• All inputs and outputs are TTL compatible
OPTIONS
MARKING
• Timing
15ns access
-15
20ns access
-20
25ns access
-25
35ns access
-35
45ns access
-45
55ns access
-55*
70ns access
-70*
• Package(s)
Ceramic DIP (300 mil)
C
No. 106
Ceramic LCC
EC
No. 204
• Operating Temperature Ranges
Industrial (-40oC to +85oC)
IT
Military (-55oC to +125oC)
XT
• 2V data retention/low power
L
*Electrical characteristics identical to those provided for the 45ns
access devices.
PIN ASSIGNMENT
(Top View)
AVAILABLE AS MILITARY
SPECIFICATIONS
• SMD 5962-88681
• MIL-STD-883
24-Pin DIP (C)
(300 MIL)
GENERAL DESCRIPTION
The Austin Semiconductor SRAM family employs
high-speed, low-power CMOS and are fabricated using double-
layer metal, double-layer polysilicon technology.
For flexibility in high-speed memory applications,
Austin Semiconductor offers chip enable (CE\) on all organiza-
tions. This enhancement can place the outputs in High-Z for
additional flexibility in system design. The x4 configuration
features common data input and output.
Writing to these devices is accomplished when write
enable (WE\) and CE\ inputs are both LOW. Reading is accom-
plished when WE\ remains HIGH and CE\ goes LOW. The
device offers a reduced power standby mode when disabled.
This allows system designs to achieve low standby power re-
quirements.
These devices operate from a single +5V power sup-
ply and all inputs and outputs are fully TTL compatible.
64K x 4 SRAM
SRAM MEMORY ARRAY
For more products and information
please visit our web site at
www.austinsemiconductor.com
28-Pin LCC (EC)
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
CE\
Vss
Vcc
A15
A14
A13
A12
A11
A10
DQ4
DQ3
DQ2
DQ1
WE\
3 2 1 28 27
13 14 15 16 17
4
5
6
7
8
9
10
11
12
26
25
24
23
22
21
20
19
18
A2
A3
A4
A5
A6
A7
A8
A9
CE\
A15
A14
A13
A12
A11
A10
DQ4
DQ3
DQ2


Similar Part No. - MT5C2564C-70

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
MT5C2564C-70/883C AUSTIN-MT5C2564C-70/883C Datasheet
94Kb / 12P
   64K x 4 SRAM SRAM MEMORY ARRAY
MT5C2564C-70/IT AUSTIN-MT5C2564C-70/IT Datasheet
94Kb / 12P
   64K x 4 SRAM SRAM MEMORY ARRAY
MT5C2564C-70/XT AUSTIN-MT5C2564C-70/XT Datasheet
94Kb / 12P
   64K x 4 SRAM SRAM MEMORY ARRAY
MT5C2564C-70L/883C AUSTIN-MT5C2564C-70L/883C Datasheet
94Kb / 12P
   64K x 4 SRAM SRAM MEMORY ARRAY
MT5C2564C-70L/IT AUSTIN-MT5C2564C-70L/IT Datasheet
94Kb / 12P
   64K x 4 SRAM SRAM MEMORY ARRAY
More results

Similar Description - MT5C2564C-70

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS5C4009 ETC1-AS5C4009 Datasheet
134Kb / 12P
   SRAM
AS5C4009LL ETC1-AS5C4009LL Datasheet
117Kb / 12P
   SRAM
logo
Austin Semiconductor
MT5C1001 AUSTIN-MT5C1001 Datasheet
166Kb / 13P
   SRAM
AS8S512K32 AUSTIN-AS8S512K32 Datasheet
227Kb / 12P
   SRAM
logo
Integrated Silicon Solu...
IS61NF25632 ISSI-IS61NF25632 Datasheet
155Kb / 20P
   SRAM
logo
Austin Semiconductor
MT5C1005 AUSTIN-MT5C1005 Datasheet
182Kb / 13P
   256K x 4 SRAM SRAM MEMORY ARRAY
logo
Integrated Device Techn...
IDT71V547S IDT-IDT71V547S Datasheet
711Kb / 20P
   Synchronous SRAM
logo
List of Unclassifed Man...
WPS512K8 ETC1-WPS512K8 Datasheet
184Kb / 5P
   512Kx8 SRAM
logo
ARTSCHIP ELECTRONICS CO...
M48T08 ARTSCHIP-M48T08 Datasheet
7Mb / 27P
   TIMEKEEPER SRAM
logo
Sharp Corporation
LH525C9N SHARP-LH525C9N Datasheet
449Kb / 17P
   256K SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com