Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT5C2564C-35 Datasheet(PDF) 7 Page - Austin Semiconductor

Part # MT5C2564C-35
Description  SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

MT5C2564C-35 Datasheet(HTML) 7 Page - Austin Semiconductor

Back Button MT5C2564C-35 Datasheet HTML 3Page - Austin Semiconductor MT5C2564C-35 Datasheet HTML 4Page - Austin Semiconductor MT5C2564C-35 Datasheet HTML 5Page - Austin Semiconductor MT5C2564C-35 Datasheet HTML 6Page - Austin Semiconductor MT5C2564C-35 Datasheet HTML 7Page - Austin Semiconductor MT5C2564C-35 Datasheet HTML 8Page - Austin Semiconductor MT5C2564C-35 Datasheet HTML 9Page - Austin Semiconductor MT5C2564C-35 Datasheet HTML 10Page - Austin Semiconductor MT5C2564C-35 Datasheet HTML 11Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
SRAM
MT5C2564
Austin Semiconductor, Inc.
MT5C2564
Rev. 2.0 11/00
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
7
NOTE: Output enable (OE\) is inactive (HIGH).
WRITE CYCLE NO. 2 7, 12
(Write Enabled Controlled)
WRITE CYCLE NO. 1 12
(Chip Enabled Controlled)
tDH
tDS
tWP1
tWP1
tAH
tCW
tAW
tCW
tAS
tWC
tWC
HIGH Z
DATA VAILD
ADDRESS
CE\
WE\
D
Q
t
WC
t
AW
t
AS
t
CW
t
AH
t
WP
t
DS
t
DH
123456789012345678901
123456789012345678901
1
1
1
1
1
123456789012345678901234567890121234567890
123456789012345678901234567890121234567890
1
1
1
1
1
tDH
tWP1
tWP1
tAS
tAW
tCW
tAH
tCW
tWC
tWC
DATA VALID
ADDRESS
CE\
WE\
D
Q
HIGH-Z
t
DH
t
DS
t
WC
t
AW
t
AH
t
CW
t
AS
t
WP
1234
1234
1234
1234
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1
1
1
1
1234
1234
1234
1234
123456
123456
123456
123456
12
12
12
12
1
1
1
1
1
1
1
1
12345678901234567
12345678901234567
12345678901234567
12
12
12
12
12
1
1
12345678901234567890123
12345678901234567890123
12345678901234567890123
12
1
1
1
1
123456789
123456789
123456789
t
HZWE
t
LZWE
123
123
123
1234
1234
1234
1234
DON’T CARE
UNDEFINED


Similar Part No. - MT5C2564C-35

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
MT5C2564C-35/883C AUSTIN-MT5C2564C-35/883C Datasheet
94Kb / 12P
   64K x 4 SRAM SRAM MEMORY ARRAY
MT5C2564C-35/IT AUSTIN-MT5C2564C-35/IT Datasheet
94Kb / 12P
   64K x 4 SRAM SRAM MEMORY ARRAY
MT5C2564C-35/XT AUSTIN-MT5C2564C-35/XT Datasheet
94Kb / 12P
   64K x 4 SRAM SRAM MEMORY ARRAY
MT5C2564C-35L/883C AUSTIN-MT5C2564C-35L/883C Datasheet
94Kb / 12P
   64K x 4 SRAM SRAM MEMORY ARRAY
MT5C2564C-35L/IT AUSTIN-MT5C2564C-35L/IT Datasheet
94Kb / 12P
   64K x 4 SRAM SRAM MEMORY ARRAY
More results

Similar Description - MT5C2564C-35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS5C4009 ETC1-AS5C4009 Datasheet
134Kb / 12P
   SRAM
AS5C4009LL ETC1-AS5C4009LL Datasheet
117Kb / 12P
   SRAM
logo
Austin Semiconductor
MT5C1001 AUSTIN-MT5C1001 Datasheet
166Kb / 13P
   SRAM
AS8S512K32 AUSTIN-AS8S512K32 Datasheet
227Kb / 12P
   SRAM
logo
Integrated Silicon Solu...
IS61NF25632 ISSI-IS61NF25632 Datasheet
155Kb / 20P
   SRAM
logo
Austin Semiconductor
MT5C1005 AUSTIN-MT5C1005 Datasheet
182Kb / 13P
   256K x 4 SRAM SRAM MEMORY ARRAY
logo
Integrated Device Techn...
IDT71V547S IDT-IDT71V547S Datasheet
711Kb / 20P
   Synchronous SRAM
logo
List of Unclassifed Man...
WPS512K8 ETC1-WPS512K8 Datasheet
184Kb / 5P
   512Kx8 SRAM
logo
ARTSCHIP ELECTRONICS CO...
M48T08 ARTSCHIP-M48T08 Datasheet
7Mb / 27P
   TIMEKEEPER SRAM
logo
Sharp Corporation
LH525C9N SHARP-LH525C9N Datasheet
449Kb / 17P
   256K SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com