Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NEL2302 Datasheet(PDF) 4 Page - NEC

Part # NEL2302
Description  CLASS A 2.3 GHZ 15 VOLT POWER TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NEL2302 Datasheet(HTML) 4 Page - NEC

  NEL2302 Datasheet HTML 1Page - NEC NEL2302 Datasheet HTML 2Page - NEC NEL2302 Datasheet HTML 3Page - NEC NEL2302 Datasheet HTML 4Page - NEC NEL2302 Datasheet HTML 5Page - NEC NEL2302 Datasheet HTML 6Page - NEC NEL2302 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image


Similar Part No. - NEL2302

ManufacturerPart #DatasheetDescription
logo
NEC
NEL200101-24 NEC-NEL200101-24 Datasheet
88Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR L Band Power Amplifier
NEL2004F02-24 NEC-NEL2004F02-24 Datasheet
89Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR L Band Power Amplifier
NEL2012F03-24 NEC-NEL2012F03-24 Datasheet
108Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR L BAND POWER AMPLIFIER
NEL2035F03-24 NEC-NEL2035F03-24 Datasheet
107Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR L Band Power Amplifier
More results

Similar Description - NEL2302

ManufacturerPart #DatasheetDescription
logo
NEC
NEX2300 NEC-NEX2300 Datasheet
119Kb / 3P
   2.3 GHz POWER OSCILLATOR TRANSISTOR
logo
Tyco Electronics
PH2323-1 MACOM-PH2323-1 Datasheet
147Kb / 2P
   CW Power Transistor, 1W 2.3 GHz
logo
M/A-COM Technology Solu...
PH2323-1 MA-COM-PH2323-1 Datasheet
125Kb / 2P
   CW Power Transistor 1W, 2.3 GHz
logo
Tyco Electronics
PH2323-3 MACOM-PH2323-3 Datasheet
125Kb / 2P
   CW Power Transistor 3.5W, 2.3 GHz
logo
M/A-COM Technology Solu...
PH2323-5 MA-COM-PH2323-5 Datasheet
124Kb / 2P
   CW Power Transistor 5W, 2.3 GHz
logo
Tyco Electronics
PH2323-14 MACOM-PH2323-14 Datasheet
148Kb / 2P
   CW Power Transistor,14W 2.3 GHz
PH2323-3 MACOM-PH2323-3 Datasheet
114Kb / 2P
   CW Power Transistor, 3.5W 2.3 GHz
PH2323-5 MACOM-PH2323-5 Datasheet
143Kb / 2P
   CW Power Transistor, 5W ,2.3 GHz
logo
M/A-COM Technology Solu...
PH2323-14 MA-COM-PH2323-14 Datasheet
134Kb / 2P
   CW Power Transistor 14W, 2.3 GHz
PH2323-3 MA-COM-PH2323-3 Datasheet
125Kb / 2P
   CW Power Transistor 3.5W, 2.3 GHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com