Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP563 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP563
Description  80 mA CMOS Low Iq Low-Dropout Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP563 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP563 Datasheet HTML 2Page - ON Semiconductor NCP563 Datasheet HTML 3Page - ON Semiconductor NCP563 Datasheet HTML 4Page - ON Semiconductor NCP563 Datasheet HTML 5Page - ON Semiconductor NCP563 Datasheet HTML 6Page - ON Semiconductor NCP563 Datasheet HTML 7Page - ON Semiconductor NCP563 Datasheet HTML 8Page - ON Semiconductor NCP563 Datasheet HTML 9Page - ON Semiconductor NCP563 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
NCP562, NCP563
http://onsemi.com
8
ORDERING INFORMATION
Device
Nominal
Output Voltage
Marking
Package
Shipping†
NCP562SQ15T1
1.5
LDI
NCP562SQ15T1G
1.5
LDI
NCP562SQ18T1
1.8
LEY
NCP562SQ18T1G
1.8
LEY
NCP562SQ25T1
2.5
LDK
NCP562SQ25T1G
2.5
LDK
NCP562SQ27T1
2.7
LEZ
NCP562SQ27T1G
2.7
LEZ
SC82 AB
3000 Units/
NCP562SQ28T1
2.8
LDL
SC82−AB
3000 Units/
8
″ Tape & Reel
NCP562SQ28T1G
2.8
LDL
NCP562SQ30T1
3.0
LDM
NCP562SQ30T1G
3.0
LDM
NCP562SQ33T1
3.3
LDN
NCP562SQ33T1G
3.3
LDN
NCP562SQ50T1
5.0
LDP
NCP562SQ50T1G
5.0
LDP
NCP563SQ15T1
1.5
LDQ
NCP563SQ15T1G
1.5
LDQ
NCP563SQ18T1
1.8
LFA
NCP563SQ18T1G
1.8
LFA
NCP563SQ25T1
2.5
LDS
NCP563SQ25T1G
2.5
LDS
NCP563SQ27T1
2.7
LFB
NCP563SQ27T1G
2.7
LFB
SC82−AB
3000 Units/
NCP563SQ28T1
2.8
LDT
SC82−AB
3000 Units/
8
″ Tape & Reel
NCP563SQ28T1G
2.8
LDT
NCP563SQ30T1
3.0
LDU
NCP563SQ30T1G
3.0
LDU
NCP563SQ33T1
3.3
LDV
NCP563SQ33T1G
3.3
LDV
NCP563SQ50T1
5.0
LDX
NCP563SQ50T1G
5.0
LDX
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NCP563

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP563 ONSEMI-NCP563 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP563 ONSEMI-NCP563 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
NCP563SQ15T1 ONSEMI-NCP563SQ15T1 Datasheet
151Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2009 ??Rev. 12
NCP563SQ15T1G ONSEMI-NCP563SQ15T1G Datasheet
151Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2009 ??Rev. 12
NCP563SQ15T1G ONSEMI-NCP563SQ15T1G Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
More results

Similar Description - NCP563

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP562 ONSEMI-NCP562_15 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
NCP502 ONSEMI-NCP502_13 Datasheet
192Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
May, 2013 ??Rev. 20
NCP563 ONSEMI-NCP563_12 Datasheet
151Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2009 ??Rev. 12
NCP565 ONSEMI-NCP565_16 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
NCP502 ONSEMI-NCP502_16 Datasheet
99Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
December, 2016 ??Rev. 21
NCP502SQ50T2G ONSEMI-NCP502SQ50T2G Datasheet
174Kb / 9P
   80 mA CMOS Low Iq Low-Dropout Voltage
May, 2013 ??Rev. 20
NCP512SQ13T1G ONSEMI-NCP512SQ13T1G Datasheet
142Kb / 9P
   80 mA CMOS Low Iq Voltage Regulator
June, 2009 ??Rev. 15
NCP502 ONSEMI-NCP502_07 Datasheet
92Kb / 11P
   80 mA CMOS Low Iq, Low?묭ropout Voltage Regulator
February, 2007 ??Rev. 12
NCP561SN33T1G ONSEMI-NCP561SN33T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCV551SN14T1G ONSEMI-NCV551SN14T1G Datasheet
160Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
May, 2013 ??Rev. 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com