Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT90880 Datasheet(PDF) 1 Page - Zarlink Semiconductor Inc

Part # MT90880
Description  TDM to Packet Processors
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT90880 Datasheet(HTML) 1 Page - Zarlink Semiconductor Inc

  MT90880 Datasheet HTML 1Page - Zarlink Semiconductor Inc MT90880 Datasheet HTML 2Page - Zarlink Semiconductor Inc MT90880 Datasheet HTML 3Page - Zarlink Semiconductor Inc MT90880 Datasheet HTML 4Page - Zarlink Semiconductor Inc MT90880 Datasheet HTML 5Page - Zarlink Semiconductor Inc MT90880 Datasheet HTML 6Page - Zarlink Semiconductor Inc MT90880 Datasheet HTML 7Page - Zarlink Semiconductor Inc MT90880 Datasheet HTML 8Page - Zarlink Semiconductor Inc MT90880 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 97 page
background image
1
Zarlink Semiconductor Inc.
Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc.
Copyright 2003-2004, Zarlink Semiconductor Inc. All Rights Reserved.
Features
WAN interface, consisting of 32 input and output
streams at 2.048 or 8.192 Mbs
Up to 1024 bi-directional 64 Kbs channels
N * 64 Kbs trunking of channels across any
stream and channel
1 K by 1 K non-blocking TDM switch
Local TDM interface, with 32 streams at 2.048,
4.096 and 8.192 Mbs
Flexible, multi-protocol packet encapsulation
Dual 100 Mbs MII interfaces for redundancy or for
load balancing
Quality of service features, including weighted fair
queuing, strict priority and queue size limit
thresholds
High performance 33 MHz / 66 MHz 32 bit PCI
bus
Integral Stratum 4E PLL for synchronisation to the
TDM domain
Power consumption of less than 0.75 W
Applications
Packet backplane interconnection
Circuit Emulation over packet domain
Internet Off-load
Remote Access Concentrators
H.100/H.110 extension and expansion
December 2004
Ordering Information
MT90880B/IG/BP1N
456 ball PBGA
MT90881A/IG/BP1N
456 ball PBGA
MT90882B/IG/BP1N
456 ball PBGA
MT90883A/IG/BP1N
456 ball PBGA
-40
°C to +85°C
MT90880/1/2/3
TDM to Packet Processors
Data Sheet
Figure 1 - MT90880 High Level Overview
Dual Packet
Interface
MAC
Local TDM Interface
e.g. for connection to local resource pool
TDM Re-
Formatter
Packetizing
and Circuit
Emulation
WAN Access
Interface
Packet Switch
Fabric Interface
1Kx1K TDM
Switch
Administration
Host Control/Data Interface
32 bit, 33MHz / 66MHz 32 PCI
PCI Interface
Memory Manager
Packet Memory
0.125 - 8 MBytes SSRAM


Similar Part No. - MT90880

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9080 MITEL-MT9080 Datasheet
305Kb / 24P
   CMOS SMX - Switch Matrix Module
MT9080AP MITEL-MT9080AP Datasheet
305Kb / 24P
   CMOS SMX - Switch Matrix Module
MT9080B MITEL-MT9080B Datasheet
123Kb / 25P
   CMOS SMX - Switch Matrix Module
MT9080BP MITEL-MT9080BP Datasheet
123Kb / 25P
   CMOS SMX - Switch Matrix Module
logo
Marktech Corporate
MT9081-HRG MARKTECH-MT9081-HRG Datasheet
30Kb / 2P
   Marktech 3 Leaded 10mm Bi−Color LEDs
More results

Similar Description - MT90880

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS34S132 MAXIM-DS34S132 Datasheet
588Kb / 18P
   32-Port TDM-over-Packet IC
Rev 0; 7/09
DS34T101 MAXIM-DS34T101_08 Datasheet
1Mb / 16P
   Single/Dual/Quad/Octal TDM-over-Packet Chip
Rev: 101708
DS34T101 MAXIM-DS34T101 Datasheet
803Kb / 74P
   Single/Dual/Quad/Octal TDM-Over-Packet Chip
Rev: 072707
DS34S101 MAXIM-DS34S101 Datasheet
1Mb / 13P
   Single/Dual/Quad/Octal TDM-over-Packet Chip
Rev: 101708
DS34T101 MAXIM-DS34T101_09 Datasheet
271Kb / 16P
   Single/Dual/Quad/Octal TDM-over-Packet Chip
Rev 6; 8/09
DS34S101 MAXIM-DS34S101_V01 Datasheet
4Mb / 198P
   DS34S101, DS34S102, DS34S104, DS34S108 Single/Dual/Quad/Octal TDM-over-Packet Chip
Rev: 032609
DS26101 MAXIM-DS26101 Datasheet
560Kb / 62P
   8-Port TDM-to-ATM PHY
REV: 032503
DS26102 MAXIM-DS26102 Datasheet
607Kb / 64P
   16-Port TDM-to-ATM PHY
REV: 021403
logo
Analog Devices
ADAU7118 AD-ADAU7118 Datasheet
670Kb / 35P
   8-Channel, PDM to I2S/TDM Converter
Rev. A
logo
Honeywell Accelerometer...
19PA217-NT HONEYWELL-ACC-19PA217-NT Datasheet
46Kb / 1P
   PACKET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com