Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MN5572 Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # MN5572
Description  Gray Scale Font Engine
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN5572 Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button MN5572 Datasheet HTML 2Page - Panasonic Semiconductor MN5572 Datasheet HTML 3Page - Panasonic Semiconductor MN5572 Datasheet HTML 4Page - Panasonic Semiconductor MN5572 Datasheet HTML 5Page - Panasonic Semiconductor MN5572 Datasheet HTML 6Page - Panasonic Semiconductor MN5572 Datasheet HTML 7Page - Panasonic Semiconductor MN5572 Datasheet HTML 8Page - Panasonic Semiconductor MN5572 Datasheet HTML 9Page - Panasonic Semiconductor MN5572 Datasheet HTML 10Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
MN5572
6
SDF00008BEM
I Pin Descriptions (continued)
2. Local 16 mode pin descriptions (continued)
Pin Name
I/O
Description
P1TCPOUT
O
Testing
P2TCPOUT
O
Testing
MIN5
I
5 V voltage reference
P1VDD
I
Internal frequency multiplier PLL power supply (3.3 V)
P2VDD
I
External phase compensation PLL power supply (3.3 V)
VDD
I
Power supply (3.3 V)
P1VSS
Ground
P2VSS
Ground
VSS
Ground
3. PCI mode pin descriptions
Pin Name
I/O
Description
ICLOCK
I
Internal operating clock input
PCICLK
I
PCI interface clock input
NRST
I
Hardware reset (active low)
NCBE[3 : 0]
I
PCI command/byte enable (active low)
NFRAME
I
PCI cycle frame (active low)
NIRDY
I
PCI initiator ready (active low)
IDSEL
I
PCI initialization device select
AD[31 : 16]
I/O
PCI address/data I/O (upper 16 bits)
AD[15 : 0]
I/O
PCI address/data I/O (lower 16 bits)
NDEVSEL
O
PCI target device select (active low)
NTRDY
O
PCI target ready (active low)
PAR
I/O
PCI parity I/O
NSTOP
O
PCI stop (active low)
NSERR
O
PCI system error
NPERR
O
PCI parity error
IFCFG
I
Interface mode setting (connect high)
BUSSEL
I
Data bus width setting (connect high)
CLKSEL[2 : 0]
I
Internal/external clock select
PLNRESET
I
Internal PLL reset (active low)
P1NPWD
I
Low power mode control for internal frequency multiplier PLL (active low)
P1SEL[2 : 1]
I
Frequency selector for internal frequency multiplier PLL
P2NPWD
I
Low power mode control for external phase compensation PLL (active low)
OCLOCK
O
Unused


Similar Part No. - MN5572

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MN5100 ETC1-MN5100 Datasheet
1Mb / 6P
   High-speed 8-bit A/D Converters
logo
API Technologies Corp
MN5100 APITECH-MN5100 Datasheet
1Mb / 6P
   High-speed 8-bit A/D Converters
logo
List of Unclassifed Man...
MN5100H ETC1-MN5100H Datasheet
1Mb / 6P
   High-speed 8-bit A/D Converters
MN5100H/BCH ETC1-MN5100H/BCH Datasheet
1Mb / 6P
   High-speed 8-bit A/D Converters
MN5101 ETC1-MN5101 Datasheet
1Mb / 6P
   High-speed 8-bit A/D Converters
More results

Similar Description - MN5572

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
LDS-A8022RI LUMEX-LDS-A8022RI Datasheet
75Kb / 1P
   565nm GREEN, GRAY FONT/WHITE SEGMENTS
LDS-A8024RI LUMEX-LDS-A8024RI Datasheet
71Kb / 1P
   635nm RED ,GRAY FONT/WHITE SEGMENTS
LDS-A8026RI LUMEX-LDS-A8026RI Datasheet
76Kb / 1P
   660nm SUPER RED, GRAY FONT/WHITE SEGMENTS
LDQ-M516RI LUMEX-LDQ-M516RI Datasheet
75Kb / 1P
   660nm RED CHIPS, GRAY FONT/WHITE SEGMENTS
logo
National Semiconductor ...
LM6104 NSC-LM6104 Datasheet
118Kb / 6P
   Quad Gray Scale Current Feedback Amplifier
logo
ELAN Microelectronics C...
EM65101 EMC-EM65101 Datasheet
877Kb / 83P
   128COM/160SEG 16 Gray Scale Level LCD Driver
logo
Sitronix Technology Co....
ST7529 SITRONIX-ST7529 Datasheet
1Mb / 86P
   32 Gray Scale Dot Matrix LCD Controller/Driver
ST7541 SITRONIX-ST7541 Datasheet
1Mb / 78P
   4 Gray Scale Dot Matrix LCD Controller/Driver
ST7571 SITRONIX-ST7571 Datasheet
1Mb / 76P
   4 Gray Scale Dot Matrix LCD Controller/Driver
ST7528 SITRONIX-ST7528 Datasheet
1Mb / 97P
   16 Gray Scale Dot Matrix LCD Controller/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com