Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM1100 Datasheet(PDF) 5 Page - Mitsumi Electronics, Corp.

Part # MM1100
Description   Compander IC Monolithic IC MM1100
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1100 Datasheet(HTML) 5 Page - Mitsumi Electronics, Corp.

  MM1100 Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1100 Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1100 Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1100 Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1100 Datasheet HTML 5Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MITSUMI
Compander IC MM1100
MITSUMI
7
GND pin
0V
8
Output pin C
1.4V
12
Input pin E
1.4V
13
AC signal cut pin
1.4V
14
VCC pin
3.0V
The compressor amp must
have a DC gain of unity and AC
gain of infinity. In order to
satisfy this requirement, a
capacitor C2 is connected to
pin 13 to remove AC
components. The cutoff
frequency is determined by the
product with the internal
resistance (10k
Ω)


Similar Part No. - MM1100

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MM110 WEITRON-MM110 Datasheet
209Kb / 3P
   Surface Mount Schottky Diodes
logo
Mitsumi Electronics, Co...
MM1102 MITSUMI-MM1102 Datasheet
268Kb / 10P
   Monolithic IC
MM1104 MITSUMI-MM1104 Datasheet
114Kb / 4P
   Monolithic IC
MM1104AF MITSUMI-MM1104AF Datasheet
114Kb / 4P
   Monolithic IC
MM1104BF MITSUMI-MM1104BF Datasheet
114Kb / 4P
   Monolithic IC
More results

Similar Description - MM1100

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1077 MITSUMI-MM1077 Datasheet
163Kb / 7P
   Compander IC
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
   COMPANDER IC FOR CORDLESS TELEPHONE
logo
Sharp Corporation
IR3N74AN SHARP-IR3N74AN Datasheet
236Kb / 8P
   Compander IC for Cordless elephone
logo
Sanyo Semicon Device
LA8637M SANYO-LA8637M Datasheet
222Kb / 10P
   Low-Voltage/Low-Power Compander IC
LA8638V SANYO-LA8638V Datasheet
399Kb / 16P
   Low-voltage Compander IC for Cordless Telephones
logo
Mitsumi Electronics, Co...
MM1108 MITSUMI-MM1108 Datasheet
125Kb / 5P
   Monolithic IC
MM1102 MITSUMI-MM1102 Datasheet
268Kb / 10P
   Monolithic IC
MM1217 MITSUMI-MM1217 Datasheet
116Kb / 4P
   Monolithic IC
MM1380 MITSUMI-MM1380 Datasheet
185Kb / 7P
   Monolithic IC
LAG639 MITSUMI-LAG639 Datasheet
257Kb / 8P
   Monolithic IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com