Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M470L1624FT0-CB3 Datasheet(PDF) 11 Page - Samsung semiconductor

Part # M470L1624FT0-CB3
Description  DDR SDRAM SODIMM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M470L1624FT0-CB3 Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button M470L1624FT0-CB3 Datasheet HTML 7Page - Samsung semiconductor M470L1624FT0-CB3 Datasheet HTML 8Page - Samsung semiconductor M470L1624FT0-CB3 Datasheet HTML 9Page - Samsung semiconductor M470L1624FT0-CB3 Datasheet HTML 10Page - Samsung semiconductor M470L1624FT0-CB3 Datasheet HTML 11Page - Samsung semiconductor M470L1624FT0-CB3 Datasheet HTML 12Page - Samsung semiconductor M470L1624FT0-CB3 Datasheet HTML 13Page - Samsung semiconductor M470L1624FT0-CB3 Datasheet HTML 14Page - Samsung semiconductor M470L1624FT0-CB3 Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
DDR SDRAM
128MB, 256MB SODIMM
Rev. 1.2 March 2004
AC Operating Conditions
Parameter/Condition
Symbol
Min
Max
Unit
Note
Input High (Logic 1) Voltage, DQ, DQS and DM signals
VIH(AC)
VREF + 0.31
V
3
Input Low (Logic 0) Voltage, DQ, DQS and DM signals.
VIL(AC)
VREF - 0.31
V
3
Input Differential Voltage, CK and CK inputs
VID(AC)
0.7
VDDQ+0.6
V
1
Input Crossing Point Voltage, CK and CK inputs
VIX(AC)
0.5*VDDQ-0.2
0.5*VDDQ+0.2
V
2
Note 1. VID is the magnitude of the difference between the input level on CK and the input on CK.
2. The value of VIX is expected to equal 0.5*VDDQ of the transmitting device and must track variations in the DC level of the same.
3. These parameters should be tested at the pim on actual components and may be checked at either the pin or the pad in simula-
tion. the AC and DC input specificatims are refation to a Vref envelope that has been bandwidth limited 20MHz.
Output Load Circuit (SSTL_2)
Output
Z0=50
CLOAD=30pF
VREF
=0.5*VDDQ
RT=50
Vtt=0.5*VDDQ
Input/Output Capacitance
(VDD=2.5V, VDDQ=2.5V, TA= 25
°C, f=1MHz)
Parameter
Symbol
M470L1624FT0
M470L3224FT0
M485L1624FT0
Unit
Min
Max
Min
Max
Min
Max
Input capacitance(A0 ~ A12, BA0 ~ BA1,RAS,CAS,WE )
CIN1
41
454957
4145
pF
Input capacitance(CKE0, CKE1)
CIN2
34
38
42
50
34
38
pF
Input capacitance( CS0, CS1)
CIN3
34
384250
3438
pF
Input capacitance( CLK0, CLK1,CLK2)
CIN4
25
30
25
30
25
30
pF
Input capacitance(DM0~DM7,DM8(for ECC))
CIN5
6
7
6
7
6
7
pF
Data & DQS input/output capacitance(DQ0~DQ63)
Cout1
6
7
6
7
6
7
pF
Data input/output capacitance (CB0~CB7)
Cout2
-
-
-
-
6
7
pF


Similar Part No. - M470L1624FT0-CB3

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M470L1624FU0-CA2 SAMSUNG-M470L1624FU0-CA2 Datasheet
264Kb / 20P
   DDR SDRAM SODIMM
M470L1624FU0-CB0 SAMSUNG-M470L1624FU0-CB0 Datasheet
264Kb / 20P
   DDR SDRAM SODIMM
M470L1624FU0-CB3 SAMSUNG-M470L1624FU0-CB3 Datasheet
264Kb / 20P
   DDR SDRAM SODIMM
More results

Similar Description - M470L1624FT0-CB3

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M470L3224FU0 SAMSUNG-M470L3224FU0 Datasheet
264Kb / 20P
   DDR SDRAM SODIMM
logo
Micron Technology
MT18VDDF12872HG MICRON-MT18VDDF12872HG Datasheet
217Kb / 10P
   DDR SDRAM SODIMM
MT9VDDT6472HG MICRON-MT9VDDT6472HG Datasheet
727Kb / 18P
   DDR SDRAM SODIMM
MT18VDDF12872HY MICRON-MT18VDDF12872HY Datasheet
217Kb / 10P
   DDR SDRAM SODIMM
MT16VDDF12864HG MICRON-MT16VDDF12864HG Datasheet
654Kb / 15P
   DDR SDRAM SODIMM
logo
Japan Aviation Electron...
MM80 JAE-MM80 Datasheet
1Mb / 8P
   DDR SDRAM SODIMM Connector
logo
List of Unclassifed Man...
SDN06464D1BJ1SA-50 ETC2-SDN06464D1BJ1SA-50 Datasheet
686Kb / 14P
   512MB DDR SDRAM SoDIMM
Rev.1.2 23.01.2013
SDN03264G1C61MT-50 ETC2-SDN03264G1C61MT-50 Datasheet
769Kb / 12P
   256MB DDR ??SDRAM SoDIMM
SDN01G64D1BJ2SA-50 ETC2-SDN01G64D1BJ2SA-50 Datasheet
638Kb / 14P
   1024MB DDR SDRAM SoDIMM
SDN03264C1CF1MT-50 ETC2-SDN03264C1CF1MT-50 Datasheet
867Kb / 13P
   256MB DDR . SDRAM SoDIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com