Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4301LIDD8 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4301LIDD8
Description  Hot Swappable 2-Wire Bus Buffer with Low Voltage Level Translation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4301LIDD8 Datasheet(HTML) 3 Page - Linear Technology

  LTC4301LIDD8 Datasheet HTML 1Page - Linear Technology LTC4301LIDD8 Datasheet HTML 2Page - Linear Technology LTC4301LIDD8 Datasheet HTML 3Page - Linear Technology LTC4301LIDD8 Datasheet HTML 4Page - Linear Technology LTC4301LIDD8 Datasheet HTML 5Page - Linear Technology LTC4301LIDD8 Datasheet HTML 6Page - Linear Technology LTC4301LIDD8 Datasheet HTML 7Page - Linear Technology LTC4301LIDD8 Datasheet HTML 8Page - Linear Technology LTC4301LIDD8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC4301L
4301lf
The q indicates specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 2.7V to 5.5V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input-Output Connection
VOS
Input-Output Offset Voltage
10k to VCC on SDA, SCL, VCC = 3.3V,
q
0
100
175
mV
SDA or SCL = 0.2V (Note 2)
CIN
Digital Input Capacitance SDAIN, SDAOUT,
(Note 3)
10
pF
SCLIN, SCLOUT
ILEAK
Input Leakage Current
SDA, SCL Pins
±5
µA
VOL
Output Low Voltage, Input = 0V
SDA, SCL Pins, ISINK = 3mA, VCC = 2.7V
q
0
0.4
V
SDA, SCL Pins, ISINK = 1mA, VCC = 2.7V
0
0.2
V
Timing Characteristics
fI2C,MAX
I2C Maximum Operating Frequency
(Note 3)
400
600
kHz
tBUF
Bus Free Time Between Stop and Start
(Note 3)
1.3
µs
Condition
tHD,STA
Hold Time After (Repeated) Start Condition
(Note 3)
100
ns
tSU,STA
Repeated Start Condition Set-Up Time
(Note 3)
0
ns
tSU,STO
Stop Condition Set-Up Time
(Note 3)
0
ns
tHD,DATI
Data Hold Time Input
(Note 3)
0
ns
tSU,DAT
Data Set-Up Time
(Note 3)
100
ns
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The connection circuitry always regulates its output to a higher
voltage than its input. The magnitude of this offset voltage as a function of
the pull-up resistor and VCC voltage is shown in the Typical Performance
Characteristics section.
Note 3: Determined by design, not tested in production.


Similar Part No. - LTC4301LIDD8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4301LIDD LINER-LTC4301LIDD Datasheet
184Kb / 12P
   Hot Swappable 2-Wire Bus Buffer with Low Voltage Level Translation
More results

Similar Description - LTC4301LIDD8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4301L LINER-LTC4301L Datasheet
184Kb / 12P
   Hot Swappable 2-Wire Bus Buffer with Low Voltage Level Translation
LTC4301L LINER-LTC4301L_15 Datasheet
190Kb / 12P
   Hot Swappable 2-Wire Bus Buffer with Low Voltage Level Translation
LTC4308 LINER-LTC4308 Datasheet
172Kb / 16P
   Low Voltage, Level Shifting Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4308 LINER-LTC4308_15 Datasheet
173Kb / 16P
   Low Voltage, Level Shifting Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4300A-3 LINER-LTC4300A-3 Datasheet
198Kb / 12P
   Level Shifting Hot Swappable 2-Wire Bus Buffer with Enable
LTC4300A-3 LINER-LTC4300A-3_15 Datasheet
216Kb / 14P
   Level-Shifting Hot Swappable 2-Wire Bus Buffer with Enable
LTC4309 LINER-LTC4309 Datasheet
202Kb / 16P
   Level Shifting Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4309 LINER-LTC4309_15 Datasheet
205Kb / 16P
   Level Shifting Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4303 LINER-LTC4303 Datasheet
549Kb / 12P
   Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4304 LINER-LTC4304_15 Datasheet
650Kb / 16P
   Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com