Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4301L Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4301L
Description  Hot Swappable 2-Wire Bus Buffer with Low Voltage Level Translation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4301L Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4301L Datasheet HTML 4Page - Linear Technology LTC4301L Datasheet HTML 5Page - Linear Technology LTC4301L Datasheet HTML 6Page - Linear Technology LTC4301L Datasheet HTML 7Page - Linear Technology LTC4301L Datasheet HTML 8Page - Linear Technology LTC4301L Datasheet HTML 9Page - Linear Technology LTC4301L Datasheet HTML 10Page - Linear Technology LTC4301L Datasheet HTML 11Page - Linear Technology LTC4301L Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LTC4301L
4301lf
DD Package
8-Lead Plastic DFN (3mm
× 3mm)
(Reference LTC DWG # 05-08-1698)
PACKAGE DESCRIPTIO
3.00
±0.10
(4 SIDES)
NOTE:
1. DRAWING TO BE MADE A JEDEC PACKAGE OUTLINE M0-229 VARIATION OF (WEED-1)
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION
ON TOP AND BOTTOM OF PACKAGE
0.38
± 0.10
BOTTOM VIEW—EXPOSED PAD
1.65
± 0.10
(2 SIDES)
0.75
±0.05
R = 0.115
TYP
2.38
±0.10
(2 SIDES)
1
4
8
5
PIN 1
TOP MARK
(NOTE 6)
0.200 REF
0.00 – 0.05
(DD8) DFN 1203
0.25
± 0.05
2.38
±0.05
(2 SIDES)
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
1.65
±0.05
(2 SIDES)
2.15
±0.05
0.50
BSC
0.675
±0.05
3.5
±0.05
PACKAGE
OUTLINE
0.25
± 0.05
0.50 BSC


Similar Part No. - LTC4301L

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4301L LINER-LTC4301L Datasheet
184Kb / 12P
   Hot Swappable 2-Wire Bus Buffer with Low Voltage Level Translation
LTC4301L LINER-LTC4301L Datasheet
190Kb / 12P
   Hot Swappable 2-Wire Bus Buffer with Low Voltage Level Translation
LTC4301L LINER-LTC4301L Datasheet
201Kb / 20P
   Pin-Selectable, 2-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4301LCDD LINER-LTC4301LCDD Datasheet
184Kb / 12P
   Hot Swappable 2-Wire Bus Buffer with Low Voltage Level Translation
LTC4301LCMS8 LINER-LTC4301LCMS8 Datasheet
184Kb / 12P
   Hot Swappable 2-Wire Bus Buffer with Low Voltage Level Translation
More results

Similar Description - LTC4301L

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4301L LINER-LTC4301L Datasheet
184Kb / 12P
   Hot Swappable 2-Wire Bus Buffer with Low Voltage Level Translation
LTC4301L LINER-LTC4301L_15 Datasheet
190Kb / 12P
   Hot Swappable 2-Wire Bus Buffer with Low Voltage Level Translation
LTC4308 LINER-LTC4308 Datasheet
172Kb / 16P
   Low Voltage, Level Shifting Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4308 LINER-LTC4308_15 Datasheet
173Kb / 16P
   Low Voltage, Level Shifting Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4300A-3 LINER-LTC4300A-3 Datasheet
198Kb / 12P
   Level Shifting Hot Swappable 2-Wire Bus Buffer with Enable
LTC4300A-3 LINER-LTC4300A-3_15 Datasheet
216Kb / 14P
   Level-Shifting Hot Swappable 2-Wire Bus Buffer with Enable
LTC4309 LINER-LTC4309 Datasheet
202Kb / 16P
   Level Shifting Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4309 LINER-LTC4309_15 Datasheet
205Kb / 16P
   Level Shifting Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4303 LINER-LTC4303 Datasheet
549Kb / 12P
   Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4304 LINER-LTC4304_15 Datasheet
650Kb / 16P
   Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com