Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN29F800B90SI Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # EN29F800B90SI
Description  8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 5.0 Volt-only
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EN29F800B90SI Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button EN29F800B90SI Datasheet HTML 2Page - List of Unclassifed Manufacturers EN29F800B90SI Datasheet HTML 3Page - List of Unclassifed Manufacturers EN29F800B90SI Datasheet HTML 4Page - List of Unclassifed Manufacturers EN29F800B90SI Datasheet HTML 5Page - List of Unclassifed Manufacturers EN29F800B90SI Datasheet HTML 6Page - List of Unclassifed Manufacturers EN29F800B90SI Datasheet HTML 7Page - List of Unclassifed Manufacturers EN29F800B90SI Datasheet HTML 8Page - List of Unclassifed Manufacturers EN29F800B90SI Datasheet HTML 9Page - List of Unclassifed Manufacturers EN29F800B90SI Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
4800 Great America Parkway, Suite 202
Tel: 408-235-8680
Santa Clara, CA 95054
Fax: 408-235-8685
6
EN29F800
Rev. E, Issue Date: 2001/07/05
TABLE 3. OPERATING MODES
8M FLASH USER MODE TABLE
DQ8-DQ15
Operation
CE#
OE#
WE
#
Reset#
A0-
A18
DQ0-DQ7
Byte#
= VIH
Byte#
= VIL
Read
L
L
H
H
AIN
DOUT
DOUT
High-Z
Write
L
H
L
H
AIN
DIN
DIN
High-Z
CMOS Standby
Vcc ± 0.5V
X
X
Vcc ± 0.5V
X
High-Z
High-Z
High-Z
TTL Standby
H
X
X
H
X
High-Z
High-Z
High-Z
Output Disable
L
H
H
H
X
High-Z
High-Z
High-Z
Hardware Reset
X
X
X
L
X
High-Z
High-Z
High-Z
Temporary
Sector Unprotect
X
X
X
VID
AIN
DIN
DIN
X
Notes:
L=logic low= VIL, H=Logic High= VIH, VID =11.0
± 0.5V, X=Don’t Care, DIN=Data In, DOUT=Data Out, AIN=Address In
TABLE 4. DEVICE IDENTIFICTION
8M FLASH MANUFACTURER/DEVICE ID TABLE
Note:
1. If a manufacturing ID is read with A8=L, the chip will output a configuration code 7Fh. A further Manufacturing ID must be
read with A8=H.
2. If a device ID is read with A8=L, the chip will output configuration code 7Fh. A further Device ID must be read with A8=H.
Description
Mode
A18
to
A12
A11
to
A10
A9
A8
A7
A6
A5
to
A2
A1
A0
DQ8
to
DQ15
DQ7 to
DQ0
Manufacturer ID:
EON
L
L
H
X
X
VID
H
1
X
L
X
L
L
X
1Ch
Word
L
L
H
22h
89h
Device ID
(top boot
block)
Byte
L
L
H
X
X
VID
H
1
X
L
X
L
H
X
89h
Word
L
L
H
22h
8Ah
Device ID
(bottom boot
block)
Byte
L
L
H
X
X
VID
H
1
X
L
X
L
H
X
8Ah
X
01h
(Unprotected)
Sector Protection
Verification
L
L
H
SA
X
VID
H
1
X
L
X
H
L
X
00h
(Protected)
OE
CE
WE


Similar Part No. - EN29F800B90SI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EN29F002 ETC-EN29F002 Datasheet
267Kb / 32P
   2 Megabit (256K x 8-bit) Flash Memory
logo
Eon Silicon Solution In...
EN29F002A EON-EN29F002A Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002AB-45JC EON-EN29F002AB-45JC Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002AB-45JCP EON-EN29F002AB-45JCP Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002AB-45JI EON-EN29F002AB-45JI Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
More results

Similar Description - EN29F800B90SI

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV800 EON-EN29LV800 Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800C EON-EN29LV800C_11 Datasheet
407Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800B EON-EN29LV800B Datasheet
351Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29SL800 EON-EN29SL800 Datasheet
337Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 1.8 Volt-only
EN29LV800A EON-EN29LV800A Datasheet
590Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
AMIC Technology
A29800 AMICC-A29800 Datasheet
514Kb / 34P
   1024K X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV160 EON-EN29LV160 Datasheet
420Kb / 45P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV160C EON-EN29LV160C Datasheet
435Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
List of Unclassifed Man...
EN29LV160J ETC1-EN29LV160J Datasheet
264Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
Eon Silicon Solution In...
EN29LV160B EON-EN29LV160B_11 Datasheet
420Kb / 43P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com