Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFR12N25D Datasheet(PDF) 7 Page - International Rectifier

Part # IRFR12N25D
Description  SMPS MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFR12N25D Datasheet(HTML) 7 Page - International Rectifier

Back Button IRFR12N25D Datasheet HTML 2Page - International Rectifier IRFR12N25D Datasheet HTML 3Page - International Rectifier IRFR12N25D Datasheet HTML 4Page - International Rectifier IRFR12N25D Datasheet HTML 5Page - International Rectifier IRFR12N25D Datasheet HTML 6Page - International Rectifier IRFR12N25D Datasheet HTML 7Page - International Rectifier IRFR12N25D Datasheet HTML 8Page - International Rectifier IRFR12N25D Datasheet HTML 9Page - International Rectifier IRFR12N25D Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
www.irf.com
7
IRFR12N25D/IRFU12N25D
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple
≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. ISD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
+
-
+
+
+
-
-
-
Fig 14. For N-Channel HEXFET® Power MOSFETs
* VGS = 5V for Logic Level Devices
Peak Diode Recovery dv/dt Test Circuit
ƒ
„
‚
RG
VDD
• dv/dt controlled by R
G
• Driver same type as D.U.T.
• I
SD controlled by Duty Factor "D"
• D.U.T. - Device Under Test
D.U.T
Circuit Layout Considerations
• Low Stray Inductance
• Ground Plane
• Low Leakage Inductance
Current Transformer

*


Similar Part No. - IRFR12N25D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR12N25DPBF IRF-IRFR12N25DPBF Datasheet
230Kb / 11P
   HEXFET Power MOSFET ( VDSS = 250V , RDS(on)max = 0.26廓 , ID = 14A )
logo
Kersemi Electronic Co.,...
IRFR12N25DPBF KERSEMI-IRFR12N25DPBF Datasheet
3Mb / 10P
   SMPS MOSFET
logo
International Rectifier
IRFR12N25DPBF IRF-IRFR12N25DPBF Datasheet
231Kb / 11P
   High frequency DC-DC converters
IRFR12N25DPBF IRF-IRFR12N25DPBF Datasheet
231Kb / 11P
   High frequency DC-DC converters
IRFR12N25DTRPBF IRF-IRFR12N25DTRPBF Datasheet
231Kb / 11P
   High frequency DC-DC converters
More results

Similar Description - IRFR12N25D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFPS30N60KPBF IRF-IRFPS30N60KPBF Datasheet
135Kb / 8P
   SMPS MOSFET
IRFR1N60APBF IRF-IRFR1N60APBF Datasheet
231Kb / 10P
   SMPS MOSFET
IRFB9N65APBF IRF-IRFB9N65APBF Datasheet
129Kb / 8P
   SMPS MOSFET
IRLR3715PBF IRF-IRLR3715PBF Datasheet
268Kb / 10P
   SMPS MOSFET
IRFR3412PBF IRF-IRFR3412PBF Datasheet
224Kb / 10P
   SMPS MOSFET
IRF7466PBF IRF-IRF7466PBF Datasheet
131Kb / 8P
   SMPS MOSFET
IRF7468PBF IRF-IRF7468PBF Datasheet
126Kb / 8P
   SMPS MOSFET
IRFB18N50KPBF IRF-IRFB18N50KPBF Datasheet
173Kb / 8P
   SMPS MOSFET
IRFIB8N50K IRF-IRFIB8N50K Datasheet
147Kb / 8P
   SMPS MOSFET
IRFR420A IRF-IRFR420A Datasheet
114Kb / 10P
   SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRFR220N KERSEMI-IRFR220N Datasheet
3Mb / 10P
   SMPS MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com