Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70V658S12BC Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT70V658S12BC
Description  HIGH-SPEED 3.3V 64K X 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V658S12BC Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT70V658S12BC Datasheet HTML 1Page - Integrated Device Technology IDT70V658S12BC Datasheet HTML 2Page - Integrated Device Technology IDT70V658S12BC Datasheet HTML 3Page - Integrated Device Technology IDT70V658S12BC Datasheet HTML 4Page - Integrated Device Technology IDT70V658S12BC Datasheet HTML 5Page - Integrated Device Technology IDT70V658S12BC Datasheet HTML 6Page - Integrated Device Technology IDT70V658S12BC Datasheet HTML 7Page - Integrated Device Technology IDT70V658S12BC Datasheet HTML 8Page - Integrated Device Technology IDT70V658S12BC Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
IDT70V658S
Preliminary
High-Speed 3.3V 64K x 36 Asynchronous Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
Pin Names
NOTES:
1. VDD, OPTX, and VDDQX must be set to appropriate operating levels prior to
applying inputs on I/OX.
2. OPTX selects the operating voltage levels for the I/Os and controls on that port.
If OPTX is set to VIH (3.3V), then that port's I/Os and controls will operate at 3.3V
levels and VDDQX must be supplied at 3.3V. If OPTX is set to VIL (0V), then that
port's I/Os and controls will operate at 2.5V levels and VDDQX must be supplied
at 2.5V. The OPT pins are independent of one another—both ports can operate
at 3.3V levels, both can operate at 2.5V levels, or either can operate at 3.3V
with the other at 2.5V.
Left Port
Right Port
Names
CE0L, CE1L
CE0R, CE1R
Chip Enables
R/
WL
R/
WR
Read/Write Enable
OEL
OER
Output Enable
A0L - A15L
A0R - A15R
Address
I/O0L - I/O35L
I/O0R - I/O35R
Data Input/Output
SEML
SEMR
Semaphore Enable
INTL
INTR
Interrupt Flag
BUSYL
BUSYR
Busy Flag
BE0L - BE3L
BE0R - BE3R
Byte Enables (9-bit bytes)
VDDQL
VDDQR
Power (I/O Bus) (3.3V or 2.5V)(1)
OPTL
OPTR
Option for selecting VDDQX(1,2)
M/
S
Master or Slave Select
VDD
Power (3.3V)(1)
VSS
Ground (0V)
TDI
Test Data Input
TDO
Test Data Output
TCK
Test Logic Clock (10MHz)
TMS
Test Mode Select
TRST
Reset (Initialize TAP Controller)
5613 tbl 01


Similar Part No. - IDT70V658S12BC

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V658S12BC IDT-IDT70V658S12BC Datasheet
316Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V658S12BCI IDT-IDT70V658S12BCI Datasheet
316Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V658S12BC

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V659S IDT-IDT70V659S Datasheet
194Kb / 23P
   HIGH-SPEED 3.3V 128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V657S IDT-IDT70V657S Datasheet
194Kb / 23P
   HIGH-SPEED 3.3V 32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V3599S IDT-IDT70V3599S_14 Datasheet
246Kb / 23P
   HIGH-SPEED 3.3V 128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V659 RENESAS-70V659 Datasheet
321Kb / 26P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
Aug.23.21
logo
List of Unclassifed Man...
IDT70V658S10DRG ETC2-IDT70V658S10DRG Datasheet
200Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Integrated Device Techn...
IDT70V659 IDT-IDT70V659 Datasheet
200Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V38L IDT-IDT70V38L Datasheet
260Kb / 17P
   HIGH-SPEED 3.3V 64K x 18 DUAL-PORT STATIC RAM
IDT70V65 IDT-IDT70V65 Datasheet
316Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V659 IDT-IDT70V659_18 Datasheet
234Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V18L IDT-IDT70V18L Datasheet
146Kb / 17P
   HIGH-SPEED 3.3V 64K x 9 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com