Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70V658S10DR Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT70V658S10DR
Description  HIGH-SPEED 3.3V 64K X 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V658S10DR Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT70V658S10DR Datasheet HTML 6Page - Integrated Device Technology IDT70V658S10DR Datasheet HTML 7Page - Integrated Device Technology IDT70V658S10DR Datasheet HTML 8Page - Integrated Device Technology IDT70V658S10DR Datasheet HTML 9Page - Integrated Device Technology IDT70V658S10DR Datasheet HTML 10Page - Integrated Device Technology IDT70V658S10DR Datasheet HTML 11Page - Integrated Device Technology IDT70V658S10DR Datasheet HTML 12Page - Integrated Device Technology IDT70V658S10DR Datasheet HTML 13Page - Integrated Device Technology IDT70V658S10DR Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
IDT70V658S
Preliminary
High-Speed 3.3V 64K x 36 Asynchronous Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
10
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage Range(5)
NOTES:
1. Transition is measured 0mV from Low or High-impedance voltage with Output Test Load (Figure 2).
2. This parameter is guaranted by device characterization, but is not production tested.
3. To access RAM,
CE= VIL and SEM = VIH. To access semaphore, CE = VIH and SEM = VIL. Either condition must be valid for the entire tEW time.
4. The specification for tDH must be met by the device supplying write data to the RAM under all operating conditions. Although tDH and tOW values will vary over voltage
and temperature, the actual tDH will always be smaller than the actual tOW.
5. These values are valid regardless of the power supply level selected for I/O and control signals (3.3V/2.5V). See page 5 for details.
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage(5)
Symbol
Parameter
70V658S10
Com'l Only
70V658S12
Com'l
& Ind
70V658S15
Com'l
& Ind
Unit
Min.
Max.
Min.
Max.
Min.
Max.
READ CYCLE
tRC
Read Cycle Time
10
____
12
____
15
____
ns
tAA
Address Access Time
____
10
____
12
____
15
ns
tACE
Chip Enable Access Time(3)
____
10
____
12
____
15
ns
tABE
Byte Enable Access Time(3)
____
5
____
6
____
7ns
tAOE
Output Enable Access Time
____
5
____
6
____
7ns
tOH
Output Hold from Address Change
3
____
3
____
3
____
ns
tLZ
Output Low-Z Time(1,2)
0
____
0
____
0
____
ns
tHZ
Output High-Z Time(1,2)
0
40608
ns
tPU
Chip Enable to Power Up Time(2)
0
____
0
____
0
____
ns
tPD
Chip Disable to Power Down Time(2)
____
10
____
10
____
15
ns
tSOP
Semaphore Flag Update Pulse (
OE or SEM)
____
4
____
6
____
8ns
tSAA
Semaphore Address Access Time
3
10
3
12
3
20
ns
5613 tbl 12
Symbol
Parameter
70V658S10
Com'l Only
70V658S12
Com'l
& Ind
70V658S15
Com'l
& Ind
Unit
Min.
Max.
Min.
Max.
Min.
Max.
WRITE CYCLE
tWC
Write Cycle Time
10
____
12
____
15
____
ns
tEW
Chip Enable to End-of-Write(3)
8
____
10
____
12
____
ns
tAW
Address Valid to End-of-Write
8
____
10
____
12
____
ns
tAS
Address Set-up Time(3)
0
____
0
____
0
____
ns
tWP
Write Pulse Width
8
____
10
____
12
____
ns
tWR
Write Recovery Time
0
____
0
____
0
____
ns
tDW
Data Valid to End-of-Write
6
____
8
____
10
____
ns
tDH
Data Hold Time(4)
0
____
0
____
0
____
ns
tWZ
Write Enable to Output in High-Z(1,2)
____
4
____
4
____
4ns
tOW
Output Active from End-of-Write(1,2,4)
0
____
0
____
0
____
ns
tSWRD
SEM Flag Write to Read Time
5
____
5
____
5
____
ns
tSPS
SEM Flag Contention Window
5
____
5
____
5
____
ns
5613 tbl 13


Similar Part No. - IDT70V658S10DR

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V658S10DR IDT-IDT70V658S10DR Datasheet
316Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
List of Unclassifed Man...
IDT70V658S10DRG ETC2-IDT70V658S10DRG Datasheet
200Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Integrated Device Techn...
IDT70V658S10DRI IDT-IDT70V658S10DRI Datasheet
316Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V658S10DR

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V659S IDT-IDT70V659S Datasheet
194Kb / 23P
   HIGH-SPEED 3.3V 128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V657S IDT-IDT70V657S Datasheet
194Kb / 23P
   HIGH-SPEED 3.3V 32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V3599S IDT-IDT70V3599S_14 Datasheet
246Kb / 23P
   HIGH-SPEED 3.3V 128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V659 RENESAS-70V659 Datasheet
321Kb / 26P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
Aug.23.21
logo
List of Unclassifed Man...
IDT70V658S10DRG ETC2-IDT70V658S10DRG Datasheet
200Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Integrated Device Techn...
IDT70V659 IDT-IDT70V659 Datasheet
200Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V38L IDT-IDT70V38L Datasheet
260Kb / 17P
   HIGH-SPEED 3.3V 64K x 18 DUAL-PORT STATIC RAM
IDT70V65 IDT-IDT70V65 Datasheet
316Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V659 IDT-IDT70V659_18 Datasheet
234Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V18L IDT-IDT70V18L Datasheet
146Kb / 17P
   HIGH-SPEED 3.3V 64K x 9 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com