Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IGW60T120 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IGW60T120
Description  Low Loss IGBT in Trench and Fieldstop technology
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IGW60T120 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button IGW60T120 Datasheet HTML 3Page - Infineon Technologies AG IGW60T120 Datasheet HTML 4Page - Infineon Technologies AG IGW60T120 Datasheet HTML 5Page - Infineon Technologies AG IGW60T120 Datasheet HTML 6Page - Infineon Technologies AG IGW60T120 Datasheet HTML 7Page - Infineon Technologies AG IGW60T120 Datasheet HTML 8Page - Infineon Technologies AG IGW60T120 Datasheet HTML 9Page - Infineon Technologies AG IGW60T120 Datasheet HTML 10Page - Infineon Technologies AG IGW60T120 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
IGW60T120
^
TrenchStop Series
Power Semiconductors
7
Preliminary / Rev. 1 Jul-02
20A
40A
60A
80A
0,0mJ
5,0mJ
10,0mJ
15,0mJ
20,0mJ
25,0mJ
30,0mJ
E
ts*
E
off
*) E
on and Etsinclude losses
due to diode recovery
E
on*
5Ω
15Ω
25Ω
35Ω
5 mJ
10 mJ
15 mJ
20 mJ
E
ts*
E
on*
*) E
on and Ets include losses
due to diode recovery
E
off
IC, COLLECTOR CURRENT
RG, GATE RESISTOR
Figure 13. Typical switching energy losses
as a function of collector current
(inductive load, TJ=150°C,
VCE=600V, VGE=0/15V, RG=10Ω,
Dynamic test circuit in Figure E)
Figure 14. Typical switching energy losses
as a function of gate resistor
(inductive load, TJ=150°C,
VCE=600V, VGE=0/15V, IC=60A,
Dynamic test circuit in Figure E)
50°C
100°C
150°C
4mJ
6mJ
8mJ
10mJ
12mJ
14mJ
16mJ
E
ts*
E
on*
*) E
on and Ets include losses
due to diode recovery
E
off
400V
500V
600V
700V
800V
5mJ
10mJ
15mJ
20mJ
25mJ
E
ts*
E
on*
*) E
on and Ets include losses
due to diode recovery
E
off
TJ, JUNCTION TEMPERATURE
VCE, COLLECTOR-EMITTER VOLTAGE
Figure 15. Typical switching energy losses
as a function of junction
temperature
(inductive load, VCE=600V,
VGE=0/15V, IC=60A, RG=10Ω,
Dynamic test circuit in Figure E)
Figure 16. Typical switching energy losses
as a function of collector emitter
voltage
(inductive load, TJ=150°C,
VGE=0/15V, IC=60A, RG=10Ω,
Dynamic test circuit in Figure E)


Similar Part No. - IGW60T120

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGW60T120 INFINEON-IGW60T120 Datasheet
351Kb / 12P
   Low Loss IGBT in TrenchStop and Fieldstop technology
Rev. 2.4 Nov. 09
logo
Inchange Semiconductor ...
IGW60T120 ISC-IGW60T120 Datasheet
406Kb / 2P
   Fied Stop IGBT
logo
Infineon Technologies A...
IGW60T120 INFINEON-IGW60T120_09 Datasheet
351Kb / 12P
   Low Loss IGBT in TrenchStop and Fieldstop technology
Rev. 2.4 Nov. 09
More results

Similar Description - IGW60T120

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGB15N60T INFINEON-IGB15N60T Datasheet
364Kb / 12P
   Low Loss IGBT in Trench and Fieldstop technology
Rev. 2.1 Dec-04
IGW15T120 INFINEON-IGW15T120 Datasheet
408Kb / 12P
   Low Loss IGBT in Trench and Fieldstop Technology
Rev. 1 Jul-02
IGP50N60T INFINEON-IGP50N60T Datasheet
402Kb / 13P
   LOW LOSS IGBT IN TRENCH AND FIELDSTOP TECHNOLOGY
Rev. 2.2 Dec-04
IGW25T120 INFINEON-IGW25T120 Datasheet
412Kb / 12P
   Low Loss IGBT in Trench and Fieldstop technology
Rev. 1 Jul-02
IGW75N60T INFINEON-IGW75N60T Datasheet
377Kb / 12P
   Low Loss IGBT in Trench and Fieldstop technology
Rev. 2.1 Dec-04
IGW40T120 INFINEON-IGW40T120 Datasheet
419Kb / 12P
   Low Loss IGBT in Trench and Fieldstop technology
Rev. 1 Jul-02
logo
List of Unclassifed Man...
IGW08T120 ETC-IGW08T120 Datasheet
302Kb / 12P
   Low Loss IGBT in Trench and Fieldstop technology
logo
Infineon Technologies A...
IGW30N60T INFINEON-IGW30N60T_15 Datasheet
495Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.8 19.05.2015
IGB50N60T INFINEON-IGB50N60T_15 Datasheet
648Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.7 19.05.2015
IGB10N60T INFINEON-IGB10N60T_15 Datasheet
608Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.1 30.04.2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com