Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY27UAXXX Datasheet(PDF) 2 Page - Hynix Semiconductor

Part # HY27UAXXX
Description  1Gbit (128Mx8bit / 64Mx16bit) NAND Flash Memory
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY27UAXXX Datasheet(HTML) 2 Page - Hynix Semiconductor

  HY27UAXXX Datasheet HTML 1Page - Hynix Semiconductor HY27UAXXX Datasheet HTML 2Page - Hynix Semiconductor HY27UAXXX Datasheet HTML 3Page - Hynix Semiconductor HY27UAXXX Datasheet HTML 4Page - Hynix Semiconductor HY27UAXXX Datasheet HTML 5Page - Hynix Semiconductor HY27UAXXX Datasheet HTML 6Page - Hynix Semiconductor HY27UAXXX Datasheet HTML 7Page - Hynix Semiconductor HY27UAXXX Datasheet HTML 8Page - Hynix Semiconductor HY27UAXXX Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
This document is a general product description and is subject to change without notice. Hynix does not assume any responsibility for
use of circuits described. No patent licenses are implied.
Rev 0.5 / Oct. 2004
2
HY27UA(08/16)1G1M Series
HY27SA(08/16)1G1M Series
1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
FEATURES SUMMARY
HIGH DENSITY NAND FLASH MEMORIES
- Cost effective solutions for mass storage applications
NAND INTERFACE
- x8 or x16 bus width.
- Multiplexed Address/ Data
- Pinout compatibility for all densities
SUPPLY VOLTAGE
- 3.3V device: VCC = 2.7 to 3.6V
: HY27UAXX1G1M
- 1.8V device: VCC = 1.7 to 1.95V : HY27SAXX1G1M
1.8V Operation Product : TBD
Memory Cell Array
- 1056Mbit = 528 Bytes x 32 Pages x 8,192 Blocks
PAGE SIZE
- x8 device: (512 + 16 spare) Bytes
: HY27(U/S)A081G1M
- x16 device: (256 + 8 spare) Words
: HY27(U/S)A161G1M
BLOCK SIZE
- x8 device: (16K + 512 spare) Bytes
: HY27(U/S)A081G1M
- x16 device: (8K + 256 spare) Words
: HY27(U/S)A161G1M
PAGE READ / PROGRAM
- Random access: 12us (max)
- Sequential access: 50ns (min)
- Page program time: 200us (typ)
COPY BACK PROGRAM MODE
- Fast page copy without external buffering
FAST BLOCK ERASE
- Block erase time: 2ms (Typ)
STATUS REGISTER
ELECTRONIC SIGNATURE
Sequential Row Read Option
AUTOMATIC PAGE 0 READ AT POWER-UP
OPTION
- Boot from NAND support
- Automatic Memory Download
SERIAL NUMBER OPTION
HARDWARE DATA PROTECTION
- Program/Erase locked during Power transitions
DATA INTEGRITY
- 100,000 Program/Erase cycles
- 10 years Data Retention
PACKAGE
- HY27(U/S)A(08/16)1G1M-T(P)
: 48-Pin TSOP1 (12 x 20 x 1.2 mm)
- HY27(U/S)A(08/16)1G1M-T (Lead)
- HY27(U/S)A(08/16)1G1M-TP (Lead Free)
- HY27(U/S)A08121A-V(P)
: 48-Pin WSOP1 (12 x 17 x 0.7 mm)
- HY27(U/S)A081G1M-V (Lead)
- HY27(U/S)A081G1M-VP (Lead Free)
- HY27(U/S)A(08/16)121M-F(P)
: 63-Ball FBGA (8.5 x 15 x 1.2 mm)
- HY27(U/S)A(08/16)1G1M-F (Lead)
- HY27(U/S)A(08/16)1G1M-FP (Lead Free)


Similar Part No. - HY27UAXXX

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY27UF081G2A HYNIX-HY27UF081G2A Datasheet
390Kb / 46P
   1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
HY27UF081G2M HYNIX-HY27UF081G2M Datasheet
476Kb / 48P
   1Gbit (128Mx8bit / 64Mx16bit) NAND Flash Memory
logo
STMicroelectronics
HY27UF081G2M STMICROELECTRONICS-HY27UF081G2M Datasheet
614Kb / 32P
   USB 2.0 high-speed Flash drive controller
logo
Hynix Semiconductor
HY27UF081G2M-F HYNIX-HY27UF081G2M-F Datasheet
476Kb / 48P
   1Gbit (128Mx8bit / 64Mx16bit) NAND Flash Memory
HY27UF081G2M-T HYNIX-HY27UF081G2M-T Datasheet
476Kb / 48P
   1Gbit (128Mx8bit / 64Mx16bit) NAND Flash Memory
More results

Similar Description - HY27UAXXX

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY27UF081G2M HYNIX-HY27UF081G2M Datasheet
476Kb / 48P
   1Gbit (128Mx8bit / 64Mx16bit) NAND Flash Memory
HY27SF081G2A HYNIX-HY27SF081G2A Datasheet
394Kb / 46P
   1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
HY27UF081G2A HYNIX-HY27UF081G2A Datasheet
390Kb / 46P
   1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
HY27US081G1M HYNIX-HY27US081G1M Datasheet
318Kb / 39P
   1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
logo
OKI electronic componet...
ML54051 OKI-ML54051 Datasheet
283Kb / 37P
   NAND Flash Memory Controller
logo
Elite Semiconductor Mem...
F50L512M41A ESMT-F50L512M41A Datasheet
700Kb / 36P
   SPI-NAND Flash Memory
logo
OKI electronic componet...
ML54053 OKI-ML54053 Datasheet
222Kb / 26P
   NAND Flash Memory Controller
logo
Macronix International
MX30LF1208AA-TI MCNIX-MX30LF1208AA-TI Datasheet
762Kb / 48P
   512M-bit NAND Flash Memory
MX30LF1G08AA-XKI MCNIX-MX30LF1G08AA-XKI Datasheet
766Kb / 48P
   1G-bit NAND Flash Memory
logo
Toshiba Semiconductor
TC58NVG2S0FTA00 TOSHIBA-TC58NVG2S0FTA00 Datasheet
67Kb / 3P
   NAND Flash Memory(SLC Middle Capacity)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com