Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZN8PD-362HP Datasheet(PDF) 1 Page - Mini-Circuits

Part # ZN8PD-362HP
Description  Power Splitter/Combiner
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZN8PD-362HP Datasheet(HTML) 1 Page - Mini-Circuits

  ZN8PD-362HP Datasheet HTML 1Page - Mini-Circuits ZN8PD-362HP Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 2
Product Overview
Mini-Circuits’ ZN8PD-362HP+ is an 8-way 0˚ splitter/combiner providing very high power handling and low insertion loss
across 600 to 3600 MHz, covering many wireless communications bands as well as satellite IF and more. Its outstand-
ing combination of high power and low loss minimize power dissipation due to intrinsic losses and provide excellent signal
fidelity from input to output. This model also provides high port-to-port isolation and low amplitude and phase unbalance.
It comes housed in a rugged aluminum alloy case with your choice of SMA or N-Type connectors and an optional heat sink
for cooling.
Feature
Advantages
Wideband, 600 to 3600 MHz
ZN8PD-362HP+ covers many popular wireless communications bands, making it suitable for a wide variety
of applications.
High power handling:
• 100W as a splitter
• 3.2W as a combiner
Suitable for many high power applications.
Low insertion loss, 1.0 dB
Very low insertion loss minimizes intrinsic losses, making this model a suitable candidate for high power
signal distribution applications where low loss is a requirement.
Low unbalance:
• 0.35 dB amplitude unbalance
• 4˚ phase unbalance
ZN8PD-362HP+ produces nearly equal output signals, ideal for parallel path / multichannel systems.
DC Passing, 1.2A (each port)
Supports applications where DC power is needed at later stages in the system.
The Big Deal
• High power, up to 100W as a splitter
• Low insertion loss, 1.0 dB
• Good isolation, 23 dB
PowerSplitter/Combiner
High Power, DC Pass
8 Way-0°
50Ω
Up to 100W
600 to 3600 MHz
High Power, DC Pass
ZN8PD-362HP+
ZN8PD-362HP-S+
ZN8PD-362HPX-S+


Similar Part No. - ZN8PD-362HP

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZN8PD-02183 MINI-ZN8PD-02183 Datasheet
287Kb / 2P
   Power Splitter/Combiner
ZN8PD-02183++ MINI-ZN8PD-02183+ Datasheet
287Kb / 2P
   Power Splitter/Combiner
ZN8PD-02183-S++ MINI-ZN8PD-02183-S+ Datasheet
287Kb / 2P
   Power Splitter/Combiner
ZN8PD-113 MINI-ZN8PD-113 Datasheet
244Kb / 1P
   Power Splitter/Combiner
ZN8PD-113++ MINI-ZN8PD-113+ Datasheet
244Kb / 1P
   Power Splitter/Combiner
More results

Similar Description - ZN8PD-362HP

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LRPS-2-1J MINI-LRPS-2-1J Datasheet
282Kb / 1P
   Power Splitter/Combiner
LRPS-2-11A MINI-LRPS-2-11A Datasheet
297Kb / 1P
   Power Splitter/Combiner
LRPS-2-980 MINI-LRPS-2-980 Datasheet
261Kb / 1P
   Power Splitter/Combiner
QCN-5D MINI-QCN-5D Datasheet
283Kb / 1P
   Power Splitter/Combiner
QCN-25D MINI-QCN-25D Datasheet
282Kb / 1P
   Power Splitter/Combiner
QCN-27D MINI-QCN-27D Datasheet
294Kb / 1P
   Power Splitter/Combiner
BP4U1 MINI-BP4U1 Datasheet
279Kb / 1P
   Power Splitter/Combiner
LRPS-3-850 MINI-LRPS-3-850 Datasheet
238Kb / 1P
   Power Splitter/Combiner
SBA-2-20 MINI-SBA-2-20 Datasheet
258Kb / 1P
   Power Splitter/Combiner
SBTC-2-15-75LX MINI-SBTC-2-15-75LX Datasheet
331Kb / 1P
   Power Splitter/Combiner
SBTCJ-122-75X MINI-SBTCJ-122-75X Datasheet
372Kb / 2P
   Power Splitter/Combiner
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com