Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH3410R Datasheet(PDF) 7 Page - OSRAM GmbH

Part # SFH3410R
Description  Silicon NPN Phototransistor with V貫 Characteristics Version 1.3
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH3410R Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button SFH3410R Datasheet HTML 3Page - OSRAM GmbH SFH3410R Datasheet HTML 4Page - OSRAM GmbH SFH3410R Datasheet HTML 5Page - OSRAM GmbH SFH3410R Datasheet HTML 6Page - OSRAM GmbH SFH3410R Datasheet HTML 7Page - OSRAM GmbH SFH3410R Datasheet HTML 8Page - OSRAM GmbH SFH3410R Datasheet HTML 9Page - OSRAM GmbH SFH3410R Datasheet HTML 10Page - OSRAM GmbH SFH3410R Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Version 1.3
SFH 3410R
2016-04-01
7
Taping
Dimensions in mm (inch).
OHA04612
Profile Feature
Profil-Charakteristik
Ramp-up rate to preheat*)
25 °C to 150 °C
2
3
K/s
Time t
S
T
Smin to TSmax
t
S
t
L
t
P
T
L
T
P
100
120
60
10
20
30
80
100
217
2
3
245
260
3
6
Time
25 °C to T
P
Time within 5 °C of the specified peak
temperature T
P - 5 K
Ramp-down rate*
T
P
to
100 °C
All temperatures refer to the center of the package, measured on the top of the component
* slope calculation DT/Dt: Dt max. 5 s; fulfillment for the whole T-range
Ramp-up rate to peak*)
T
Smax
to
T
P
Liquidus temperature
Peak temperature
Time above liquidus temperature
Symbol
Symbol
Unit
Einheit
Pb-Free (SnAgCu) Assembly
Minimum
Maximum
Recommendation
K/s
K/s
s
s
s
s
°C
°C
480


Similar Part No. - SFH3410R

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH3410 OSRAM-SFH3410 Datasheet
51Kb / 5P
   NPN-Si-Fototransistor mit V貫 Charakteristik
SFH3410-1/2 OSRAM-SFH3410-1/2 Datasheet
51Kb / 5P
   NPN-Si-Fototransistor mit V貫 Charakteristik
SFH3410-2/3 OSRAM-SFH3410-2/3 Datasheet
51Kb / 5P
   NPN-Si-Fototransistor mit V貫 Charakteristik
SFH3410-3/4 OSRAM-SFH3410-3/4 Datasheet
51Kb / 5P
   NPN-Si-Fototransistor mit V貫 Charakteristik
SFH3410 OSRAM-SFH3410_13 Datasheet
395Kb / 8P
   This application note introduces ambient light sensing on a general level. The different types of ambient light sensors are described and related to specific applications.
More results

Similar Description - SFH3410R

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH3716 OSRAM-SFH3716 Datasheet
374Kb / 12P
   Silicon NPN Phototransistor with V貫 Characteristics Version 1.3
SFH-3711 OSRAM-SFH-3711 Datasheet
450Kb / 12P
   Silicon NPN Phototransistor with V貫 Characteristics
SFH3310 OSRAM-SFH3310 Datasheet
208Kb / 6P
   Silicon NPN Phototransistor with V貫 Characteristics
SFH-3410 OSRAM-SFH-3410 Datasheet
603Kb / 13P
   Silicon NPN Phototransistor with V貫 Characteristics
SFH-3710 OSRAM-SFH-3710 Datasheet
382Kb / 12P
   Silicon NPN Phototransistor with V貫 Characteristics
SFH-3716 OSRAM-SFH-3716 Datasheet
374Kb / 12P
   Silicon NPN Phototransistor with V貫 Characteristics
SFH-3310 OSRAM-SFH-3310 Datasheet
394Kb / 9P
   Silicon NPN Phototransistor with V貫 Characteristics
SFH-3410R OSRAM-SFH-3410R Datasheet
598Kb / 12P
   Silicon NPN Phototransistor with V貫 Characteristics
SFH3711 OSRAM-SFH3711 Datasheet
268Kb / 9P
   Silicon NPN Phototransistor with V貫 Characteristics
SFH314FA OSRAM-SFH314FA Datasheet
219Kb / 10P
   Silicon NPN Phototransistor Version 1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com