Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT82M30A-18DIP-A Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT82M30A-18DIP-A
Description  3/5-Key 3D PS/2 Optical Mouse Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M30A-18DIP-A Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT82M30A-18DIP-A Datasheet HTML 1Page - Holtek Semiconductor Inc HT82M30A-18DIP-A Datasheet HTML 2Page - Holtek Semiconductor Inc HT82M30A-18DIP-A Datasheet HTML 3Page - Holtek Semiconductor Inc HT82M30A-18DIP-A Datasheet HTML 4Page - Holtek Semiconductor Inc HT82M30A-18DIP-A Datasheet HTML 5Page - Holtek Semiconductor Inc HT82M30A-18DIP-A Datasheet HTML 6Page - Holtek Semiconductor Inc HT82M30A-18DIP-A Datasheet HTML 7Page - Holtek Semiconductor Inc HT82M30A-18DIP-A Datasheet HTML 8Page - Holtek Semiconductor Inc HT82M30A-18DIP-A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
HT82M30A
3/5-Key 3D PS/2 Optical Mouse Controller
Pin Assignment
Rev. 1.10
1
August 4, 2004
Feature
· Operating voltage: 4.0V~5.5V
· Microsoft Intelli 3D PS/2 and IBM PS/2 mouse
compatible
· Microsoft Windows 2000 and 5-button Wheel mouse
compatible
· Z-axis can support three kinds of scroller input
divided by 2 or 4 (only for H2610 and H2620)
· Supports 400 or 800 DPI for H2051
· Serial interface with H2051, H2610, H2620
· Auto detect as to which photo sensor is used
· 2MHz RC oscillator for system frequency with
external pull-high resistor (140k
W)
· 16/18-pin DIP package
General Description
The HT82M30A is designed as 2D, 3D 3/5-key PS/2 op-
tical mouse controller. These have serial interface to ac-
cess the Agilent sensor H2051, H2610, H2620 or the
same compatible series sensor. Refer to the datasheets
for detailed register descriptions of the Agilent sensors.
1 6
1 5
1 4
1 3
1 2
1 1
1 0
9
1
2
3
4
5
6
7
8
R O
R B 0
P S 2 D
P S 2 C K
N C
O S C 1
V D D
R E S
R B
L B
Z 2 / A
Z 1 / B
R B 1
S D I O
S C L K
V S S
H T 8 2 M 3 0 A
1 6 D I P - A
1 8
1 7
1 6
1 5
1 4
1 3
1 2
1 1
1 0
1
2
3
4
5
6
7
8
9
H T 8 2 M 3 0 A
1 8 D I P - A
R B
L B
Z 2 / A
Z 1 / B
R B 1
S D I O
S C L K
V S S
S E L 1
R O
R B 0
P S 2 D
P S 2 C K
N C
O S C 1
V D D
R E S
S E L 2


Similar Part No. - HT82M30A-18DIP-A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82M32A HOLTEK-HT82M32A Datasheet
168Kb / 11P
   3/5-Key 3D PS/2 Optical Mouse Controller
HT82M32B HOLTEK-HT82M32B Datasheet
168Kb / 11P
   3/5-Key 3D PS/2 Optical Mouse Controller
HT82M33A HOLTEK-HT82M33A Datasheet
642Kb / 13P
   3D Mouse Controller
HT82M35X HOLTEK-HT82M35X Datasheet
104Kb / 7P
   3/5-Key 3D PS/2 Optical Mouse Controller
HT82M398 HOLTEK-HT82M398 Datasheet
93Kb / 8P
   WIN2000 3D PS/2 Mouse Controller
More results

Similar Description - HT82M30A-18DIP-A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82M32A HOLTEK-HT82M32A Datasheet
168Kb / 11P
   3/5-Key 3D PS/2 Optical Mouse Controller
HT82M35X HOLTEK-HT82M35X Datasheet
104Kb / 7P
   3/5-Key 3D PS/2 Optical Mouse Controller
HT82M22 HOLTEK-HT82M22 Datasheet
95Kb / 6P
   5-Key 3D USBPS/2 Optical Mouse Controller
HT82M21A HOLTEK-HT82M21A Datasheet
94Kb / 6P
   3-Key 3D USBPS/2 Optical Mouse Controller
HT82M21A HOLTEK-HT82M21A_05 Datasheet
114Kb / 6P
   3-Key 3D USBPS/2 Optical Mouse Controller
HT82M39A HOLTEK-HT82M39A_05 Datasheet
112Kb / 8P
   3-Key 3D PS/2 Mouse Controller
HT82M398A HOLTEK-HT82M398A_06 Datasheet
108Kb / 7P
   5-Key 3D WIN2000 PS/2 Mouse Controller
HT82M25X HOLTEK-HT82M25X Datasheet
144Kb / 13P
   3/5-Key USBPS/2 Optical Mouse Controller
HT82M98A HOLTEK-HT82M98A_06 Datasheet
99Kb / 7P
   3-Key 3D USBPS/2 Mouse Controller
HT82M23A HOLTEK-HT82M23A Datasheet
169Kb / 14P
   3/5-Key USBPS/2 Optical Mouse Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com