Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GL5HV43 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GL5HV43
Description  Super-luminosity LED Lamp/High-luminosity LED Lamp
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL5HV43 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GL5HV43 Datasheet HTML 1Page - List of Unclassifed Manufacturers GL5HV43 Datasheet HTML 2Page - List of Unclassifed Manufacturers GL5HV43 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
26
(Notice)
¡In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
(Internet) ¡Data for sharp's optoelectronic/power device is provided for internet.(Address http://www.sharp.co.jp/ecg/)
Super-luminosity LED Lamp/High-luminosity LED Lamp GL5tt43 series/GL5UR2K1/GL5UR3K1
GL5tt43 series/GL5UR2K1/
GL5UR3K1
s Outline Dimensions
ø4.8
±0.15
Colorless transparency
0.5
±0.1
2.54NOM
2.4
±0.2
1
2
Pin connections
1 Anode
2 Cathode
Unspecified tolerance:
±0.2
s Radiation Diagram
0
40
20
60
-20˚
+20˚
+40˚
+60˚
+80˚
-40˚
-60˚
-80˚
-30˚
-50˚
+10˚
100
-10˚
+30˚
+50˚
+70˚
+90˚
-90˚
-70˚
80
DC
Pulse
GL5UR2K1
GL5UR3K1
GL5TR43
GL5HJ43
GL5HV43
GaA1As on GaA1As
GaA1As on GaA1As
GaA1As on GaAs
A1GaInP
A1GaInP
75
75
110
130
130
30
30
50
50
50
0.40
0.40
0.67
0.67
0.67
0.67
0.67
4.00
1.33
1.33
260
260
260
260
260
50
*1
50
*1
300
*2
100
*1
100
*1
4
4
5
4.1
4.1
Model No. Radiation color Radiation material
Power dissipation
P
(mW)
Forward current
IF
(mA)
Derating factor
(mA/˚C)
Peak forward current
IFM
(mA)
Operating temperature
Topr
(˚C)
Storage temperature
Tstg
(˚C)
Soldering temperature
Tsol*3
(˚C)
Reverse voltage
VR
(V)
(Ta=25˚C)
Red(Super-luminosity)
Red(Super-luminosity)
Red(High-luminosity)
Orange(Super-luminosity)
Yellow(Super-luminosity)
-25 to +85
-25 to +85
-25 to +100
-25 to +100
-25 to +85
-25 to +85
-25 to +85
-25 to +100
-25 to +100
-25 to +100
*1 Duty ratio=1/10, Pulse width=0.1ms
*2 Duty ratio=1/16, Pulse width
≤1ms
*3 5s or less(At the position of 1.6mm or more from the bottom face of resin package)
s Absolute Maximum Ratings
GL5UR2K1
GL5UR3K1
GL5TR43
GL5HJ43
GL5HV43
TYP
MAX
1.85
1.85
1.75
1.9
1.9
2.5
2.5
2.2
2.6
2.6
660
660
660
620
590
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
100
100
10
100
100
3
3
4
4
4
25
25
30
26
24
1
1
1
1
1
20
20
20
18
13
2 000
3 000
500
3 000
2 500
Model No.
Lens type
Forward voltage
VF(V)
λp(nm)
TYP
IV(mcd)
TYP
IF
(mA)
IF
(mA)
IF
(mA)
(MHZ)
VR
(V)
IR(
µA)
MAX
Ct(pF)
TYP
∆λ(nm)
TYP
Peak emission wavelength
Luminous intensity
Spectrum radiation bandwidth
Reverse current
Page for
characteristics
diagrams
Terminal capacitance
(Ta=25˚C)
Colorless
transparency
s Electro-optical Characteristics
(Unit :
mm)
(Ta=25˚C)
ø5mm(T-1 3/4), Cylinder Type, Colorless
Transparency, High-luminosity LED
Lamps for Outdoor Use


Similar Part No. - GL5HV43

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL5HD261B0SB ETC1-GL5HD261B0SB Datasheet
1Mb / 11P
   HIGH-LUMINOSITY LED LAMP
GL5HD4 ETC1-GL5HD4 Datasheet
1Mb / 11P
   HIGH-LUMINOSITY LED LAMP
GL5HD40 ETC1-GL5HD40 Datasheet
1Mb / 11P
   HIGH-LUMINOSITY LED LAMP
logo
Sharp Corporation
GL5HD41 SHARP-GL5HD41 Datasheet
81Kb / 4P
   첩5mm(T-1 3/4), Cylinder Type, Colored Transparency LED Lamps for Backlight/Indicator
logo
List of Unclassifed Man...
GL5HD41 ETC1-GL5HD41 Datasheet
1Mb / 11P
   HIGH-LUMINOSITY LED LAMP
More results

Similar Description - GL5HV43

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL5FG43 ETC1-GL5FG43 Datasheet
1Mb / 11P
   HIGH-LUMINOSITY LED LAMP
logo
Sharp Corporation
GL8T156 SHARP-GL8T156 Datasheet
463Kb / 7P
   Super-luminosity/High-luminosity Numeric LED
GL9T030 SHARP-GL9T030 Datasheet
455Kb / 7P
   Super-luminosity/High-luminosity Numeric LED
logo
List of Unclassifed Man...
LMFLSP100 ETC-LMFLSP100 Datasheet
312Kb / 10P
   Super Luminosity White LED
logo
Everlight Electronics C...
EAPL5050RGBA1 EVERLIGHT-EAPL5050RGBA1 Datasheet
453Kb / 13P
   Super-luminosity chip LED.
64-135-REGHB7C-B01-2T EVERLIGHT-64-135-REGHB7C-B01-2T Datasheet
281Kb / 15P
   Luminosity Full Color LED
61-25UTC EVERLIGHT-61-25UTC Datasheet
158Kb / 10P
   Luminosity white Color LED
47-23UWD EVERLIGHT-47-23UWD Datasheet
185Kb / 10P
   Luminosity White Color LED
59-146UWD-TR8 EVERLIGHT-59-146UWD-TR8 Datasheet
190Kb / 10P
   Luminosity white Color LED
61-13-S3GHBHC-B04-ET EVERLIGHT-61-13-S3GHBHC-B04-ET Datasheet
225Kb / 14P
   Luminosity Full Color LED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com