Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP2233 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2233
Description  High-Efficiency, 3A, 16V, 1.4MHz Synchronous, Step-Down Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2233 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2233 Datasheet HTML 1Page - Monolithic Power Systems MP2233 Datasheet HTML 2Page - Monolithic Power Systems MP2233 Datasheet HTML 3Page - Monolithic Power Systems MP2233 Datasheet HTML 4Page - Monolithic Power Systems MP2233 Datasheet HTML 5Page - Monolithic Power Systems MP2233 Datasheet HTML 6Page - Monolithic Power Systems MP2233 Datasheet HTML 7Page - Monolithic Power Systems MP2233 Datasheet HTML 8Page - Monolithic Power Systems MP2233 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
MP2233 – SYNCHRONOUS, STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP2233 Rev. 1.01
www.MonolithicPower.com
5
12/6/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
Performance waveforms are tested on the evaluation board in the Design Example section.
VIN=12V, VOUT=3.3V, L=1.5μH, TA = 25°C, unless otherwise noted.
OUTPUT CURRENT (A)
OUTPUT CURRENT (A)
OUTPUT CURRENT (A)
OUTPUT CURRENT (A)
OUTPUT CURRENT (A)
OUTPUT CURRENT (A)
LOAD CURRENT (A)
LOAD CURRENT (A)
LOAD CURRENT (A)
50
55
60
65
70
75
80
85
90
95
100
0.0
0.5
1.0
1.5
2.0
2.5 3.0
50
55
60
65
70
75
80
85
90
95
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
50
55
60
65
70
75
80
85
90
95
100
0.0
0.5
1.0
1.5
2.0
2.5 3.0
50
55
60
65
70
75
80
85
90
95
100
0.0
0.5
1.0 1.5
2.0
2.5 3.0
50
55
60
65
70
75
80
85
90
95
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
50
55
60
65
70
75
80
85
90
95
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
5
10
15
20
25
30
35
40
45
0.5
1
1.5
2
2.5
3
0
5
10
15
20
25
30
35
40
0.5
1
1.5
2
2.5
3
0
5
10
15
20
25
30
35
40
45
0.5
1
1.5
2
2.5
3


Similar Part No. - MP2233

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2233DJ MPS-MP2233DJ Datasheet
256Kb / 5P
   High-Efficiency, 3A, 16V, 1.4MHz, Sync. Step-Down Switcher Evaluation Board
More results

Similar Description - MP2233

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1498 MPS-MP1498 Datasheet
628Kb / 18P
   High-Efficiency, 2A, 16V, 1.4MHz Synchronous, Step-Down Converter
MP1497S MPS-MP1497S Datasheet
500Kb / 15P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP1495 MPS-MP1495 Datasheet
462Kb / 15P
   High Efficiency 3A, 16V, 500kHz Synchronous Step Down Converter
MP1475 MPS-MP1475 Datasheet
756Kb / 16P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP1495S MPS-MP1495S Datasheet
929Kb / 17P
   High Efficiency 3A, 16V, 500kHz Synchronous Step-Down Converter
MP1497 MPS-MP1497 Datasheet
504Kb / 15P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP1475S MPS-MP1475S Datasheet
630Kb / 19P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP2235 MPS-MP2235 Datasheet
1Mb / 21P
   High-Efficiency, 3A, 16V, 800kHz Synchronous, Step-Down Converter
MP2240 MPS-MP2240 Datasheet
567Kb / 16P
   High-Efficiency, 3A, 16V, 800kHz Synchronous, Step-Down Converter
EV2233-J-00A MPS-EV2233-J-00A Datasheet
256Kb / 5P
   High-Efficiency, 3A, 16V, 1.4MHz, Sync. Step-Down Switcher Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com