Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP2229 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP2229
Description  High Efficiency 21V, 6A Synchronous Step-Down Converter with External Sync, Low-Power Mode, and External Soft-Start
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2229 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP2229 Datasheet HTML 12Page - Monolithic Power Systems MP2229 Datasheet HTML 13Page - Monolithic Power Systems MP2229 Datasheet HTML 14Page - Monolithic Power Systems MP2229 Datasheet HTML 15Page - Monolithic Power Systems MP2229 Datasheet HTML 16Page - Monolithic Power Systems MP2229 Datasheet HTML 17Page - Monolithic Power Systems MP2229 Datasheet HTML 18Page - Monolithic Power Systems MP2229 Datasheet HTML 19Page - Monolithic Power Systems MP2229 Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
MP2229 – 21V, 6A SYNCHRONOUS STEP-DOWN CONVERTER
MP2229 Rev. 1.0
www.MonolithicPower.com
16
2/12/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
Generally, choose R6 to be around 100kΩ, then
R7 is:
LPM
CC
LPM
VR6
R7
VV
×
=
Refer to Figure 8 when setting the LPM voltage.
0.2
0.24
0.28
0.32
0.36
0.4
02468
10
FIGURE 8. Recommended LPM Selection for
Common Output Voltages (VIN=12V, FS=500kHz)
Selecting the Input Capacitor
The input current to the step-down converter is
discontinuous,
and
therefore
requires
a
capacitor to supply the AC current while
maintaining the DC input voltage. Use low ESR
capacitors for the best performance. Ceramic
capacitors with X5R or X7R dielectrics are
recommended highly because of their low ESR
and small temperature coefficients. For most
applications, a 22µF and a 10µF capacitor are
sufficient.
Since the input capacitor (C1) absorbs the
input-switching current, it requires an adequate
ripple-current rating. The RMS current in the
input capacitor can be estimated by:
×
×
=
IN
OUT
IN
OUT
LOAD
1
C
V
V
1
V
V
I
I
The worst-case condition occurs at VIN = 2VOUT,
where:
LOAD
C1
I
I
2
=
For simplification, choose an input capacitor
with a RMS current rating greater than half of
the maximum load current.
The input capacitor can be electrolytic, tantalum,
or ceramic. When using electrolytic or tantalum
capacitors, place a small, high-quality ceramic
capacitor (e.g. 0.1μF) as close to the IC as
possible. When using ceramic capacitors, make
sure that they have enough capacitance to
provide sufficient charge in order to prevent
excessive voltage ripple at the input. The input-
voltage ripple caused by the capacitance can
be estimated by:
LOAD
OUT
OUT
IN
IN
SIN
IV
V
V1
fC1
V
V
⎛⎞
Δ=
×
× −
⎜⎟
×
⎝⎠
Selecting the Output Capacitor
The device requires an output capacitor (C2) to
maintain the DC output voltage. Use ceramic,
tantalum, or low ESR electrolytic capacitors.
Use low ESR capacitors to limit the output-
voltage ripple. Estimate the output-voltage
ripple with:
OUT
OUT
OUT
ESR
S1
IN
S
VV
1
V1
R
fL
V
8 f
C2
⎛⎞
⎛⎞
Δ=
× −
×
+
⎜⎟
⎜⎟
×× ×
⎝⎠ ⎝⎠
Where L1 is the inductor value and RESR is the
equivalent series resistance (ESR) value of the
output capacitor.
For ceramic capacitors, the impedance at the
switching frequency is dominated by the
capacitance. The output-voltage ripple is
caused
mainly
by
the
capacitance.
For
simplification, the output-voltage ripple can be
estimated by:
OUT
OUT
OUT
2
IN
S1
VV
ΔV1
V
8f
L
C2
⎛⎞
=× −
⎜⎟
×× ×
⎝⎠
For tantalum or electrolytic capacitors, the ESR
dominates the impedance at the switching
frequency. For simplification, the output ripple
can be approximated to:
OUT
OUT
OUT
ESR
IN
S1
VV
ΔV1
R
fL
V
⎛⎞
=× −
×
⎜⎟
×
⎝⎠
The characteristics of the output capacitor
affect the stability of the regulatory system. The
MP2229 can be optimized for a wide range of
capacitance and ESR values.


Similar Part No. - MP2229

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2229GQ MPS-MP2229GQ Datasheet
816Kb / 6P
   High Efficiency 21V, 6A,Synchronous Step-Down Converter Evaluation Board
More results

Similar Description - MP2229

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8714 MPS-MP8714 Datasheet
788Kb / 20P
   High-Efficiency, 10A, 17V, Synchronous, Step-Down Converter With External Soft Start and Power Good
MP8712 MPS-MP8712 Datasheet
1Mb / 26P
   High-Efficiency, 12A, 3V-18V, Synchronous Step-Down Converter with Power Good, External Soft Start and OVP
MP8865 MPS-MP8865 Datasheet
1Mb / 29P
   High-Efficiency, 6A, 21V, Synchronous Step-Down Converter with I2C Interface
EV2229-Q-00A MPS-EV2229-Q-00A Datasheet
816Kb / 6P
   High Efficiency 21V, 6A,Synchronous Step-Down Converter Evaluation Board
MP8772 MPS-MP8772 Datasheet
1Mb / 23P
   12A, 17V, 700kHz Synchronous Step-down Converter with PG and External Soft Start in 3x3mm QFN package
MP8718 MPS-MP8718 Datasheet
510Kb / 17P
   High Efficiency 4A, 21V, 500kHz Synchronous Step-down Converter
logo
ELMOS Semiconductor AG
E910.27A ELMOS-E910.27A Datasheet
1Mb / 50P
   External Adjustable High Efficiency PFM Step-Down Converter
logo
Monolithic Power System...
MP28252 MPS-MP28252 Datasheet
369Kb / 14P
   High Efficiency 2A, 21V, 500kHz Synchronous Step-down Converter
MP28254 MPS-MP28254 Datasheet
365Kb / 14P
   High Efficiency 4A, 21V, 500kHz Synchronous Step down Converter
MP8716 MPS-MP8716 Datasheet
321Kb / 14P
   High Efficiency 3A, 21V, 500kHz Synchronous Step-down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com