Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP2188 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2188
Description  Dual 3A, 5.5V, 1.2MHz, COT Synchronous Step Down Switchers With Auto Output Discharge
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2188 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2188 Datasheet HTML 9Page - Monolithic Power Systems MP2188 Datasheet HTML 10Page - Monolithic Power Systems MP2188 Datasheet HTML 11Page - Monolithic Power Systems MP2188 Datasheet HTML 12Page - Monolithic Power Systems MP2188 Datasheet HTML 13Page - Monolithic Power Systems MP2188 Datasheet HTML 14Page - Monolithic Power Systems MP2188 Datasheet HTML 15Page - Monolithic Power Systems MP2188 Datasheet HTML 16Page - Monolithic Power Systems MP2188 Datasheet HTML 17Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
MP2188 – DUAL 3A, 5.5V, 1.2MHz, SYNCHRONOUS STEP-DOWN SWITCHER
MP2188 Rev. 1.01
www.MonolithicPower.com
13
2/2/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Setting the Output Voltage
The MP2188 output voltage of the two channels
can be changed with external feedback
resistors. The feedback resistors cannot be too
large considering the internal divider resistors.
Choose external feedback resistors <20kΩ:
Using below formulas to set the new output
voltages:
R1_IN
V
V
I
CH
OUT
FB
=
R
_
ESD
I
6
.
0
V
FB
FB
×
=
2
2
FB
FB
FB
OUT
1
R
R
I
V
V
V
R
×
×
=
Where, VCH is the pre-set fixed output voltage of
each channel.
For channel 1: VCH=1.1V, R1_IN =214.58kOhm,
ESD_R=3.59kOhm.
For channel 2: VCH=1.8V, R1_IN =227.61kOhm,
ESD_R=4.28kOhm.
To mask internal resistor well, the adjustable
VOUT is recommended to set higher than 0.8V.
Table 1 lists the recommended resistors values
for common output voltage.
Table 1: Resistor Values for Common Output
Voltages
1.1V output channel
1.8V output channel
VOUT(V)
R1(kΩ)
R2(kΩ)
R3(kΩ)
R4(kΩ)
1.2
3.01
3
3
3
1.5
4.7
3
4.3
3
1.8
6.34
3
6.2
3
2.5
10.5
3
10
3
3.3
15.4
3
14.7
3
Selecting the Inductor
A 0.82µH to 4.7µH inductor is recommended for
most applications. For highest efficiency, chose
an inductor with a DC resistance less than
15mΩ. For most designs, the inductance value
can be derived from the following equation.
OSC
L
IN
OUT
IN
OUT
f
I
V
)
V
V
(
V
L
×
Δ
×
×
=
Where ΔIL is the inductor ripple current.
Choose an inductor current to be approximately
30% of the maximum load current. The
maximum inductor peak current is:
L
L(MAX)
LOAD
I
II
2
Δ
=+
Selecting the Input Capacitor
The input current to the step-down converter is
discontinuous, and requires a capacitor to supply
the AC current to the step-down converter while
maintaining the DC input voltage. Use low-ESR
capacitors for the best performance. Ceramic
capacitors with X5R or X7R dielectrics are
highly recommended because of their low ESR
values and small temperature coefficients. For
most applications, a 22µF capacitor is sufficient.
For higher output voltage, use 47μF to improve
system stability.
Since the input capacitor absorbs the input
switching current it requires an adequate ripple
current rating. The RMS current in the input
capacitor can be estimated by:
×
×
=
IN
OUT
IN
OUT
LOAD
CIN
V
V
1
V
V
I
I
The worse case condition occurs at VIN =
2VOUT, where:
2
I
I
LOAD
CIN =
For simplification, choose an input capacitor
whose RMS current rating is greater than half of
the maximum load current.


Similar Part No. - MP2188

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2188GQA MPS-MP2188GQA Datasheet
481Kb / 9P
   Dual 3A, 5.5V, 1.2MHz Synchronous Step-Down Swithers With Auto Output Discharge Evaluation Board
More results

Similar Description - MP2188

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2187 MPS-MP2187 Datasheet
440Kb / 18P
   Dual 3A, 5.5V, 1.2MHz, COT Synchronous Step-Down Switcher
EV2188-QA-00A MPS-EV2188-QA-00A Datasheet
481Kb / 9P
   Dual 3A, 5.5V, 1.2MHz Synchronous Step-Down Swithers With Auto Output Discharge Evaluation Board
EV2187-QA-01A MPS-EV2187-QA-01A Datasheet
443Kb / 9P
   Dual 3A, 5.5V, 1.2MHz Synchronous Step-Down Swithers With Auto Output Discharge Evaluation Board
MP9143 MPS-MP9143 Datasheet
483Kb / 15P
   3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step Down Switcher
MP2143 MPS-MP2143 Datasheet
478Kb / 14P
   3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step Down Switcher
MPQ2143-AEC1 MPS-MPQ2143-AEC1 Datasheet
802Kb / 15P
   3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step-Down Switcher AEC-Q100 Qualified
MP2144 MPS-MP2144 Datasheet
363Kb / 14P
   2A, 5.5V, 1.2MHz, 40A IQ, COT Synchronous Step Down Switcher
logo
Richtek Technology Corp...
RT7257B RICHTEK-RT7257B Datasheet
284Kb / 14P
   3A, 18V, 1.2MHz Synchronous Step-Down Converter
RT7297B RICHTEK-RT7297B Datasheet
278Kb / 14P
   3A, 18V, 1.2MHz Synchronous Step-Down Converter
RT8253B RICHTEK-RT8253B Datasheet
205Kb / 15P
   3A, 23V, 1.2MHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com