Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAC5255 Datasheet(PDF) 43 Page - Active-Semi, Inc

Part # PAC5255
Description  Power Application Controller
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

PAC5255 Datasheet(HTML) 43 Page - Active-Semi, Inc

Back Button PAC5255_18 Datasheet HTML 39Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 40Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 41Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 42Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 43Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 44Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 45Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 46Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 47Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 74 page
background image
PAC5255
Power Application Controller
12.3.4. Open-Drain Drivers
The OMx pin is a 23V open-drain driver output controlled by a register bit. OMx is capable of driving 40mA. The OMx pin
is switched to VSSP with 17Ω impedance in the on state when the corresponding bit is '1', and is in the high-impedance off
state when the corresponding bit is '0'.
12.3.5. Power Drivers Control
All power drivers are initially disabled from power-on-reset. To enable the power drivers, the microprocessor must first set
the driver enable bit to '1'. The gate drivers controlled by the microcontroller ports and PWM signals according to Table 22,
with configurable delays as shown in Table 22. The OMx open-drain drivers are controlled by their corresponding register
bits. Refer to the PAC application notes and user guide for additional information on power drivers control programming.
Table 22. Microcontroller Port and PWM to Power Driver Mapping
PART
NUMBER
PWMA0
PWMA1
PWMA2
PWMA3/
PWMA4/
PWMB0
PWMA5/
PWMC0
PWMA6/
PWMD0
PWMA4/
PWMB0
PWMA5/
PWMA7/
PWMC1
PWMA6/
PWMD0
PAC5255
DRL0
DRL1
DRL2
DRL3
DRL4
DRL5
DXH0
DXH1
DXH2
Table 23. Power Driver Propgation Delay
DRLx
DXHx
RISING
FALLING
RISING
FALLING
130ns
140ns
200ns
240ns
12.3.6. Gate Driver Fault Protection
The ASPD incorporates a configurable fault protection mechanism using two protection event signals from the
Configurable Analog Front End (CAFE), designated as protection event 1 (PR1) and protection event 2 (PR2) signals. The
DRL0/DRL1/DRL2 drivers are designated as low-side group 1, and the DRL3/DRL4/DRL5 gate drivers are designed as
low-side group 2. The DXH0/DXH1/DXH2 ultra-high-voltage gate drivers are designated as high-side group 1. The PR1
- 43 -
Rev 1.10‒March 3, 2018
Figure 12-3. High-Side Switching Transients and Optional Circuitry
V
DXSx
V
DXSx
≥ -10V
V
DXBx
≤ 625V
V
DXBx
dV/dt
dV/dt
(a) High-Side Switching Transients
(b) Optional Transient Protection and Slew Rate Control
DXHx
DRLx
DXSx
DXBx
V
P
V
IN
PAC5255


Similar Part No. - PAC5255_18

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
PAC5255QF ACTIVE-SEMI-PAC5255QF Datasheet
746Kb / 71P
   Power Application Controller
Rev 1.1-April 15, 2016
More results

Similar Description - PAC5255_18

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
PAC5250_17 ACTIVE-SEMI-PAC5250_17_06 Datasheet
808Kb / 74P
   Power Application Controller
Rev 1.14-June 15, 2017
PAC5220 ACTIVE-SEMI-PAC5220_17 Datasheet
841Kb / 69P
   Power Application Controller
Rev 1.5-April 17, 2016
PAC5250 ACTIVE-SEMI-PAC5250 Datasheet
769Kb / 70P
   Power Application Controller
Rev 1.6-January 28, 2016
PAC5223 ACTIVE-SEMI-PAC5223 Datasheet
832Kb / 67P
   Power Application Controller
Rev 1.10 -January 28, 2016
PAC5210 ACTIVE-SEMI-PAC5210_16 Datasheet
728Kb / 66P
   Power Application Controller
Rev 1.6-April 15, 2016
PAC5250 ACTIVE-SEMI-PAC5250_17 Datasheet
739Kb / 70P
   Power Application Controller
Rev 1.7-April 15, 2016
PAC5253 ACTIVE-SEMI-PAC5253_17 Datasheet
799Kb / 71P
   Power Application Controller
Rev 1.18-December 29, 2016
PAC5232 ACTIVE-SEMI-PAC5232 Datasheet
1Mb / 66P
   Power Application Controller
Rev 1.1 6-Jan-2018
PAC5523 ACTIVE-SEMI-PAC5523 Datasheet
1Mb / 89P
   Power Application Controller
Rev 1.1 - May 30, 2018
PAC5220 ACTIVE-SEMI-PAC5220 Datasheet
1Mb / 73P
   Power Application Controller
Rev 1.0-February 25, 2014
PAC5253 ACTIVE-SEMI-PAC5253 Datasheet
762Kb / 68P
   Power Application Controller
Rev 1.10-January 28, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com