Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT88320QI-T Datasheet(PDF) 44 Page - Active-Semi, Inc

Part # ACT88320QI-T
Description  Advanced PMU with Inrush Control and Bypass Switch
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT88320QI-T Datasheet(HTML) 44 Page - Active-Semi, Inc

Back Button ACT88320QI-T Datasheet HTML 40Page - Active-Semi, Inc ACT88320QI-T Datasheet HTML 41Page - Active-Semi, Inc ACT88320QI-T Datasheet HTML 42Page - Active-Semi, Inc ACT88320QI-T Datasheet HTML 43Page - Active-Semi, Inc ACT88320QI-T Datasheet HTML 44Page - Active-Semi, Inc ACT88320QI-T Datasheet HTML 45Page - Active-Semi, Inc ACT88320QI-T Datasheet HTML 46Page - Active-Semi, Inc ACT88320QI-T Datasheet HTML 47Page - Active-Semi, Inc ACT88320QI-T Datasheet HTML 48Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 50 page
background image
ACT88320QI-T
Rev 2.0, 20-Dec-2017
Innovative PowerTM
www.active-semi.com
ActiveSwitcherTM is a trademark of Active-Semi.
Copyright © 2017 Active-Semi, Inc
44
CMI 105: ACT88320QI105-T
CMI 105 is optimized for the Marvell Dean 88SS1074 microprocessor. It is designed to operate from a regulated 3.3V
input supply.
Voltage and Currents
Startup and Sequencing
Rail
Sequence
Order
Sequencing
Input Trigger
StartUp
Delay (us)
Soft-Start
(us)
Shutdown
Delay (us)
LDO2
1
VIN_UVLO
500
275
0
Buck1
2
LDO2
500
600
0
Buck2
3
Buck1
500
600
0
Buck3
4
Buck2
1000
600
0
EXT_EN
4
Buck2
0
n/a
0
LS1
n/a
n/a
n/a
n/a
n/a
LDO1
n/a
n/a
n/a
n/a
n/a
Rail
Active
Mode
Voltage
(V)
Sleep
Mode
Voltage
(V)
DPSLP Mode
Voltage (V)
DVS Voltage
(V)
Current
Limit (A)
Fsw (kHz)
Buck1
1.05
n/a
n/a
n/a
4.6
1125
Buck2
1.2/1.8
n/a
n/a
n/a
3
2250
Buck3
1.5/1.35
n/a
n/a
n/a
3
2250
LDO1
OFF
n/a
n/a
n/a
0.315
n/a
LDO2
1.8
n/a
n/a
n/a
0.315
n/a
LS1
ON
n/a
n/a
n/a
n/a
n/a


Similar Part No. - ACT88320QI-T

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
ACT88321 QORVO-ACT88321 Datasheet
1Mb / 55P
   Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
Rev. D, June 17, 2022
ACT88321VU101-T QORVO-ACT88321VU101-T Datasheet
1Mb / 55P
   Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
Rev. D, June 17, 2022
ACT88321VU103-T QORVO-ACT88321VU103-T Datasheet
1Mb / 55P
   Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
Rev. D, June 17, 2022
ACT88321VU104-T QORVO-ACT88321VU104-T Datasheet
1Mb / 55P
   Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
Rev. D, June 17, 2022
ACT88321VU105.E1T QORVO-ACT88321VU105.E1T Datasheet
1Mb / 55P
   Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
Rev. D, June 17, 2022
More results

Similar Description - ACT88320QI-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT88326VA ACTIVE-SEMI-ACT88326VA Datasheet
4Mb / 41P
   Advanced PMU with Bypass Switch, & Pushbutton Function
Rev 1.0, 29-May-2018
ACT88325VA ACTIVE-SEMI-ACT88325VA Datasheet
3Mb / 39P
   Advanced PMU with 3 Bucks, 2 LDOs and Load Bypass Switch
Rev 1.0, 23-May-2018
logo
Texas Instruments
TPS65835 TI1-TPS65835_16 Datasheet
2Mb / 67P
[Old version datasheet]   Advanced PMU
logo
Motorola, Inc
MBC13720 MOTOROLA-MBC13720 Datasheet
704Kb / 16P
   Amplifier with Bypass Switch
logo
Active-Semi, Inc
ACT8935 ACTIVE-SEMI-ACT8935_10 Datasheet
98Kb / 2P
   Advanced PMU for SiRF Prima and Atlas IV
05-Nov-10
ACT8935 ACTIVE-SEMI-ACT8935_14 Datasheet
710Kb / 46P
   Advanced PMU for SiRF PrimaTM and Atlas IVTM
Rev 4, 17-Sep-13
ACT8895 ACTIVE-SEMI-ACT8895 Datasheet
114Kb / 2P
   Advanced PMU for SiRF Prima and Atlas IV
29-Nov-10
ACT8895 ACTIVE-SEMI-ACT8895_14 Datasheet
119Kb / 3P
   Advanced PMU for SiRF PrimaTM and Atlas IVTM
16-Aug-13
logo
M/A-COM Technology Solu...
MAMF-010614 MA-COM-MAMF-010614 Datasheet
461Kb / 9P
   Integrated SPDT Switch and LNA with Bypass Mode
MAMF-010614 MA-COM-MAMF-010614_15 Datasheet
461Kb / 9P
   Integrated SPDT Switch and LNA with Bypass Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com