Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT8870QJ-T Datasheet(PDF) 6 Page - Active-Semi, Inc

Part # ACT8870QJ-T
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8870QJ-T Datasheet(HTML) 6 Page - Active-Semi, Inc

Back Button ACT8870QJ-T Datasheet HTML 2Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 3Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 4Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 5Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 6Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 7Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 8Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 9Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 10Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
ACT8870QJ-T
Rev 3.0, 02-Oct-2017
Innovative PowerTM
www.active-semi.com
ActiveSwitcherTM is a trademark of Active-Semi.
Copyright © 2016-2017 Active-Semi, Inc.
I2CTM is a trademark of NXP
6
PIN DESCRIPTIONS - QFN
PIN
NAME
DESCRIPTION
1
IRQ
Interrupt IRQ Open Drain Output indicates a fault occurred.
2,3
PGND1
Dedicated Power Ground for BUCK1 Regulator.
4
POK
Power OK Open Drain Output, indicates Overvoltage or Undervoltage on VIN input supply.
5
PGND2
Dedicated Power Ground for Buck 2 Regulator.
6
SW_B2
Switch Pin for BUCK2 Regulator.
7
VIN_B2
Dedicated VIN power input for BUCK2 Regulator.
8
FB_B2
Feedback for BUCK2 Regulator. Connect to the BUCK2 output.
9
OUT_LDO1
Output for LDO1 Regulator (Leave unconnected if LDO1 is not used and disabled).
10
VIN_LDO1
Dedicated VIN power input for LDO1 Regulator.
11
nRESET_AUX2
Auxiliary nRESET configurable, Open Drain Output (configurable as an input).
12
nRESET_AUX1
Auxiliary nRESET configurable. Open Drain Output (configurable as an input).
13
SCL
I2C Clock Input.
14
nRESET
nRESET Open Drain Output. This pin is configurable.
15
SDA
I2C Data Input and Output.
16
AGND
Analog Ground.
17
PWREN
Power Enable Digital Input. This pin is configurable.
18
EXT_EN
External Regulator Enable Push-Pull Digital Output.
19
EXT_PG
External Power Good Digital Input. This pin is configurable.
20
VIO_IN
Digital Input Reference Voltage Input. Connect a 0.1uF ceramic capacitor between VIN_IN and AGND
21
OUT_LDO2
Output for LDO2 Regulator (Leave unconnected if LDO2 is not used and disabled).
22
VIN_LDO23
Dedicated VIN power input for LDO2 and LDO3 Regulator.
23
OUT_LDO3
Output for LDO3 Regulator (Leave unconnected if LDO3 is not used and disabled).
24
FB_B3
Feedback for BUCK3 Regulator. Connect to the BUCK3 output.
25
VIN_B3
Dedicated VIN power input for BUCK3 Regulator.
26
SW_B3
Switch Pin for BUCK3 Regulator.
27
PGND3
Dedicated Power Ground for BUCK3 Regulator.
28
PGND4
Dedicated Power Ground for BUCK4 Regulator.
29
FB_B4
Feedback for BUCK4 Regulator. Connect to the BUCK4 output.
30
MODE
Configuration input pin. This pin is read at power up to configure BUCK1.
31
SW_B4
Switch Pin for BUCK4 Regulator.
32
VIN_B4
Dedicated VIN power input for BUCK4 Regulator.
33
GPIO
Configurable General purpose input/open drain output.
34
PG
Power Good Output. This pin is configurable. Open Drain Output.
35
FB_B1
Feedback for BUCK1 Regulator. Connect to the BUCK1 output.
36
VIN
Analog Input supply monitored by POK thresholds.
37,38
VIN_B1
Dedicated VIN power input for BUCK1 Regulator.
39,40
SW_B1
Switch pin for BUCK1 Regulator.
Exposed Pad
Tie to Ground Plane for best performance


Similar Part No. - ACT8870QJ-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8870QJ101-T ACTIVE-SEMI-ACT8870QJ101-T Datasheet
3Mb / 38P
   Advanced PMU for Microcontrollers and Solid State Drive Applications
REV 0 23-DEC-2016
More results

Similar Description - ACT8870QJ-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT88430QJ-T ACTIVE-SEMI-ACT88430QJ-T Datasheet
1Mb / 42P
   Advanced PMU for Microcontrollers and Solid State Drive Applications
Rev 1.0, 24-Oct-2018
ACT8870 ACTIVE-SEMI-ACT8870 Datasheet
3Mb / 38P
   Advanced PMU for Microcontrollers and Solid State Drive Applications
REV 0 23-DEC-2016
logo
Texas Instruments
TPS65835 TI1-TPS65835_16 Datasheet
2Mb / 67P
[Old version datasheet]   Advanced PMU
logo
Active-Semi, Inc
ACT8933 ACTIVE-SEMI-ACT8933 Datasheet
102Kb / 2P
   Advanced PMU for CoreLogic LUCY
04-Nov-10
ACT8896 ACTIVE-SEMI-ACT8896 Datasheet
88Kb / 2P
   Advanced PMU for Samsung S3C6410
29-Nov-10
ACT8933 ACTIVE-SEMI-ACT8933_14 Datasheet
723Kb / 44P
   Advanced PMU for CoreLogic LUCY
Rev 3, 15-Nov-12
ACT8935 ACTIVE-SEMI-ACT8935_10 Datasheet
98Kb / 2P
   Advanced PMU for SiRF Prima and Atlas IV
05-Nov-10
ACT8935 ACTIVE-SEMI-ACT8935_14 Datasheet
710Kb / 46P
   Advanced PMU for SiRF PrimaTM and Atlas IVTM
Rev 4, 17-Sep-13
ACT8895 ACTIVE-SEMI-ACT8895 Datasheet
114Kb / 2P
   Advanced PMU for SiRF Prima and Atlas IV
29-Nov-10
ACT8895 ACTIVE-SEMI-ACT8895_14 Datasheet
119Kb / 3P
   Advanced PMU for SiRF PrimaTM and Atlas IVTM
16-Aug-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com