Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT8849 Datasheet(PDF) 16 Page - Active-Semi, Inc

Part # ACT8849
Description  Advanced PMU for Multi-core Application Processors
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8849 Datasheet(HTML) 16 Page - Active-Semi, Inc

Back Button ACT8849 Datasheet HTML 12Page - Active-Semi, Inc ACT8849 Datasheet HTML 13Page - Active-Semi, Inc ACT8849 Datasheet HTML 14Page - Active-Semi, Inc ACT8849 Datasheet HTML 15Page - Active-Semi, Inc ACT8849 Datasheet HTML 16Page - Active-Semi, Inc ACT8849 Datasheet HTML 17Page - Active-Semi, Inc ACT8849 Datasheet HTML 18Page - Active-Semi, Inc ACT8849 Datasheet HTML 19Page - Active-Semi, Inc ACT8849 Datasheet HTML 20Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
ACT8849
Rev PrB, 12-Jun-14
Innovative PowerTM
- 16 -
www.active-semi.com
Copyright © 2014 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
ActivePMU
TM is a trademark of Active-Semi.
I2CTM is a trademark of NXP.
SYSTEM CONTROL ELECTRICAL CHARACTERISTICS
(VINL2 = 3.6V, TA = 25°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage Range
3.0
5.5
V
UVLO Threshold Voltage
VINL2 Rising
2.6
2.8
3.0
V
UVLO Hysteresis
VINL2 Hysteresis
200
mV
Operating Supply Current
All Regulators Enabled but no load
0.6
1.2
mA
Shutdown Supply Current
All Regulators Disabled except REG13
10
20
µA
Oscillator Frequency
2.0
2.25
2.5
MHz
Logic High Input Voltage
1.4
V
Logic Low Input Voltage
0.4
V
Low Level Output Voltage
nIRQ, ISINK = 5mA
0.3
V
Thermal Shutdown Temperature
Temperature rising
160
°C
Thermal Shutdown Hysteresis
20
°C
Leakage Current
V[nIRQ] = 4.2V
1
µA


Similar Part No. - ACT8849

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8849QM411-T ACTIVE-SEMI-ACT8849QM411-T Datasheet
763Kb / 38P
   Advanced PMU for Multi-core Application Processors
Rev 5, 15-Nov-12
ACT8849QM614-T ACTIVE-SEMI-ACT8849QM614-T Datasheet
2Mb / 39P
   Advanced PMU for Multi-core Application Processors
REV 8, 17-JAN-2017
ACT8849QM614-T ACTIVE-SEMI-ACT8849QM614-T Datasheet
1Mb / 42P
   Advanced PMU for Multi-core Application Processors
REV 9, 27-June-17
More results

Similar Description - ACT8849

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8847 ACTIVE-SEMI-ACT8847_14 Datasheet
763Kb / 38P
   Advanced PMU for Multi-core Application Processors
Rev 5, 15-Nov-12
ACT8846 ACTIVE-SEMI-ACT8846 Datasheet
81Kb / 2P
   Advanced PMU for Multi-core Application Processors
22-Oct-12
ACT8846 ACTIVE-SEMI-ACT8846_16 Datasheet
977Kb / 40P
   Advanced PMU for Multi-core Application Processors
Rev 4, 25-May-16
ACT8847 ACTIVE-SEMI-ACT8847_17 Datasheet
2Mb / 39P
   Advanced PMU for Multi-core Application Processors
REV 8, 17-JAN-2017
ACT8846 ACTIVE-SEMI-ACT8846_17 Datasheet
1Mb / 44P
   Advanced PMU for Multi-core Application Processors
Rev 7.0, 06-Dec-2017
ACT8847 ACTIVE-SEMI-ACT8847 Datasheet
83Kb / 2P
   Advanced PMU for Multi-core Application Processors
05-Dec-12
ACT8846 ACTIVE-SEMI-ACT8846_14 Datasheet
674Kb / 40P
   Advanced PMU for Multi-core Application Processors
Rev 1, 15-May-13
ACT8848 ACTIVE-SEMI-ACT8848_14 Datasheet
599Kb / 37P
   Advanced PMU for Multi-core Application Processors
Rev 2, 15-Nov-12
ACT8847_17 ACTIVE-SEMI-ACT8847_17_06 Datasheet
1Mb / 42P
   Advanced PMU for Multi-core Application Processors
REV 9, 27-June-17
ACT8848 ACTIVE-SEMI-ACT8848 Datasheet
80Kb / 2P
   Advanced PMU for Multi-core Application Processors
05-Dec-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com