Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH289PA Datasheet(PDF) 1 Page - Anachip Corp

Part # AH289PA
Description  High Voltage Hall-Effect Smart Fan Motor Controller
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AH289PA Datasheet(HTML) 1 Page - Anachip Corp

  AH289PA Datasheet HTML 1Page - Anachip Corp AH289PA Datasheet HTML 2Page - Anachip Corp AH289PA Datasheet HTML 3Page - Anachip Corp AH289PA Datasheet HTML 4Page - Anachip Corp AH289PA Datasheet HTML 5Page - Anachip Corp AH289PA Datasheet HTML 6Page - Anachip Corp AH289PA Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AH289
High Voltage Hall-Effect Smart Fan Motor Controller
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev. 0.1 Jan 17, 2005
1/7
Features
- On chip Hall sensor
- Rotor-locked shutdown
- Automatically restart
- Rotor-state detection (RD) output
- Built-in Zener protection for output driver
- Operating voltage: 3.8V~28V
- Output current: IO(AVE) = 400mA
- Package: SIP-5L, SOT89-5L
Pin Configuration
1 : RD
2 : VCC
3 : DO
4 : DOB
( Front View )
15
4
3
2
289
5 : GND
General Description
AH289 is a monolithic fan motor controller with Hall
sensor’s capability. It contains two complementary
open-drain transistors for motor’s coil driving,
automatic lock current shutdown, and recovery
protections. In addition, rotor-state detection (RD)
output is for Rotor-state detection.
To avoid coil burning, rotor-lock shutdown detection
circuit shut down the output driver if the rotor is
blocked and then the automatic recovery circuit will
try to restart the motor. This function repeats while
the rotor is blocked. Until the blocking is removed,
the motor recovers running normally.
Pin Descriptions
Symbol
Description
RD
Rotor-state detection
VCC
Input power
DO
Output pin
DOB
Output pin
GND
Ground
SIP-5L
1
2
3
74
5
DOB
DO
GND
RD
VCC
SOT89-5L
289
Ordering Information
AH289 X -X X X
Packing
Blank : Tube or Bulk
A : Tape & Reel
P: SIP-5L
Y: SOT89-5L
Package
Lead
L : Lead Free
Blank: Normal
Wafer Body
Blank or
A~Z : if necessary
to specify


Similar Part No. - AH289PA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH289 DIODES-AH289 Datasheet
188Kb / 9P
   HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH289 Rev. 3
AH289 DIODES-AH289 Datasheet
116Kb / 9P
   HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR
AH289-P DIODES-AH289-P Datasheet
188Kb / 9P
   HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH289 Rev. 3
AH289-PL-13 DIODES-AH289-PL-13 Datasheet
188Kb / 9P
   HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH289 Rev. 3
AH289-PL-B DIODES-AH289-PL-B Datasheet
188Kb / 9P
   HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH289 Rev. 3
More results

Similar Description - AH289PA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH287 DIODES-AH287 Datasheet
114Kb / 10P
   HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH287 Rev. 4
AH288 DIODES-AH288 Datasheet
120Kb / 10P
   HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH288 Rev. 4
logo
Anachip Corp
AH287 ANACHIP-AH287 Datasheet
166Kb / 7P
   High Voltage Hall-Effect Smart Fan Motor Controller
logo
Diodes Incorporated
AH289 DIODES-AH289 Datasheet
188Kb / 9P
   HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH289 Rev. 3
logo
Anachip Corp
AH282 ANACHIP-AH282 Datasheet
151Kb / 7P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
logo
Diodes Incorporated
AH285 DIODES-AH285 Datasheet
215Kb / 8P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH285 Rev. 2
logo
Anachip Corp
AH283 ANACHIP-AH283 Datasheet
151Kb / 7P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH281 ANACHIP-AH281 Datasheet
147Kb / 7P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
logo
Diodes Incorporated
AH286 DIODES-AH286 Datasheet
186Kb / 10P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH286 Rev. 4
AH284 DIODES-AH284 Datasheet
236Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH284 Rev. 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com