Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT2804 Datasheet(PDF) 19 Page - Active-Semi, Inc

Part # ACT2804
Description  5V/3.4A Dual Cell Battery Power Manager
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2804 Datasheet(HTML) 19 Page - Active-Semi, Inc

Back Button ACT2804_17 Datasheet HTML 15Page - Active-Semi, Inc ACT2804_17 Datasheet HTML 16Page - Active-Semi, Inc ACT2804_17 Datasheet HTML 17Page - Active-Semi, Inc ACT2804_17 Datasheet HTML 18Page - Active-Semi, Inc ACT2804_17 Datasheet HTML 19Page - Active-Semi, Inc ACT2804_17 Datasheet HTML 20Page - Active-Semi, Inc ACT2804_17 Datasheet HTML 21Page - Active-Semi, Inc ACT2804_17 Datasheet HTML 22Page - Active-Semi, Inc ACT2804_17 Datasheet HTML 23Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
Rev 3, Apr-17-2017
Innovative Power
TM
- 19 -
www.active-semi.com
Copyright © 2017 Active-Semi, Inc.
ACT2804
TYPICAL PERFORMANCE CHARACTERISTICS CONT’D
(Schematic as show in Figure 7, Ta = 25°C, unless otherwise specified)
1200
1000
600
400
200
0
800
Vbat (V)
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
Charge Efficiency
96.0
95.0
94.0
93.0
92.0
91.0
90.0
Vbat (V)
5.5
6.0
6.5
7.0
7.5
8.0
8.5
Battery Charge Current vs. Junction
Temperature
1000
800
600
400
200
0
1200
1400
Temperature (°C)
-20
0
20
40
60
80
100
120
140
Discharge Efficiency
100.0
95.0
90.0
85.0
80.0
75.0
Output Current (mA)
0
500
1000
1500
2000
2500
3000
3500
4000
25.0
20.0
15.0
10.0
5.0
0
Temperature (°C)
-20
0
20
40
60
80
120
100
Battery Leakage vs. Junction Temperature
(HZ Mode)
VBAT = 8.2V
VBAT = 7.0V
VIN = 5.0V
ICHRG = 1.0A
VIN = 5.0V
ICHRG = 1A
VIN = 5.0V
VBAT = 7.5V
Battery Charge V/I Profile
VBAT = 7.5V
VBAT = 8.4V
VBAT = 6.0V
3500
2000
1500
1000
500
0
3000
2500
4000
Test Point
0
4
8
12
16
24
20
Charge Current
VIN = 5.0V
Charge Current vs. Output Current
Input Current
Output Current


Similar Part No. - ACT2804_17

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT2804 ACTIVE-SEMI-ACT2804_16 Datasheet
1Mb / 20P
   5V/3.4A Dual Cell Backup Battery Power Manager
Rev 2, Feb-04-2016
More results

Similar Description - ACT2804_17

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT2804 ACTIVE-SEMI-ACT2804 Datasheet
1Mb / 20P
   5V/3.4A Dual Cell Backup Battery Power Manager
Rev 2, Feb-04-2016
ACT2804 ACTIVE-SEMI-ACT2804_16 Datasheet
1Mb / 20P
   5V/3.4A Dual Cell Backup Battery Power Manager
Rev 2, Feb-04-2016
ACT2803 ACTIVE-SEMI-ACT2803 Datasheet
523Kb / 22P
   5V/2.4A Dual Cell Battery Power Manager
Rev 1, May-12-2016
ACT2803 ACTIVE-SEMI-ACT2803_16 Datasheet
523Kb / 22P
   5V/2.4A Dual Cell Battery Power Manager
Rev 1, May-12-2016
ACT2823 ACTIVE-SEMI-ACT2823 Datasheet
1Mb / 25P
   Dual Cell Li-Ion Battery Charger and Power Bank Manager
REV 1, 01-DEC-2016
ACT2823 ACTIVE-SEMI-ACT2823_16 Datasheet
1Mb / 25P
   Dual Cell Li-Ion Battery Charger and Power Bank Manager
REV 1, 01-DEC-2016
logo
Intersil Corporation
ISL94212 INTERSIL-ISL94212 Datasheet
151Kb / 2P
   Multi-Cell Li-Ion Battery Manager
ISL78610 INTERSIL-ISL78610 Datasheet
1Mb / 98P
   Multi-Cell Li-Ion Battery Manager
logo
Dallas Semiconductor
DS2441 DALLAS-DS2441 Datasheet
134Kb / 29P
   1-Cell Li-Ion Battery Manager
logo
Renesas Technology Corp
ISL78600 RENESAS-ISL78600 Datasheet
3Mb / 105P
   Multi-Cell Li-Ion Battery Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com