Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT510X Datasheet(PDF) 2 Page - Active-Semi, Inc

Part # ACT510X
Description  23V Buck-Boost Converter with Integrated MOSFETs
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT510X Datasheet(HTML) 2 Page - Active-Semi, Inc

  ACT510X Datasheet HTML 1Page - Active-Semi, Inc ACT510X Datasheet HTML 2Page - Active-Semi, Inc ACT510X Datasheet HTML 3Page - Active-Semi, Inc ACT510X Datasheet HTML 4Page - Active-Semi, Inc ACT510X Datasheet HTML 5Page - Active-Semi, Inc ACT510X Datasheet HTML 6Page - Active-Semi, Inc ACT510X Datasheet HTML 7Page - Active-Semi, Inc ACT510X Datasheet HTML 8Page - Active-Semi, Inc ACT510X Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
ACT510x
Rev 1.0, 04-Apr-2018
2
ORDERING INFORMATION
PART NUMBER
Fsw
Feedback
ADC Converter Input
ACT5101QI101-T
500kHz
Internal
YES
ACT5102QI101-T
500KHz
External
NO
PIN CONFIGURATION
VINS
COMP
OSRP
OSRN
AGND
HSB1
VIN
HSB2
ISRP
AGND
nIRQ
OLIM
A2D / FB
ISRN
STAT
ILIM
Exposed 
PAD
35
34
33
  
  
  
24
23
21
22
20
19
17
18
17
Figure 1: Pin Configuration – Top View – QFN4x4-32


Similar Part No. - ACT510X

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT510 ACTIVE-SEMI-ACT510 Datasheet
171Kb / 4P
   ActiveQR Quasi-Resonant PWM Controller
05-Dec-12
logo
Aeroflex Circuit Techno...
ACT5101-1 AEROFLEX-ACT5101-1 Datasheet
237Kb / 12P
   ACT5101-1 HIGH VOLTAGE 3-PHASE BRUSHLESS DC MOTOR DRIVE
logo
Active-Semi, Inc
ACT510US-T ACTIVE-SEMI-ACT510US-T Datasheet
171Kb / 4P
   ActiveQR Quasi-Resonant PWM Controller
05-Dec-12
More results

Similar Description - ACT510X

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT2861QI ACTIVE-SEMI-ACT2861QI Datasheet
4Mb / 91P
   30V Buck-Boost Charger with Integrated MOSFETs and OTG
Rev 2.0, 27-Apr-2018
logo
Lite-On Technology Corp...
LSP5526 LITEON-LSP5526 Datasheet
605Kb / 15P
   2A 23V Synchronous Buck Converter
logo
Diodes Incorporated
LSP5526 DIODES-LSP5526 Datasheet
812Kb / 17P
   2A 23V Synchronous Buck Converter
Rev. 9 - 2 July 2022
logo
Allegro MicroSystems
A4450 ALLEGRO-A4450 Datasheet
680Kb / 34P
   Buck-Boost Controller with Integrated Buck MOSFET
logo
Rohm
BD8306MUV ROHM-BD8306MUV Datasheet
1Mb / 29P
   Integrated 2.0A MOSFET 1ch Buck-Boost Converter
logo
Maxim Integrated Produc...
MAX5073 MAXIM-MAX5073_V01 Datasheet
869Kb / 24P
   2.2MHz, Dual-Output Buck or Boost Converter with Internal Power MOSFETs
2014
MAX5073 MAXIM-MAX5073 Datasheet
473Kb / 25P
   2.2MHz, Dual-Output Buck or Boost Converter with Internal Power MOSFETs
Rev 2; 2/06
logo
Texas Instruments
LM3279 TI1-LM3279_16 Datasheet
1Mb / 37P
[Old version datasheet]   Buck-Boost Converter
logo
Rohm
BD8152FVM ROHM-BD8152FVM_14 Datasheet
1Mb / 27P
   Boost Converter with Integrated FET
logo
uPI Group Inc.
UP6663 UPI-UP6663 Datasheet
774Kb / 17P
   Integrated Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com