Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV47821 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCV47821
Description  Adjustable Dual LDO with Adjustable Current Limit and Diagnostic Features
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV47821 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCV47821_17 Datasheet HTML 4Page - ON Semiconductor NCV47821_17 Datasheet HTML 5Page - ON Semiconductor NCV47821_17 Datasheet HTML 6Page - ON Semiconductor NCV47821_17 Datasheet HTML 7Page - ON Semiconductor NCV47821_17 Datasheet HTML 8Page - ON Semiconductor NCV47821_17 Datasheet HTML 9Page - ON Semiconductor NCV47821_17 Datasheet HTML 10Page - ON Semiconductor NCV47821_17 Datasheet HTML 11Page - ON Semiconductor NCV47821_17 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
NCV47821
www.onsemi.com
8
TYPICAL CHARACTERISTICS
Figure 10. Output Current Limit vs. RCSO
Figure 11. Output Current (% of ILIM) vs. CSO
Voltage
RCSO1,2 (kW)
Iout1,2, OUTPUT CURRENT (% of ILIM1,2)
22
20
16
12
10
6
2
0
0
50
100
150
200
250
300
350
100
80
70
50
40
30
10
0
0
0.5
1.0
1.5
2.0
2.5
3.0
Figure 12. Quiescent Current vs. Output
Current (Low Load)
Figure 13. Quiescent Current vs. Output
Current (High Load)
Iout1,2, OUTPUT CURRENT (mA)
Iout1,2, OUTPUT CURRENT (mA)
17.5
15.0
12.5
10.0
7.5
5.0
2.5
0
0
0.5
1.0
1.5
2.0
280
240
200
160
120
80
40
0
0
5
10
15
20
25
30
Figure 14. Output Current to CSO Current
Ratio vs. Output Current
Figure 15. Output Current to CSO Current
Ratio vs. Output Current (in dropout)
Iout1,2, OUTPUT CURRENT (mA)
Iout1,2, OUTPUT CURRENT (mA)
1000
100
10
1
88
90
94
98
100
106
108
112
1000
100
10
1
50
55
65
70
80
85
95
100
4
8
14
18
24 26
Vout1,2 = 3.3 V to 20 V
20
60
90
110
Vout1,2 = 3.3 V to 20 V
TJ = −40°C to 150°C
ILIM1,2, = 10 mA to 300 mA
20.0
TJ = 25°C
Vin = Vout_nom1,2 + 8.5 V
TJ = 25°C
Vin = Vout_nom1,2 + 8.5 V
92
96
102
104
110
TJ = 25°C
Vin = Vout_nom1,2 + 8.5 V
TJ = 25°C
Vin = 4.5 V
Vout_nom1,2 = 5 V
60
75
90


Similar Part No. - NCV47821_17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV47821PAAJR2G ONSEMI-NCV47821PAAJR2G Datasheet
181Kb / 15P
   3.3 V to 20 V Adjustable Dual LDO with Adjustable Current Limit and Diagnostic Features
May, 2016 ??Rev. 1
More results

Similar Description - NCV47821_17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV47821 ONSEMI-NCV47821 Datasheet
181Kb / 15P
   3.3 V to 20 V Adjustable Dual LDO with Adjustable Current Limit and Diagnostic Features
May, 2016 ??Rev. 1
NCV47822 ONSEMI-NCV47822 Datasheet
155Kb / 14P
   Dual High Side Switch with Adjustable Current Limit and Diagnostic Features
May, 2016 ??Rev. 0
NCV47721 ONSEMI-NCV47721 Datasheet
152Kb / 16P
   Adjustable LDO with Adjustable Current Limit
April, 2017 ??Rev. 1
NCV47722 ONSEMI-NCV47722 Datasheet
256Kb / 12P
   High Side Switch with Adjustable Current Limit and Diagnostic Features
July, 2020 ??Rev. 1
NCV47710 ONSEMI-NCV47710_17 Datasheet
129Kb / 12P
   Adjustable LDO Adjustable Current Limit
July, 2017 ??Rev. 2
logo
Texas Instruments
TPS2140 TI1-TPS2140_16 Datasheet
1Mb / 33P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
logo
ON Semiconductor
NCV47823 ONSEMI-NCV47823 Datasheet
133Kb / 15P
   Dual High Side Switch with Adjustable Constant Current and Diagnostic Features
December, 2017 ??Rev. 0
NCV47411 ONSEMI-NCV47411 Datasheet
128Kb / 14P
   3.3 V to 20 V Adjustable Dual LDO with Adjustable Current Limit and 3.3 V
December, 2013 ??Rev. 1
NCV47711 ONSEMI-NCV47711_17 Datasheet
128Kb / 12P
   Adjustable LDO with Adjustable Current Limit and 3.3 V Logic Compatible Enable Input
July, 2017 ??Rev. 2
logo
Fairchild Semiconductor
FPF2310 FAIRCHILD-FPF2310_10 Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com