Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5253B-8GDPR5 Datasheet(PDF) 7 Page - ON Semiconductor

Part # CS5253B-8GDPR5
Description  3.0 A LDO 5-Pin 2.5 V Fixed Linear Regulator for Remote Sense Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5253B-8GDPR5 Datasheet(HTML) 7 Page - ON Semiconductor

  CS5253B-8GDPR5 Datasheet HTML 1Page - ON Semiconductor CS5253B-8GDPR5 Datasheet HTML 2Page - ON Semiconductor CS5253B-8GDPR5 Datasheet HTML 3Page - ON Semiconductor CS5253B-8GDPR5 Datasheet HTML 4Page - ON Semiconductor CS5253B-8GDPR5 Datasheet HTML 5Page - ON Semiconductor CS5253B-8GDPR5 Datasheet HTML 6Page - ON Semiconductor CS5253B-8GDPR5 Datasheet HTML 7Page - ON Semiconductor CS5253B-8GDPR5 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
CS5253B−8
http://onsemi.com
7
Figure 16. Remote Sense
CS5253B−8
VCONTROL
VPOWER
VOUT
VSENSE
GND
100
mF
+5.0 V
+3.3 V
+Load
Optional
GND
RDIS
RDIS
+
10
mF
+
33
mF
+
+
Local
Connections
Remote
Connections
−Load
Calculating Power Dissipation and Heatsink
Requirements
High power regulators such as the CS5253B−8 usually
operate at high junction temperatures. Therefore, it is
important to calculate the power dissipation and junction
temperatures accurately to ensure that an adequate heatsink
is used. Since the package tab is connected to VOUT on the
CS5253B−8, electrical isolation may be required for some
applications. Also, as with all high power packages, thermal
compound in necessary to ensure proper heat flow. For
added safety, this high current LDO includes an internal
thermal shutdown circuit
The thermal characteristics of an IC depend on the
following four factors: junction temperature, ambient
temperature, die power dissipation, and the thermal
resistance from the die junction to ambient air. The
maximum junction temperature can be determined by:
TJ(max) + TA(max) ) PD(max)
R
qJA
The maximum ambient temperature and the power
dissipation are determined by the design while the
maximum junction temperature and the thermal resistance
depend on the manufacturer and the package type. The
maximum power dissipation for a regulator is:
PD(max) + (VIN(max) * VOUT(min))IOUT(max)
) VIN(max)
IIN(max)
A heatsink effectively increases the surface area of the
package to improve the flow of heat away from the IC and
into the surrounding air. Each material in the heat flow path
between the IC and the outside environment has a thermal
resistance which is measured in degrees per watt. Like series
electrical resistances, these thermal resistances are summed
to determine the total thermal resistance between the die
junction and the surrounding air, RqJA. This total thermal
resistance is comprised of three components. These resistive
terms are measured from junction−to−case (RqJC),
case−to−heatsink (RqCS), and heatsink−to−ambient air
(RqSA). The equation is:
R
qJA + RqJC ) RqCS ) RqSA
The value for RqJC is 2.5°C/watt for the CS5253B−8 in the
D2PAK−5 package. For a high current regulator such as the
CS5253B−8 the majority of heat is generated in the power
transistor section. The value for RqSA depends on the
heatsink type, while the RqCS depends on factors such as
package type, heatsink interface (is an insulator and thermal
grease used?), and the contact area between the heatsink and
the package. Once these calculations are complete, the
maximum permissible value of RqJA can be calculated and
the proper heatsink selected. For further discussion on
heatsink selection, see our application note “Thermal
Management,” document number AND8036/D.


Similar Part No. - CS5253B-8GDPR5

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5253B-8GDPR5 ONSEMI-CS5253B-8GDPR5 Datasheet
81Kb / 8P
   3.0 A LDO 5?뭁in 2.5 V Fixed Linear Regulator for Remote Sense Applications
October, 2005??Rev. 6
CS5253B-8GDPR5G ONSEMI-CS5253B-8GDPR5G Datasheet
81Kb / 8P
   3.0 A LDO 5?뭁in 2.5 V Fixed Linear Regulator for Remote Sense Applications
October, 2005??Rev. 6
More results

Similar Description - CS5253B-8GDPR5

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5253B-8 ONSEMI-CS5253B-8_05 Datasheet
81Kb / 8P
   3.0 A LDO 5?뭁in 2.5 V Fixed Linear Regulator for Remote Sense Applications
October, 2005??Rev. 6
CS5253B-1 ONSEMI-CS5253B-1 Datasheet
85Kb / 10P
   3.0 A LDO 5-Pin Adjustable Linear Regulator with Remote Sense Applications
June, 2004 ??Rev. 5
CS5253-1 ONSEMI-CS5253-1 Datasheet
268Kb / 10P
   3.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006??Rev. 11
CS5203-3 ONSEMI-CS5203-3 Datasheet
172Kb / 6P
   3.0 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 7
logo
Cherry Semiconductor Co...
CS52510-1 CHERRY-CS52510-1 Datasheet
154Kb / 9P
   10A LDO 5-Pin Adjustable Linear Regulator
CS5257A-1 CHERRY-CS5257A-1 Datasheet
173Kb / 9P
   7A LDO 5-Pin Adjustable Linear Regulator
CS5258-1 CHERRY-CS5258-1 Datasheet
153Kb / 9P
   8A LDO 5-Pin Adjustable Linear Regulator
CS5253-1 CHERRY-CS5253-1 Datasheet
171Kb / 9P
   3A LDO 5-Pin Adjustable Linear Regulator
logo
Orister Corporation
RS7110 ORISTER-RS7110 Datasheet
599Kb / 9P
   1.5A Fixed Voltage LDO Linear Regulator
logo
E-CMOS Corporation
EC8815 E-CMOS-EC8815 Datasheet
578Kb / 10P
   1.5A Fixed Voltage LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com